Part Number Hot Search : 
PU7457 AS324PE1 BAT54AW RG12864D ADM7008 F8HTYZ 1N538 DT74FCT
Product Description
Full Text Search
 

To Download SPW11N60S508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2008-02-11 rev. 2.4 page 1 spw11n60s5 cool mos? power transistor v ds 600 v r ds(on) 0.38 ? i d 11 a feature ? new revolutionary high voltage technology ? ultra low gate charge ? periodic avalanche rated ? extreme d v /d t rated ? ultra low effective capacitances ? improved transconductance p g -to247 type package ordering code spw11n60s5 p g -to247 q67040-s4239 marking 11n60s5 maximum ratings parameter symbol value unit continuous drain current t c = 25 c t c = 100 c i d 11 7 a pulsed drain current, t p limited by t j ma x i d p uls 22 avalanche energy, single pulse i d = 5.5 a, v dd = 50 v e as 340 mj avalanche energy, repetitive t ar limited by t jmax 1 ) i d = 11 a, v dd = 50 v e ar 0.6 avalanche current, repetitive t ar limited by t j ma x i ar 11 a gate source voltage v gs 20 v gate source voltage ac (f >1hz) v gs 30 power dissipation, t c = 25c p tot 125 w operating and storage temperature t j , t st g -55... +150 c please note the new package dimensions arccording to pcn 2009-134-a
2008-02-11 rev. 2.4 page 2 spw11n60s5 maximum ratings parameter symbol value unit drain source voltage slope v ds = 480 v, i d = 11 a, t j = 125 c d v /d t 20 v/ns thermal characteristics parameter symbol values unit min. typ. max. thermal resistance, junction - case r thjc - - 1 k/w thermal resistance, junction - ambient, leaded r thja - - 62 soldering temperature, wavesoldering 1.6 mm (0.063 in.) from case for 10s t sold - - 260 c electrical characteristics, at t j=25c unless otherwise specified parameter symbol conditions values unit min. typ. max. drain-source breakdown voltage v (br)dss v gs =0v, i d =0.25ma 600 - - v drain-source avalanche breakdown voltage v (br)ds v gs =0v, i d =11a - 700 - gate threshold voltage v gs(th) i d =500 ? , v gs = v ds 3.5 4.5 5.5 zero gate voltage drain current i dss v ds =600v, v gs =0v, t j =25c, t j =150c - - - - 25 250 a gate-source leakage current i gss v gs =20v, v ds =0v - - 100 na drain-source on-state resistance r ds(on) v gs =10v, i d =7a, t j =25c t j =150c - - 0.34 0.92 0.38 - ? gate input resistance r g f =1mhz, open drain - 29 - please note the new package dimensions arccording to pcn 2009-134-a
2008-02-11 rev. 2.4 page 3 spw11n60s5 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol conditions values unit min. typ. max. characteristics transconductance g fs v ds 2* i d * r ds(on)max , i d =7a - 6 - s input capacitance c iss v gs =0v, v ds =25v, f =1mhz - 1460 - pf output capacitance c oss - 610 - reverse transfer capacitance c rss - 21 - effective output capacitance, 2) energy related c o(er) v gs =0v, v ds =0v to 480v - 45 - pf effective output capacitance, 3) time related c o(tr) - 85 - turn-on delay time t d(on) v dd =350v, v gs =0/10v, i d =11a, r g =6.8 ? - 130 - ns rise time t r - 35 - turn-off delay time t d(off) - 150 225 fall time t f - 20 30 gate charge characteristics gate to source charge q gs v dd =350v, i d =11a - 10.5 - nc gate to drain charge q gd - 24 - gate charge total q g v dd =350v, i d =11a, v gs =0 to 10v - 41.5 54 gate plateau voltage v (plateau) v dd =350v, i d =11a - 8 - v 1 repetitve avalanche causes additional power losses that can be calculated as p av = e ar * f . 2 c o(er) is a fixed capacitance that gives the same stored energy as c oss while v ds is rising from 0 to 80% v dss . 3 c o(tr) is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss . please note the new package dimensions arccording to pcn 2009-134-a
2008-02-11 rev. 2.4 page 4 spw11n60s5 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol conditions values unit min. typ. max. inverse diode continuous forward current i s t c =25c - - 11 a inverse diode direct current, pulsed i sm - - 22 inverse diode forward voltage v sd v gs =0v, i f = i s - 1 1.2 v reverse recovery time t rr v r =350v, i f = i s , d i f /d t =100a/s - 650 1105 ns reverse recovery charge q rr - 7.9 - c typical transient thermal characteristics symbol value unit symbol value unit typ. typ. thermal resistance r th1 0.015 k/w r th2 0.03 r th3 0.056 r th4 0.197 r th5 0.216 r th6 0.083 thermal capacitance c th1 0.0001878 ws/k c th2 0.0007106 c th3 0.000988 c th4 0.002791 c th5 0.007285 c th6 0.063 external heatsink t j t case t amb c th1 c th2 r th1 r th,n c th,n p tot (t) please note the new package dimensions arccording to pcn 2009-134-a
2008-02-11 rev. 2.4 page 5 spw11n60s5 1 power dissipation p tot = f ( t c ) 0 20 40 60 80 100 120 c 160 t c 0 10 20 30 40 50 60 70 80 90 100 110 120 w 140 spw11n60s5 p tot 2 safe operating area i d = f ( v ds ) parameter : d = 0 , t c =25c 10 0 10 1 10 2 10 3 v v ds -2 10 -1 10 0 10 1 10 2 10 a i d tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms dc 3 transient thermal impedance z thjc = f ( t p ) parameter: d = t p / t 10 -7 10 -6 10 -5 10 -4 10 -3 10 -1 s t p -4 10 -3 10 -2 10 -1 10 0 10 1 10 k/w z thjc d = 0.5 d = 0.2 d = 0.1 d = 0.05 d = 0.02 d = 0.01 single pulse 4 typ. output characteristic i d = f ( v ds ); t j =25c parameter: t p = 10 s, v gs 0 5 10 15 v ds 25 v 0 5 10 15 20 25 a 35 i d 6v 7v 8v 9v 20v 12v 10v please note the new package dimensions arccording to pcn 2009-134-a
2008-02-11 rev. 2.4 page 6 spw11n60s5 5 typ. output characteristic i d = f ( v ds ); t j =150c parameter: t p = 10 s, v gs 0 5 10 15 v 25 v ds 0 2 4 6 8 10 12 14 a 18 i d 6v 7v 8v 9v 20v 12v 10v 6 typ. drain-source on resistance r ds(on) = f ( i d ) parameter: t j =150c, v gs 0 2 4 6 8 10 12 14 a 18 i d 0 0.5 1 m ? 2 r ds(on) 20v 12v 10v 9v 8v 7v 6v 7 drain-source on-state resistance r ds(on) = f ( t j ) parameter : i d = 7 a, v gs = 10 v -60 -20 20 60 100 c 180 t j 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 ? 2.1 spw11n60s5 r ds(on) typ 98% 8 typ. transfer characteristics i d = f ( v gs ); v ds 2 x i d x r ds(on)max parameter: t p = 10 s 0 4 8 12 v 20 v gs 0 4 8 12 16 20 24 a 32 i d 25 c 150 c please note the new package dimensions arccording to pcn 2009-134-a
2008-02-11 rev. 2.4 page 7 spw11n60s5 9 typ. gate charge v gs = f ( q gate ) parameter: i d = 11 a pulsed 0 10 20 30 40 50 nc 65 q gate 0 2 4 6 8 10 12 v 16 spw11n60s5 v gs 0.2 v ds max 0.8 v ds max 10 forward characteristics of body diode i f = f (v sd ) parameter: t j , t p = 10 s 0 0.4 0.8 1.2 1.6 2 2.4 v 3 v sd -1 10 0 10 1 10 2 10 a spw11n60s5 i f t j = 25 c typ t j = 25 c (98%) t j = 150 c typ t j = 150 c (98%) 11 avalanche soa i ar = f ( t ar ) par.: t j 150 c 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 4 s t ar 0 1 2 3 4 5 6 7 8 9 a 11 i ar t j (start) =125c t j (start) =25c 12 avalanche energy e as = f ( t j ) par.: i d = 5.5 a, v dd = 50 v 20 40 60 80 100 120 c 160 t j 0 50 100 150 200 250 mj 350 e as please note the new package dimensions arccording to pcn 2009-134-a
2008-02-11 rev. 2.4 page 8 spw11n60s5 13 drain-source breakdown voltage v (br)dss = f ( t j ) -60 -20 20 60 100 c 180 t j 540 560 580 600 620 640 660 680 v 720 spw11n60s5 v (br)dss 14 avalanche power losses p ar = f ( f ) parameter: e ar =0.6mj 10 4 10 5 10 6 hz f 0 50 100 150 200 w 300 p ar 15 typ. capacitances c = f ( v ds ) parameter: v gs =0v, f =1 mhz 0 100 200 300 400 v 600 v ds 0 10 1 10 2 10 3 10 4 10 pf c c iss c oss c rss 16 typ. c oss stored energy e oss = f ( v ds ) 0 100 200 300 400 v 600 v ds 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 j 7.5 e oss please note the new package dimensions arccording to pcn 2009-134-a
2008-02-11 rev. 2.4 page 9 spw11n60s5 definition of diodes switching characteristics please note the new package dimensions arccording to pcn 2009-134-a
8211 rev. 2.4 pdjh 63:116s5 3 g72 please note the new package dimensions arccording to pcn 2009-134-a
2008-02-11 rev. 2.4 page 11 63:116s5 please note the new package dimensions arccording to pcn 2009-134-a
data sheet erratum pcn 2009-134-a new package outlines to-247 final data sheet erratum rev. 2.0, 2010-02-01 1 new package outlines to-247 assembly capacity extension for coolmostm technology products assembled in lead-free package pg-to247-3 at subcon tractor ase (weihai) inc., chin a (changes are marked in blue . ) figure 1 outlines to-247, dimensions in mm/inches


▲Up To Search▲   

 
Price & Availability of SPW11N60S508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X