Part Number Hot Search : 
IHA910 HT9480 FLT100U MC33039P TEF6657 0512T 0512T EL8173
Product Description
Full Text Search
 

To Download SPU03N60S5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semiconductor group 02 / 1999 1 SPU03N60S5 spd03n60s5 preliminary data cool mos ? power transistor new revolutionary high voltage technology ultra low gate charge periodic avalanche proved extreme d v /d t rated optimized capacitances improved noise immunity former development designation: spux4n60s5/spdx4n60s5 g,1 d,2 s,3 c power semiconductors o o l mos type v ds i d r ds ( on ) package marking ordering code SPU03N60S5 spd03n60s5 600 v 3.2 a 1.4 w p-to251-3-1 p-to252 03n60s5 03n60s5 q67040-s4227 q67040-s4187 maximum ratings , at t j = 25 c, unless otherwise specified parameter symbol value unit continuous drain current t c = 25 c t c = 100 c i d 3.2 2 a pulsed drain current, t p = 1ms 1) t c = 25 c i d puls 5.7 avalanche energy, single pulse i d = 3.2 a, v dd = 50 v, r gs = 25 w periodic avalanche energy e ar only limited by t jmax e as 100 mj reverse diode d v /d t i s = 3.2 a, v ds < v dss , d i /d t = 100 a/s, t jmax = 150 c d v /d t 6 kv/s gate source voltage v gs 20 v power dissipation t c = 25 c p tot 38 w operating and storage temperature t j , t stg -55 ...+150 c
semiconductor group 02 / 1999 2 SPU03N60S5 spd03n60s5 preliminary data electrical characteristics parameter symbol values unit at t j = 25 c, unless otherwise specified min. typ. max. thermal characteristics thermal resistance, junction - case r thjc - - 3.3 k/w thermal resistance, junction - ambient (leaded and through-hole packages) r thja - - 75 smd version, device on pcb: @ min. footprint @ 6 cm 2 cooling area 2) r thja - - - - 75 50 static characteristics drain- source breakdown voltage v gs = 0 v, i d = 0.25 ma v (br)dss 600 - - v gate threshold voltage, v gs = v ds i d = 135 a, t j = 25 c v gs(th) 3.5 4.5 5.5 zero gate voltage drain current, v ds = v dss v gs = 0 v, t j = 25 c v gs = 0 v, t j = 150 c i dss - - 0.5 - 1 70 a gate-source leakage current v gs = 20 v, v ds = 0 v i gss - - 100 na drain-source on-state resistance v gs = 10 v, i d = 2 a r ds(on) - 1.26 1.4 w 1 current limited by t jmax 2 device on 50mm*50mm*1.5mm epoxy pcb fr4 with 6 cm2 (one layer, 70m thick) copper area for drain connection. pcb is vertical without blown air.
semiconductor group 02 / 1999 3 SPU03N60S5 spd03n60s5 preliminary data electrical characteristics parameter symbol values unit at t j = 25 c, unless otherwise specified min. typ. max. characteristics transconductance v ds 3 2* i d * r ds(on)max , i d = 2 a g fs - 1.8 - s input capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c iss - 440 pf output capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c oss - 230 reverse transfer capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c rss - 12 turn-on delay time v dd = 350 v, v gs = 10 v, i d = 3.2 a, r g = 20 w t d(on) - 40 ns rise time v dd = 350 v, v gs = 10 v, i d = 3.2 a, r g = 20 w t r - 30 - turn-off delay time v dd = 350 v, v gs = 10 v, i d = 3.2 a, r g = 20 w t d(off) - 60 fall time v dd = 350 v, v gs = 10 v, i d = 3.2 a, r g = 20 w t f - 30 -
semiconductor group 02 / 1999 4 SPU03N60S5 spd03n60s5 preliminary data electrical characteristics parameter symbol values unit at t j = 25 c, unless otherwise specified min. typ. max. gate charge characteristics gate-source charge i d = 3.2 a, v dd = 350 v q gs - 3 - nc gate-drain charge i d = 3.2 a, v dd = 350 v q gd - 7.5 - total gate charge v dd = 350 v, i d = 3.2 a, v gs = 0 to 10 v q g - 12.8 - reverse diode inverse diode continuous forward current t c = 25 c i s - - 3.2 a inverse diode direct current,pulsed t c = 25 c i sm - - 5.7 inverse diode forward voltage v gs = 0 v, i f = 3.2 a v sd - 1 1.2 v reverse recovery time v r = 350 v, i f = i s , d i f /d t = 100 a/s t rr - 1000 - ns reverse recovery charge v r = 350 v, i f = l s , d i f /d t = 100 a/s q rr - 2.3 - c
semiconductor group 02 / 1999 5 SPU03N60S5 spd03n60s5 preliminary data drain current i d = f ( t c ) parameter: v gs 3 10 v 0 20 40 60 80 100 120 c 160 t j 0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 a 3.4 SPU03N60S5 i d power dissipation p tot = f ( t c ) 0 20 40 60 80 100 120 c 160 150 0 4 8 12 16 20 24 28 32 w 40 SPU03N60S5 p tot transient thermal impedance z thjc = f(t p ) parameter: d=t p /t 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 s t p -2 10 -1 10 0 10 1 10 k/w z thjc d=0.5 d=0.2 d=0.1 d=0.05 d=0.02 d=0.01 single pulse safe operating area i d = f ( t c ) parameter: d =0.01, t c =25c 10 0 10 1 10 2 10 3 v v ds -2 10 -1 10 0 10 1 10 a SPU03N60S5 i d r d s ( o n ) = v d s / i d dc 10 ms 1 ms 100 s t p = 16.0 s
semiconductor group 02 / 1999 6 SPU03N60S5 spd03n60s5 preliminary data drain-source on-resistance r ds(on) = f ( t j ) parameter : i d = 2 a, v gs = 10 v -60 -20 20 60 100 c 180 t j 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 w 5.5 SPU03N60S5 r ds(on) typ 98% typ. output characteristic i d = f(v ds ); t j =25c parameter: v gs 0 4 8 12 16 20 v 26 v ds 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 a 8.5 i d 7v 9v 17v 13v 11v typ. capacitances c = f( v ds ) parameter: v gs =0 v, f =1 mhz 0 10 20 30 40 50 60 70 80 v 100 v ds -1 10 0 10 1 10 2 10 3 10 4 10 pf c ciss coss crss typ. transfer characteristics i d = f ( v gs ) parameter: t p = 80 s v ds 3 2 x i d x r ds(on)max 0 2 4 6 8 10 12 14 16 v 20 v gs 0 1 2 3 4 5 6 7 8 a 10 i d
semiconductor group 02 / 1999 7 SPU03N60S5 spd03n60s5 preliminary data avalanche energy e as = f ( t j ) parameter: i d = 3.2 a, v dd = 50 v r gs = 25 w 20 40 60 80 100 120 c 160 t j 0 20 40 60 80 mj 120 e as gate threshold voltage v gs(th) = f ( t j ) parameter: v gs = v ds , i d = 135 a -60 -20 20 60 100 c 180 t j 0 1 2 3 4 5 v 7 v gs(th) typ. 98% 2% drain-source break down voltage v (br)dss = f ( t j ) -60 -20 20 60 100 c 180 t j 500 520 540 560 580 600 620 640 660 v 700 v (br)dss forward characteristics of reverse diode i f = f (v sd ) parameter: t j , t p = 80 s 0.0 0.4 0.8 1.2 1.6 2.0 2.4 v 3.0 v sd -2 10 -1 10 0 10 1 10 a SPU03N60S5 i f t j = 25 c typ t j = 25 c (98%) t j = 150 c typ t j = 150 c (98%)
semiconductor group 02 / 1999 8 SPU03N60S5 spd03n60s5 preliminary data typ. gate charge v gs = f ( q gate ) parameter: i dpuls = 3.2 a 0 2 4 6 8 10 12 14 16 nc 20 q g 0 2 4 6 8 10 12 v 16 SPU03N60S5 v gs ds max v 0,8 ds max v 0,2
semiconductor group 02 / 1999 9 SPU03N60S5 spd03n60s5 preliminary data p-to251-3-1 dimensions [mm] symbol min max a 6.47 6.73 b 5.25 5.41 c 4.19 4.43 d 0.63 0.89 e f 2.18 2.39 g 0.76 0.86 h 1.01 1.11 k 5.97 6.23 l 9.14 9.65 m 0.46 0.56 n 0.98 1.15 2.29 t y p.
semiconductor group 02 / 1999 10 SPU03N60S5 spd03n60s5 preliminary data p-to252 dimensions [mm] symbol min max a 6.40 6.73 b 5.25 5.50 c (0.65) (1.15) d 0.63 0.89 e f 2.19 2.39 g 0.76 0.98 h 0.90 1.21 k 5.97 6.23 l 9.40 10.40 m 0.46 0.58 n 0.87 1.15 p0.51 - r5.00 - s4.17 - t 0.26 1.02 u- - 2.28
semiconductor group 02 / 1999 11 SPU03N60S5 spd03n60s5 preliminary data edition 02 / 1999 published by siemens ag, bereich halbleiter vetrieb, werbung, balanstra?e 73, 81541 mnchen ? siemens ag 1997 all rights reserved. attention please! as far as patents or other rights of third parties are concerned, liability is only assumed for components, not for applications, processes and circuits implemented within components or assemblies. the information describes a type of component and shall not be considered as warranted characteristics. terms of delivery and rights to change design reserved. for questions on technology, delivery and prices please contact the semiconductor group offices in germany or the siemens companies and representatives worldwide (see address list). due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest siemens office, semiconductor group. siemens ag is an approved cecc manufacturer. packing please use the recycling operators known to you. we can also help you - get in touch with your nearest sales office. by agreement we will take packing material back, if it is sorted. you must bear the costs of transport. for packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs incurred. components used in life-support devices or systems must be expressly authorized for such purpose! critical components 1 of the semiconductor group of siemens ag, may only be used in life-support devices or systems 2 with the express written approval of the semiconductor group of siemens ag. 1)a critical component is a component used in a life-support device or system whose failure can reasonably be expected to cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system. 2)life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain and sustain and/or protecf human life. if they fail, it is reasonable to assume that the health of the user or other p ersons ma y be endan g ered.


▲Up To Search▲   

 
Price & Availability of SPU03N60S5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X