Part Number Hot Search : 
UMH2N M3307 TLYU267 0F0E0 A100K M5324 11123SCL HCT138
Product Description
Full Text Search
 

To Download SPU03N60S508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2008-04-07 rev. 2.5 page 1 spu03n60s5 spd03n60s5 cool mos? power transistor v ds 600 v r ds(on) 1.4 ? i d 3.2 a feature ? new revolutionary high voltage technology ? ultra low gate charge ? periodic avalanche rated ? extreme d v /d t rated ? ultra low effective capacitances ? improved transconductance pg-to251 pg-to252 1 3 2 1 3 2 type package ordering code spu03n60s5 p g -to251 q67040-s4227 spd03n60s5 p g -to252 q67040-s4187 marking 03n60s5 03n60s5 maximum ratings parameter symbol value unit continuous drain current t c = 25 c t c = 100 c i d 3.2 2 a pulsed drain current, t p limited by t j ma x i d p uls 5.7 avalanche energy, single pulse i d = 2.4 a, v dd = 50 v e as 100 mj avalanche energy, repetitive t ar limited by t jmax 1 ) i d = 3.2 a, v dd = 50 v e ar 0.2 avalanche current, repetitive t ar limited by t j ma x i ar 3.2 a gate source voltage v gs 20 v gate source voltage ac (f >1hz) v gs 30 power dissipation, t c = 25c p tot 38 w operating and storage temperature t j , t st g -55... +150 c
2008-04-07 rev. 2.5 page 2 spu03n60s5 spd03n60s5 maximum ratings parameter symbol value unit drain source voltage slope v ds = 480 v, i d = 3.2 a, t j = 125 c d v /d t 20 v/ns thermal characteristics parameter symbol values unit min. typ. max. thermal resistance, junction - case r thjc - - 3.3 k/w thermal resistance, junction - ambient, leaded r thja - - 75 smd version, device on pcb: @ min. footprint @ 6 cm 2 cooling area 2) r thja - - - - 75 50 soldering temperature, *) 1.6 mm (0.063 in.) from case for 10s t sold - - 260 c electrical characteristics, at t j=25c unless otherwise specified parameter symbol conditions values unit min. typ. max. drain-source breakdown voltage v (br)dss v gs =0v, i d =0.25ma 600 - - v drain-source avalanche breakdown voltage v (br)ds v gs =0v, i d =3.2a - 700 - gate threshold voltage v gs(th) i d =135  , v gs = v ds 3.5 4.5 5.5 zero gate voltage drain current i dss v ds =600v, v gs =0v, t j =25c, t j =150c - - 0.5 - 1 70 a gate-source leakage current i gss v gs =20v, v ds =0v - - 100 na drain-source on-state resistance r ds(on) v gs =10v, i d =2a, t j =25c t j =150c - - 1.26 3.4 1.4 -  *) to252: reflow soldering, msl3; to251: wavesoldering
2008-04-07 rev. 2.5 page 3 spu03n60s5 spd03n60s5 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol conditions values unit min. typ. max. characteristics transconductance g fs v ds  2* i d * r ds(on)max , i d =2a - 1.8 - s input capacitance c iss v gs =0v, v ds =25v, f =1mhz - 420 - pf output capacitance c oss - 150 - reverse transfer capacitance c rss - 3.6 - turn-on delay time t d(on) v dd =350v, v gs =0/10v, i d =3.2a, r g =20  - 35 - ns rise time t r - 25 - turn-off delay time t d(off) - 40 - fall time t f - 15 22.5 gate charge characteristics gate to source charge q gs v dd =350v, i d =3.2a - 3.5 - nc gate to drain charge q gd - 7 - gate charge total q g v dd =350v, i d =3.2a, v gs =0 to 10v - 12.4 16 gate plateau voltage v (plateau) v dd =350v, i d =3.2a - 8 - v 1 repetitve avalanche causes additional power losses that can be calculated as p av = e ar * f . 2 device on 40mm*40mm*1.5mm epoxy pcb fr4 with 6cm2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical without blown air.
2008-04-07 rev. 2.5 page 4 spu03n60s5 spd03n60s5 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol conditions values unit min. typ. max. inverse diode continuous forward current i s t c =25c - - 3.2 a inverse diode direct current, pulsed i sm - - 5.7 inverse diode forward voltage v sd v gs =0v, i f = i s - 1 1.2 v reverse recovery time t rr v r =350v, i f = i s , d i f /d t =100a/s - 1000 1700 ns reverse recovery charge q rr - 2.3 - c typical transient thermal characteristics symbol value unit symbol value unit typ. typ. thermal resistance r th1 0.054 k/w r th2 0.103 r th3 0.178 r th4 0.757 r th5 0.682 r th6 0.202 thermal capacitance c th1 0.00005232 ws/k c th2 0.0002034 c th3 0.0002963 c th4 0.0009103 c th5 0.002084 c th6 0.024 external heatsink t j t case t amb c th1 c th2 r th1 r th,n c th,n p tot (t)
2008-04-07 rev. 2.5 page 5 spu03n60s5 spd03n60s5 1 power dissipation p tot = f ( t c ) 0 20 40 60 80 100 120 c 160 t c 0 4 8 12 16 20 24 28 32 w 40 spu03n60s5 p tot 2 safe operating area i d = f ( v ds ) parameter : d = 0 , t c =25c 10 0 10 1 10 2 10 3 v v ds -2 10 -1 10 0 10 1 10 a i d tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms dc 3 transient thermal impedance z thjc = f ( t p ) parameter: d = t p / t 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 s t p -2 10 -1 10 0 10 1 10 k/w z thjc 4 typ. output characteristic i d = f ( v ds ); t j =25c parameter: t p = 10 s, v gs 0 5 10 15 v 25 v ds 0 1 2 3 4 5 6 7 8 a 10 i d 7v 7.5v 8v 8.5v 9v 10v 6.5v 20v 12v
2008-04-07 rev. 2.5 page 6 spu03n60s5 spd03n60s5 5 drain-source on-state resistance r ds(on) = f ( t j ) parameter : i d = 2 a, v gs = 10 v -60 -20 20 60 100 c 180 t j 0 1 2 3 4 5 6  8 spu03n60s5 r ds(on) typ 98% 6 typ. transfer characteristics i d = f ( v gs ); v ds  2 x i d x r ds(on)max parameter: t p = 10 s 0 4 8 12 v 20 v gs 0 1 2 3 4 5 6 a 8 i d 7 typ. gate charge v gs = f ( q gate ) parameter: i d = 3.2 a pulsed 0 2 4 6 8 10 12 14 16 nc 19 q gate 0 2 4 6 8 10 12 v 16 spu03n60s5 v gs 0.2 v ds max 0.8 v ds max 8 forward characteristics of body diode i f = f (v sd ) parameter: t j , t p = 10 s 0 0.4 0.8 1.2 1.6 2 2.4 v 3 v sd -2 10 -1 10 0 10 1 10 a spu03n60s5 i f t j = 25 c typ t j = 25 c (98%) t j = 150 c typ t j = 150 c (98%)
2008-04-07 rev. 2.5 page 7 spu03n60s5 spd03n60s5 9 avalanche soa i ar = f ( t ar ) par.: t j  150 c 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 4 s t ar 0 0.5 1 1.5 2 2.5 a 3.5 i ar t j(start) =25c t j(start) =125c 10 avalanche energy e as = f ( t j ) par.: i d = 2.4 a, v dd = 50 v 20 40 60 80 100 120 c 160 t j 0 20 40 60 80 mj 120 e as 11 drain-source breakdown voltage v (br)dss = f ( t j ) -60 -20 20 60 100 c 180 t j 540 560 580 600 620 640 660 680 v 720 spu03n60s5 v (br)dss 12 typ. capacitances c = f ( v ds ) parameter: v gs =0v, f =1 mhz 0 10 20 30 40 50 60 70 80 v 100 v ds 0 10 1 10 2 10 3 10 4 10 pf c c iss c oss c rss
2008-04-07 rev. 2.5 page 8 spu03n60s5 spd03n60s5 definition of diodes switching characteristics
2008-04-07 rev. 2.5 page 9 spu03n60s5 spd03n60s5 p g -to252-3-1, pg-to252-3-11, pg-to252-3-21 (d-pak)
2008-04-07 rev. 2.5 page 10 spu03n60s5 spd03n60s5 pg-to251-3-1, pg-to251-3-21 (i-pak)
2008-04-07 rev. 2.5 page 11 spu0 3 n60 s5 spd0 3 n60 s5


▲Up To Search▲   

 
Price & Availability of SPU03N60S508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X