w w w . l u m e x . c o m www.lumex.com 198 1 29 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 usa/canada +1-800-278-5666 asia +886-3-5821124 europe +49-6081-964380 usa/canada +1-847-359-8904 asia +886-3-5821154 europe +49-6081-964381 high power leds with domed lens sml-lx1610 astraleds tm with domed lens sml-lx1610 (astraleds tm ) package style applications/uses ? lcd backlighting ? illuminating signs/artwork ? decorative lighting ? warning and alarm lights ? state-of-the -art, high brightness chip technology ? choice of colors and lens finishes ? easy-to-solder leads, tin finish ? smt package eliminates thru-hole soldering ? very long operational life features/options lumex part number die material emitted color peak (nm) lens axial intensity @ if=350ma v f typ @ if=350ma view angle 2 sml-lx1610sic alingap red 625 clear 2.1 22 lm 70 sml-lx1610syc alingap yellow 590 clear 2.1 22 lm 70 SML-LX1610UPGC ingan green 525 clear 3.5 25 lm 70 sml-lx1610usbc ingan blue 470 clear 3.5 5 lm 70 sml-lx1610uwc ingan white - clear 3.5 30 lm 70
|