Part Number Hot Search : 
NTE389 0512E 2412WI AN1703 PQGPP RS404 6N90C ST626XB
Product Description
Full Text Search
 

To Download SL0822101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet ametherm, inc . 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.com part number: sl08 22101 ordering different lead types: for example: to order an inside kinked lead use part number sl08 22101 -a electrical specifications: mechanical specifications: csa file #: ca 118061 revision date: march 19, 2003 inside kinked leads use -a after ametherm?s part # outside kinked leads not available resistance @ 25c 220.0 ? 25% max steady state current up to 65c 1.0 a max recommended en ergy rating (jou les) 8.0 j a ctual failure point of instantane ous energy (joules) 16.0 j resistance @ 100% of max current 1.90 ? resistance @ 50% of max current 4.14 ? body temperature @ 100% current rating 152 c dissipation constant 9.0mw/c thermal time constant 20 seconds material type ?m? max recommended capacitance @ 120 vac 450 f max operating temperature 150c d 8.0 0.5 mm t 4.0 0.5 mm lead diameter 0.5 0.1 mm s 6.4 2.0 mm l 38.0 3.0 mm straight leads coating run down 5.0 1.0 mm b 11.5 3.50 mm c 1.50 0.2 mm l outside kinked leads s straight leads b inside kinked leads s s d d d c t


▲Up To Search▲   

 
Price & Availability of SL0822101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X