Part Number Hot Search : 
R7000 BR502 TX005 C3129 KBL404G NTE1172 196P61 MNTWG
Product Description
Full Text Search
 

To Download SEAM-30-035-S-10-2-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  do not scale from this print seam-xx-xx.x-xx-xx-x-a-xx-k-tr no of positions option -gp: guide post (see fig. 8, sht 5) (only available with -02.0 lead style, 4 & 6 row, 20, 30, 40, & 50 position) **-ep: extended guide post (see fig. 10, sht 5) (only available with -02.0& -03.5 lead style, 20, 30, 40, & 50 position) lead style -02.0 (see table 1&2) -03.0(see table 1&2) -03.5(see table 1&2) -06.5 (see table 9 &10) -07.0 (see table 9 &10) -09.0 (see table 9 &10) -11.0 (see table 9 &10) -13.0 (see table 9 &10) -1: 63% tin / 37% lead charge tail (use sub-t-1m3x-xx.x-x-1) -2: 95.5% tin / 3.8% silver / .7% copper charge tail (use sub-t-1m3x-xx.x-x-2) solder composition & style -04: 4 rows (see fig 13, sht 6) (not available in -13.0 lead style) -05: 5 rows (see fig. 7, sht 4) -06: 6 rows (see fig. 6, sht 4) -08: 8 rows (see fig. 1) -10: 10 rows (see fig. 2, sht 2) row * ***-10,*****-15,****-19 -20, ******-25, -30, -40, -50 (per row) alignment pin (see fig. 3, sht 2) (not available with -19 position) (see note 7) polyimide pad (see fig. 4, sht 2) (see note 8) dot applicator-kapton tape. -04 row: use k-dot-.138-.250-.005 -05/-06 row: use k-dot-.236-.343-.005 -08 row: use k-dot-.325-.450-.005 -10 row: use k-dot-.404-.500-.005 -l: light gold in contact area, matte tin on tail -(lead style -02.0 thru-03.5: use sub-t-1m36-xx.x-l-x) -(lead style -06.5 thru-13.0: use sub-t-1m38-xx.x-l-x) -sm: selective gold in contact area, matte tin on tail -(lead style -02.0 thru-03.5: use sub-t-1m36-xx.x-s-x -(lead style -06.5 thru-13.0: use sub-t-1m38-xx.x-s-x)) -s: selective gold in contact area, matte tin on tail -(lead style -02.0 thru-03.5: use sub-t-1m36-xx.x-s-x) -(lead style -06.5 thru-13.0: use sub-t-1m38-xx.x-s-x) plating specification tape & reel (see notes 9, 10 & 11) an * = not tooled ** = not released for production *** = 10 position only available in 4 row **** = only available with -03.5 lead style & 6 row ***** = only available in a 10 row = only available in 8 & 10 row ****** = only available with -03.5 lead style & 4 row (ref) "e" ref "a" (ref) "c" .060 1.52 ref .035 ref 0.89 (ref) 'f" "b" ref "g" ref (typ) "h" .0500 (typ) 1.270 .123 3.12 ref "a" "a" fig. 1 -08: 8 row (seam-30-02.0-xx-08-1-a-xx-k-tr shown) (some center features, including -k, not shown for clarity) c c c l c l pin 08 pin 01 "j" ref .040 1.02 ref "d" (typ) .050 (typ) 1.27 'b' c c seam-xx-xx.x-8 c l c l c l .004 0.10 (see note 6) "t" (see note 6) detail 'b' scale 7 : 1 c c "u" patent number 7172438 c * = not tooled (see sheet 3 for lead styles -06.5 thru -13.0) (see sheet 3 for lead styles -06.5 thru -13.0) an sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01 [.3] 2 .xxx: .005 [.13] .xxxx: .0020 [.051] material: .050 pitch terminal array assembly by: seam-xx-xx.x-xx-xx-x-a-xx-k-tr dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 06/02/2004 6 1 sheet scale: 2:1 insulator: lcp, color: black terminal: copper alloy f:\dwg\misc\mktg\seam-xx-xx.x-xx-xx-x-a-xx-k-tr-mkt.slddrw notes: 1. represents a critical dimension. 2. minimum pushout force: 0.75 lbs. 3. note deleted. 4. 5 row solder tails are not symmetrical with body width (.378[9.60]); see fig. 7, sheet 4. 5. c18 to be inspected optically while focused on this surface. 6. dimension to be measured in all four corners. 7. without -a available for existing customers only as of revision ad. 8. polyimide pad will be supplied whether or not -k is specified. 9. tape & reel will be supplied whether or not -tr is specified. 10. for quantities up to 49 pieces, no leader, trailer, or reel will be supplied. for quantities 50 - 124, no leader or trailer will be supplied. 11. attach label "seax-0001" to each tape & reel package. 12. see recommended footprint drawing for stencil requirements. 13. solder charge volume is 0.891 x 10^-5 in ^3 ref. 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 revision an
.044 ref 1.12 .034 0.86 ref "e" ref "f" ref "g" ref (typ) "h" fig. 2 -10: 10 row (same as fig. 1, except as shown) (seam-30-02.0-xx-10-1-a-xx-k-tr shown) (some center features, including -k, not shown for clarity) c l c l pin 10 pin 01 .044 ref (typ) 1.12 .045 1.14 ref (typ) .044 1.12 .034 0.86 .040 1.02 ref .050 1.27 ref (ref) "k" -a: alignment pins applies to all -a option part numbers (same as fig. 1, except as shown) (seam-30-02.0-xx-08-1-a-xx-k-tr shown) (some contacts not shown for clarity) fig. 3 "t" ref 'c' c l "m"=(("a"(see table 3)-"n")/2)+ .020 "n" "s" .020[0.51] "m" .020[0.51] fig. 4 -k: polyimide pad (seam-30-02.0-xx-08-1-a-xx-k-tr shown) (same as fig. 1, except as shown) (all contacts not shown for clarity) c l c l (incl. polyimide film) "l" .056 .003 1.42 0.08 .050 ref 1.27 .056 - .004 + .002 1.42 - 0.10 + 0.05 (typ) .044 (typ) 1.12 .028 0.72 ref .016 .003 0.40 0.08 (typ) .011 0.28 ref section "a"-"a" scale 4 : 1 sub-t-1m36-xx.x-x-x c c c c l solder charge .034 0.86 .044 ref 1.12 detail 'c' scale 4 : 1 detail 'c' alternate construction * = not tooled sheet of .050 pitch terminal array assembly by: seam-xx-xx.x-xx-xx-x-a-xx-k-tr dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 06/02/2004 6 2 sheet scale: 2:1 revision an f:\dwg\misc\mktg\seam-xx-xx.x-xx-xx-x-a-xx-k-tr-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
(ref) "a" (ref) "f" (ref) (typ) "h" "c" (ref) (ref) "r" (ref) "g" "b" .050 1.27 c l c l c pin 01 pin 08 c "d" (typ) (ref) "q" .050 1.27 seam-30-00.1-xx-x seam-s-30-xx.x-xx-x sub-t-1m38-xx.x-x-x c l c l .050 (ref) 1.27 .056 1.42 "p" .016 .003 0.41 0.08 typ .044 (typ) 1.12 'd' seam-s-xx-xx.x-08-x seam-xx-00.1-x c l c l c scale 3.5:1 c c .028 0.72 .011 0.28 ref .053 - .003 + .002 1.35 - 0.08 + 0.05 .055 .002 1.41 0.05 detail 'd' scale 8 : 1 see note 5 c 'h' detail 'h' scale 16 : 1 .0088 .0008 0.224 0.020 c .007 0.18 ref -07.0 lead style (seam-xx-07.0-x-08-a-x shown) * = not tooled -06.5 thru -13.0 lead styles (same as fig. 1, except as shown) (seam-30-09.0-xx-08-x-a-xx-k-tr shown) (some center features, including -k, not shown for clarity) fig. 5 c c c l * = not tooled an sheet of .050 pitch terminal array assembly by: seam-xx-xx.x-xx-xx-x-a-xx-k-tr dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 06/02/2004 6 3 sheet scale: 2:1 revision an f:\dwg\misc\mktg\seam-xx-xx.x-xx-xx-x-a-xx-k-tr-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
ref "e" ref "f" .040 ref 1.02 .030 ref 0.76 "g" ref "h" ref (typ) c l c l pin 06 pin 01 seam-xx-xx.x-06-x -06: 6 rows (same as fig. 1, except as shown) (seam-20-02.0-xx-06-x-a-xx-k-tr shown) (some center features, including -k, not shown for clarity) fig. 6 ref "e" ref "f" .040 ref 1.02 .030 ref 0.76 "g" ref "h" ref (typ) fig. 7 -05: 5 rows (same as fig. 6, except as shown) (seam-20-02.0-xx-05-x-a-xx-k-tr shown) (see note 4) c l c l pin 05 pin 01 seam-xx-xx.x-05-x "f" "f" .378 ref 9.60 (see note 4) .072 1.83 (see note 4) .128 3.25 (see note 4) section "f"-"f" sheet of .050 pitch terminal array assembly by: seam-xx-xx.x-xx-xx-x-a-xx-k-tr dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 06/02/2004 6 4 sheet scale: 3:1 revision an f:\dwg\misc\mktg\seam-xx-xx.x-xx-xx-x-a-xx-k-tr-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
.059 1.49 .324 8.22 ref .120 3.05 ref .010 0.25 ref .070 ref 1.78 .498 12.65 ref .320 8.13 .020 sq. ref (typ) 0.51 "w" - .008 + .005 2 max sway (typ) wt-42-01-t c c c "v" ref .218 5.54 ref seam-xx-02.0-xx-x-gp 2.246 57.05 ref .180 4.57 ref .285 7.24 ref .117 sq. ref (typ) 2.97 "x" r .060 1.52 ref "y" wt-58-xx-x seam-xx-03.5-xx-x-ep c fig. 8 -gp: guide post option (only available with -02.0 lead style, 4 & 6 row, 20, 30, 40, & 50 positions) (mates with seaf right angle only) (same as fig. 1, except as shown) (seam-20-02.0-xx-06-2-a-gp-k-tr shown) (some contacts not shown for clarity) fig. 10 -ep: extended guide post option (only available with -02.0 & -03.5 lead styles, 4 & 6 row, 20, 30, 40, & 50 positions) (same as fig. 8, except as shown) (seam-20-03.5-xx-06-2-a-ep-k-tr shown) (some contacts not shown for clarity) sheet of .050 pitch terminal array assembly by: seam-xx-xx.x-xx-xx-x-a-xx-k-tr dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 06/02/2004 6 5 sheet scale: 2:1 revision an f:\dwg\misc\mktg\seam-xx-xx.x-xx-xx-x-a-xx-k-tr-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
"e" ref "f" ref "g" ref "h" ref pin 1 pin 4 fig. 9 -04: 4 row (same as fig. 1, except as shown) (seam-20-02.0-xx-04-1-a-xx-k-tr shown) (some center features, including -k, not shown for clarity) sheet of .050 pitch terminal array assembly by: dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing bratcher 06/02/2004 6 6 sheet scale:4:1 revision an f:\dwg\misc\mktg\seam-xx-xx.x-xx-xx-x-a-xx-k-tr-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 seam-xx-xx.x-xx-xx-x-a-xx-k-tr


▲Up To Search▲   

 
Price & Availability of SEAM-30-035-S-10-2-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X