sd103aws thru sd103cws 400mw small signal schottky diode 20 to 40 volts features ? guard ring construction for transient protection ? negligible reverse recovery time ? low reverse capacitance and low forward voltage drop ? marking : sd103aw s : s4 ,sd103bws: s5 , sd103cws: s6 maximum ratings ? operating temperature: -65 to +125 ? storage temperature: -65 to +125 ? maximum thermal resistance; 300 /w junction to ambient mcc part number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage sd103aws 40v 28v 40v sd103bws 30v 21v 30v sd103cws 20v 14v 20v electrical characteristics @ 25 unless otherwise specified average forward current i f(av) 350ma note 1 peak forward surge current i fsm 1.5a t 1.0s maximum power dissipation p d 200mw note 1 maximum instantaneous forward voltage v f 0.37v 0.60v i fm = 20ma i fm = 200ma maximum dc reverse current at rated dc blocking voltage i r 5.0a v r =30v(aws) v r =20v(bws) v r =10v(cws) typical junction capacitance c j 50pf measured at 1.0mhz, v r =0v typical reverse recovery time t rr 10ns i f =i r =200ma i rr =0.1i r r l =100 note:1.validprovidedthatelectrodesarekeptatambient temperature omp onents 2 0736 marilla street chatsworth
mcc tm micro commercial components www. mccsemi .com 1 of 3 ? lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) revision: a 2011/01/01 dimensions inches mm dim min m a x min m a x note a .090 .107 2.30 2.70 b .063 .071 1.60 1.80 c .045 .053 1.15 1.35 d .031 .045 0.80 1.15 e .010 .016 0.25 0.40 g .004 .018 0.10 0.45 h .004 .010 0.10 0.25 j ----- .006 ----- 0.15 a b e c j d h sod - 323 0.022 0.074" 0.027 suggested solder pad layout g epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
1.0 10 100 1000 0.10 0.01 0 0.5 1.0 i,f o rward current (ma) f v , forward voltage (v) fig. 1 typical forward characteristics f c , capacitance (pf) j v , reverse voltage (v) r fig. 2 typ. junction capacitance vs reverse voltage 100 0.1 1.0 10 010203040 sd103aws thru sd103cws mcc tm micro commercial components www. mccsemi .com 2 of 3 revision: a 20110101
mcc tm micro commercial components www. mccsemi .com 3 3 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.
|