Part Number Hot Search : 
L1029 B1015 SI210706 AM7201 09081 RA23097 2MC06010 UMA78
Product Description
Full Text Search
 

To Download OX-2226-EAJ-1080-20M00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  OX-2226-EAJ-1080-20M00 ocxo www.vectron.com modified 2011-05-12 index : 4 printed 2011- 05-12 ? page 1 of 5 vectron international ? product specifications ox-2226-eaj-1080 nominal frequency (f0) 20 mhz frequency stabilities parameter frequency stability operating temp. range over all (df/f0) -4.6 to 4.6 ppm vs. operating temp. range (df/f@25 c) -10 to 10 ppb -20 ... 70 c additional information drift 24 hr and 2.8c temp. change < 1ppb over all include: temp stab, supply, load stab, inital, 20 years aging s3e compliant according gr1244 parameter value condition initial tolerance (df/f0) -500 to 500 ppb @25 c vs. supply voltage change (df/f) -10 to 10 ppb static; 3.3 v 5 % vs. load change (df/f) -5 to 5 ppb static; load 5 % vs. aging / daily (df/f) < 1 ppb after 30 days ; @ 25 c vs. aging / month (df/f) < 25 ppb after 30 days ; @ 25 c vs. aging / year (df/f) < 100 ppb after 30 days ; @ 25 c vs. aging / 10 years (df/f) < 2.5 ppm after 30 days ; @ 25 c rf output parameter value condition signal lvcmos load 15 pf 10 % fan out 3 rise time < 10 ns @ 10 to 90 %vout fall time < 10 ns @ 90 to 10 %vout duty cycle 45 / 55 % @ 1.65 v v low x < 0.4 v v high x > 2.4 v supply voltage parameter value condition supply voltage (vs) 3.3 v 5 % current consumption steady state < 400 ma @ vsnom & 25 c current consumption during warm up < 950 ma @ vs additional parameters parameter typ. max. condition phase noise -85 -60 dbc/hz@1hz -110 -90 dbc/hz@10hz -130 -115 dbc/hz@100hz -143 -130 dbc/hz@1khz -150 -145 dbc/hz@10khz mtie 0.2 ns 1 sec 1.2 ns 10 sec 7.0 ns 100 sec 20.0 ns 1000 sec 35.0 ns 10000 sec parameter value condition jitter < 1.00 psec (rms) @ 12 khz to 20 mhz tdev 0.015 ns 1 s tdev 0.09 ns 10 s tdev 0.6 ns 100 s tdev 2.5 ns 1000 s warm-up time < 5 min @ 25 c to final frequency additional information tdev: typ. wander perform. when locked through a 1mhz system loop bandwidth holdover 10ppb peak-peak: incl. of 24 h aging and a 40c temperature change processing & packing handling &processing note additional environmental conditions sealing test a staubdicht (dust-dense)
OX-2226-EAJ-1080-20M00 ocxo www.vectron.com modified 2011-05-12 index : 4 printed 2011- 05-12 ? page 2 of 5 vectron international ? product specifications ox-2226-eaj-1080 additional environmental conditions solderability din iec 68-2-20, (ta) 100% rohs 6 compliant solvent resistance din iec 68-2-45 (xa) non-washable device absolute maximum ratings parameter min typ max units condition operable temperature range -20 70 c storage temperature range -40 85 c
OX-2226-EAJ-1080-20M00 ocxo www.vectron.com modified 2011-05-12 index : 4 printed 2011- 05-12 ? page 3 of 5 vectron international ? product specifications ox-2226-eaj-1080 enclosure type g310 height 8.3 mm all units in mm pin connections pin 1: i.c. (do not connect) pin 2: n.c. pin 3: vs (supply voltage) pin 4: rf-output pin 5-6: n.c. pin 7: gnd (case) marking ox-2226-eaj-1080 20,000 mhz * vi ayyww * pin-1 marking
OX-2226-EAJ-1080-20M00 ocxo www.vectron.com modified 2011-05-12 index : 4 printed 2011- 05-12 ? page 4 of 5 vectron international ? product specifications ox-2226-eaj-1080 reflow profile profile feature pb-free assembly/sn-pb assembly average ramp-up rate (tl to tp) 3c/second max. preheat -temperature min (tsmin) 150c -temperature min (tsmax) 200c -time (min to max) (ts) 60-180 seconds tsmax to tl - ramp-up rate 3c/second max. time maintainted above - temperature (tl) 217c - time (tl) 60-150 seconds peak temperature (tp) max 260c time within 5c of actual peak temperature (tp) 20-40 seconds ramp-down rate 6c/second max. time 25c to peak temperature 8 minutes max. note: all temperatures refer to topside of the pack age, measured on the package body surface. additional information this smd oscillator has been designed for pick and place reflow soldering. smd oscillators must be on the top side of the pcb du ring the reflow process.
OX-2226-EAJ-1080-20M00 ocxo www.vectron.com modified 2011-05-12 index : 4 printed 2011- 05-12 ? page 5 of 5 vectron international ? product specifications ox-2226-eaj-1080 standard shipping method tape width w [mm] quantity per meter quantity per reel p [mm] a [mm] b [mm] k [mm] 44 35.7 250 28 22.5 25.9 8.7 notes: unless otherwise stated all values are valid after warm-up time and refer to typical conditions for su pply voltage, frequency control voltage, load, temperature (25c) . subject to technical modification.


▲Up To Search▲   

 
Price & Availability of OX-2226-EAJ-1080-20M00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X