Part Number Hot Search : 
BU1850 ES450 1580C TDA7384 2SC327 MJI6012 1N4761 CONTROLS
Product Description
Full Text Search
 

To Download NPC13V152MTA10X25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. 7 aluminum electrolytic capacitors meritek npc series ( non polarity, for twinkling light) f eatures ? suitable for the direction light of automobile and motorcycle s pecifications item characteristic operating temp range - 40 ~ +85 ? c rated working voltage 13vdc capacitance tolerance (120hz 20 ? c) ? 10%(k) ? 20%(m) +20/-10%(v) leakage current (20 ? c) i ? 1000(ua) under 100 ? resister series and rated voltage applied whichever after 3 minutes i : leakage current ( ? a) c : rated capacitance( ? f) v : working voltage (v) dissipation factor ( tan ? ) (120hz 20 ? c) tan ? 0.50 p art n umber s ystem d imensions (mm) ? d 10 12.5 f 5.0 5.0 d 0.6 0.6 a 1.5 1.5 c ase s ize cap. (uf) v 13 item dxl 1500 10x25 1700 12.5x20 2200 12.5x25 npc 13v 152 m tr 10x25 meritek series rated voltage rated capacitance express in micro farad(uf), first two digits are significant figures, third digit denotes number of zeros. ?r? denotes decimal point for values less than 10uf tolerance k - ? 10%, m - ? 20%, v - +20/-10% package code ta tr blank tape & ammo tape & reel case size ? (d) diameter x (l) length in mm (optional) case size: dxl (mm)


▲Up To Search▲   

 
Price & Availability of NPC13V152MTA10X25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X