Part Number Hot Search : 
ONTROL HHM1545 EPD1007G DLT431H LT1526J IKW50 SP12VDCR 75N06HD
Product Description
Full Text Search
 

To Download MF20C1003DTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  code c f g h 10 p p m/ c 25 ppm/ c 50 pp m/ c p art n umbering s ystem s mf 25 f 1003 f tr meritek series power rating code 12 16 25 20 100 200 0.125 w 0.16w 0.25w 0.50w 1w 2w temperature coeffient code c f blank 10 ppm/ c 25 ppm/ c 50 ppm/ c resistance first 3 digits are significant 4 th digit is multiplier r indicates decimal for values below 10 ohm tolerance code b d f 0.1% 0.5% 1% tape & reel f eatures ? economically priced for commercial and industrial applications ? wide selection of power ratings and resistance values ? eia color coding ? resistance to industrial solvent ? standard tape & reel package meritek metal film resistors mf series normal miniature l d h d 0.4 mf-12 v mf25s 3.3 0.2 1.80.3 292.0 0.450.03 0.7 mf-12 mf25s 3.3 0.2 1.80.3 292.0 0.450.03 mf-25 mf50s 6.30.5 2.30.3 282.0 0.550.03 mf-50 mf1ws 9.00.5 3.20.5 262.0 0.650.03 mf-100 mf2ws 11.51.0 4.50.5 352.0 0.780.03 mf-200 mf3ws 15.51.0 5.00.5 322.0 0.780.03 electrical characteristics power rating at 70  0.125w 0.25w 0.25w 0.5w 0.5w 1w 1w 2w 2w 3w style mf-12 mf-25s mf-25 mf-50s mf-50 mf-1ws mf-100 mf2ws mf-200 mf3ws operating temp. range  55  to ? 155  max. working voltage 200v 200v 250v 300v 350v 400v 450v 500v 500v 500v max. overload voltage 400v 400v 500v 600v 700v 800v 1000v 1000v 1000v 1000v dielectric withstanding volt. 300v 400v 500v 500v 500v 700v 1000v 1000v 1000v 1000v temp. coefficient s 15ppm/   s 25ppm/   s 50ppm/   s 100ppm/  value range. s 1%/ s 0.5% 10 ? ~1 m ? e96 series value range. s 0.25%/ s 0.1% 100 ? ~100k ? e192 series 70  rated load(%) power derating curve dimensions(mm) style dimensions s pecifications are subject to change without notice. rev.6 a


▲Up To Search▲   

 
Price & Availability of MF20C1003DTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X