Part Number Hot Search : 
TK65015 MICON MIC94161 JANTXV1 X050F KSZ8995X BCM97110 CNZ3133
Product Description
Full Text Search
 

To Download MBRB10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MBRB10100CT 10 amp schottky barrier rectifier 100 volts features ? metal of silicon rectifier, majority carrier conduction ? low power loss ? high current capability, high efficiency ? guard ring for transient protection maximum ratings ? operating temperature: -50 to +150 ? storage temperature: -50 to +150 mcc part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage MBRB10100CT MBRB10100CT 100v 70v 100v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 10 a t c = 100 peak forward surge current i fsm 150a 8.3ms, half sine maximum instantaneous forward voltage v f 0.85v 0.75v i fm = 5.0a; t j = 25 i fm = 5.0a; t j = 125 maximum dc reverse current at rated dc blocking voltage i r 0.1ma 15ma t j = 25 t j = 125 *pulse test: pulse width 300 sec, duty cycle 2% d 2 -pack suggested solder pad layout 2 , 4 heatsink 1 3 c dimensions inches mm dim min max min max note a .320 .359 8.13 9.14 b .380 .411 9.65 10.45 c .160 .190 4.06 4.83 d .020 .035 0.51 0.89 e .045 .055 1.14 1.40 g .095 .105 2.41 2.67 h .096 .120 2.43 3.03 j .014 .021 0.35 0.53 k .090 .110 2.29 2.79 s .575 .625 14.60 15.80 v .045 .055 1.14 1.40 e j k h a s v b d g 1 2 3 4 inche s mm .065 1.65 .330 8.38 .420 10.66 .120 3.05 . 070 1.78 .740 18.79  
omponents 20736 marilla street chatsworth    !"# $
% !"# mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 1 of 3 lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) notes: 1. high temperature solder exemption applied, see eu directive annex notes 7. thermal resistance junction to case: 2.5 c/w o epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
MBRB10100CT instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts average forward rectified current - amperes versus case temperature - c figure 3 forward derating curve 25 50 100 125 150 0 0 2 4 6 single phase, half wave 60hz resistive or inductive load amps c 75 8 10 12 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps .2 .4 .6 .8 .01 .02 .04 .06 .1 .2 .4 .6 1 2 40 60 100 1.0 figure 2 typical reverse characteristics volts .4 .6 2 1 m amps 20 150 50 75 100 125 .001 .002 .00 4 .006 .01 .02 .04 .06 .1 .2 4 6 10 175 t j =25 c mcc 1 100 4 0 25 50 75 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 100 125 150 .1 1.0 1. 1.2 revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 d e vi c e p ac k i n g p a r t n u m b e r - bp t ub e : 1 k p c s / b o x o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of MBRB10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X