Part Number Hot Search : 
RLT6505G SMF20 EPR1030 KSA642 74901 SLX24C01 2SA879 FRD4812
Product Description
Full Text Search
 

To Download LXDC2HL10A-080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  structure downsizing advantage features z z low emi noise and small footprint due to muratas inductor-embedded ferrite substrate technology z z high efciency using synchronous rectifer technology and pfm/pwm auto-select function (forced mode available on some models) z z input voltage range = 2.3C5.5v z z load currents available are 600ma, 1a, 2a, and 3a z z fixed output voltage = 1.0v, 1.2v, 1.35v, 1.5v, 1.8v, 2.5v, 3.0v, or 3.3v (see product line-up table on back) z z switching frequency = 3.0, 3.3, 4.0, or 6mhz (see back) z z operating temperature range = -40 to +85c applications z z any device currently using discrete dc-dc circuits where downsizing and space-savings are required z z cellular phones, pdas, mobile internet devices z z digital cameras, ebooks, tablets, w-lan, bt z z portable game consoles, music players, etc. application circuit note: see back page for circuits specifc to each series. shown larger than actual size. www.murataamericas.com vin vout po w e r induc to r 2 h l/2 hn ser i e s 2 ur/ 3 ep ser i e s c i n c out i c c apac i t o r dc/ d c i c multilayer process to create a ferrite substrate with 3-dimensional circuits and embedded power inductor i/o via holes through the ferrite substrate act as ferrite beads and reduce conductive noise. f o o t pri n t 35~ 60m m 2 di s c re t e s ol uti on 2 h l o r 2 h n s e ri e s (0.6a ) 1 0m m 2 ( i ncl udi n g t w o e x t ern a l c a p a c i t o r s ) 6 - 1 0m m 2 ( w i t h o n -b o a r d i n p u t a n d o u t p u t c a p a c i t o r s ) 2u r s e ri e s ( 0 . 6 a ) 3e p s e ri e s ( 1 a ) 55 k s e ri e s ( 3 a ) 2 8. 5m m 2 2 u r 3 e p 5 5 k lxdc series dcdc converters
www.murataamericas.com product line-up type load current series w x l x t (mm) application circuit part number input voltage (v) output voltage (v) max. iout (ma) switch. freq. pkg. (pcs/reel) buck 0.6a 2hl 2.52.01.1 LXDC2HL10A-080 2.3-5.5 1.0 600 3mhz 3,000 lxdc2hl12a-050 2.3-5.5 1.2 4 . 7 f vout 10f en vi n 2 h l / 2 h n lxdc2hl1da-087 2.35-5.5 1.35 lxdc2hl15a-051 2.5-5.5 1.5 lxdc2hl18a-052 2.8-5.5 1.8 lxdc2hl25a-053 3.5-5.5 2.5 500 lxdc2hl30a-054 3.7-5.5 3.0 400 lxdc2hl33a-055 3.8-5.5 3.3 300 2hn 2.52.01.2 lxdc2hn10a-132 2.3-5.5 1.0 600 3mhz 3,000 lxdc2hn12a-099 2.3-5.5 1.2 lxdc2hn1da-133 2.35-5.5 1.35 lxdc2hn15a-126 2.5-5.5 1.5 lxdc2hn18a-097 2.8-5.5 1.8 lxdc2hn25a-134 3.5-5.5 2.5 500 lxdc2hn30a-135 3.7-5.5 3.0 400 (w/resin coating) lxdc2hn33a-136 3.8-5.5 3.3 300 2ur 2.52.31.2 vout en vi n 2 ur / 3 e p mode lxdc2ur12a-118 2.7-5.5 1.2 600 6mhz 3,000 lxdc2ur15a-119 2.7-5.5 1.5 lxdc2ur18a-120 2.7-5.5 1.8 lxdc2ur30a-143 3.6-5.5 3.0 lxdc2ur33a-122 3.6-5.5 3.3 1a 3ep 3.53.21.3 lxdc3ep10a-176 2.5-5.5 1.0 1000 4mhz 1,000 lxdc3ep12a-104 2.5-5.5 1.2 lxdc3ep15a-105 2.5-5.5 1.5 lxdc3ep18a-106 2.5-5.5 1.8 lxdc3ep25a-109 3.0-5.5 2.5 lxdc3ep33a-107 4.0-5.5 3.3 3a 55k 5.75.02.1 vout 22uf 55k en pgood vi n 10uf r t r i m lxdc55kaaa-205 2.7-5.5 set by trim resistor 3000 3mhz 1,000 boost 0.7a 44a 4.04.02.0 10uf vout 22uf vi n 44a en p good lxdc44aaac-169 2.7-5.5 5.0 700 3.3mhz 1,000 product under development lxdc series dcdc converters


▲Up To Search▲   

 
Price & Availability of LXDC2HL10A-080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X