Part Number Hot Search : 
1N5243 MOTOR 7052B S16D40PT A3008 2SJ632 241TZQ16 C170A
Product Description
Full Text Search
 

To Download LMH020-0850-27G9-00000TW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  clm-ds08 lmh2 rev 3 product family data sheet www.cr ee.com/modules copyright ? 2010 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and xlamp are registered trademarks of cree, inc. cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 www.cree.com/xlamp copyright ? 2011-2012 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and truewhite are registered trademarks and cree truewhite is a trademark of cree, inc. cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 cree ? lmh2 850-lm and 1250-lm led modules with truewhite ? t echnology cree l e d modules provide lighting designers and manufacturers with simple, easy-to-adopt le d lighting solutions that reduce luminaire development time and speed time-to-market. the cree lmh2 850-lm and 1250-lm l e d modules are the ideal choice for enabling rapid luminaire development where bright, beautiful, long-life lighting is required. the lmh series of modules incorporates crees award-winning truewhite l e d technology into a system of driver electronics, optics and primary thermal management for use in residential and commercial lighting applications. this versatile l e d lighting module jump-starts the design process for recessed downlights, wall sconces or pendant lights in demanding end markets such as retail, museums, hospitality and restaurants. benefits for luminaire designers ? faster time-to-market and lower system cost with concurrently designed and tested optics, driver electronics, and primary thermal management ? design fexibility provided by separated light source and power supply with broad selection of mounting and wiring options ? wide variety of design applications enabled with 2700 k, 3000 k, 3500 k and 4000 k cct ? industry-leading 5-year limited system warranty backed by patented, reliable cree led technology ? rapid regulatory approval and voluntary qualifcation of fnal luminaire enabled by: ? ul approval (120 v and 277 v) ? ce certifcation (230 v) ? california title 24 compliance (120 v and 277 v) ? led lm-80 data for us ene rgy star benefits for end users ? v ibrant color rendering showcases the full beauty of people, rooms, and merchandise with > 90 cri ? signifcant energy savings over traditional lighting sources through superior effcacy > 80 lm/w ? proprietary optics provide a uniform, visually comfortable appearance whether the module is powered on or off ? designed to last 50,000 hours at l 70 ? consistent light quality over time and temperature delivered by built-in optical and thermal management system ? specifcation grade dimmability down to 5% of rated light output using standard incandescent and electronic low-voltage dimmers (120 v and 230 v only) ? no uv or mercury features ? industry-leading module effcacy (light source + driver) at 80 lm/w ? 850- and 1250-lumen lighting units, the frst members of an extended family of modules ? optional heat sink light source 120 v & 277 v driver 230 v driver
2 2 characteristics cree truewhite technology is a revolutionary way of generating white light with leds. it delivers high effcacy with beautiful light characteristics and color accuracy, while maintaining color consistency over the life of the product. lmh2 light source luminous flux (lm) 1,2 cct (k) cri average input power (w) 1 module effcacy (lm/w) 3 order code 850 4000 > 90 10.5 80 lmh020-0850-40g9-00000tw 3500 > 90 10.5 80 lmh020-0850-35g9-00000tw 3000 > 90 10.5 80 lmh020-0850-30g9-00000tw 2700 > 90 10.5 80 LMH020-0850-27G9-00000TW 1250 4000 > 90 15.5 80 lmh020-1250-40g9-00000tw 3500 > 90 15.5 80 lmh020-1250-35g9-00000tw 3000 > 90 15.5 80 lmh020-1250-30g9-00000tw 2700 > 90 15.5 80 lmh020-1250-27g9-00000tw lmd125 driver max. rated input power (w) 1 input voltage (v) 1 frequency (hz) power factor dimming order code 850 lm 1250 lm 18 120 60 .97 .99 triac lmd125-0018-c440-1010000 17 277 60 .92 .98 n/a lmd125-0017-c440-3000000 18 230 50/60 .90 .95 triac lmd125-0018-c440-2010000 1. 10% variance 2. measured at steady state, t c = 55 c 3. includes lmd125 driver losses the operating temperature at the case temperature (tc) point is 0-70 c. chromaticity the cree lmh2 l e d module provides high color consistency within a 3-step macadams ellipse around the specifed color temperature. individual l e ds are tested and matched to meet our designed chromaticity specifcation. secondary optics can be added to the module but will reduce light output and may also alter the color characteristics of the fnal luminaire design. thermal management guidelines the cree lmh2 l e d module is designed to perform in a variety of environments without the need for active cooling. to achieve lifetime and performance estimates, and to maintain the warranty, the fnal luminaire design cannot allow the tc point shown on page one to exceed 70 c for the light source or power supply when the luminaire is at thermal equilibrium. follow the mechanical and thermal design guidelines listed in the cree lmh2 l ed module design guide to ensure proper thermal management. an optional heat sink is available. note: the heat sink is designed to work with all lmh2 lumen levels. optional heat sink order code lmh020-hs00-0000-0000001 photometry intensity (candlepower) angle 850 1250 0 402 575 5 399 571 15 375 539 25 331 479 35 270 394 45 202 297 55 136 202 65 79 118 75 30 45 85 3 5 90 0 0 zonal lumens - 1250 zone lumens % 0-30 426 34 0-40 672 54 0-60 1082 86 0-90 1256 100 0-180 1256 100 zonal lumens - 850 zone lumens % 0-30 295 34 0-40 464 54 0-60 742 87 0-90 858 100 0-180 858 100 300 200 100 0 45 90 400 500 600 lmh2 850-lm & 1250-lm led module copyright ? 2010 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and xlamp are registered trademarks of cree, inc. copyright ? 2011-2012 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and truewhite are registered trademarks and cree truewhite is a trademark of cree, inc.
3 3 mechanical design light source t c l o c a t i o n ( se e d e s i gn g u i d e f o r e x a c t l o c a t i o n ) 60.3 (lens) 81 bc 88.2 67 20 2 cree, inc. 4600 silicon dr durham, nc 27703 d c b a a b c d 1 2 3 4 5 6 78 8 7 6 5 4 3 2 1 the information contained in this drawing is the sole property of cree, inc. any reproduction in part or as a whole without written permission of cree, inc. is prohibited. proprietary and confidential rev description revision dimensions are in inches tolerances: fractional 1/16? angular: mach 0.5 bend 1 two place decimal 0.063 three place decimal 0.015 all inside radii equal material thickness unless noted interpret geometric tolerancing per: material finish material finish drawn checked eng appr. mfg appr. q.a. comments: date name title: size b dwg. no. rev weight: scale: 1:1 unless otherwise specified: a dnr ddmmmyy description sheet 2 of 2 xxxnnn do not scale drawing ? shaded and flat views are for reference only. ? all inside radii equal material thickness unless noted. ? dimensions in brackets [x.xx] are metric reference sample release a 60.3 tc location 30 stripped 10 [0.375"] 200 10 [8.0" 0.375"] 81 bc 88.2 67 20 2 cree, inc. 4600 silicon dr durham, nc 27703 d c b a a b c d 1 2 3 4 5 6 78 8 7 6 5 4 3 2 1 the information contained in this drawing is the sole property of cree, inc. any reproduction in part or as a whole without written permission of cree, inc. is prohibited. proprietary and confidential rev description revision dimensions are in inches tolerances: fractional 1/16? angular: mach 0.5 bend 1 two place decimal 0.063 three place decimal 0.015 all inside radii equal material thickness unless noted interpret geometric tolerancing per: material finish material finish drawn checked eng appr. mfg appr. q.a. comments: date name title: size b dwg. no. rev weight: scale: 1:1 unless otherwise specified: a dnr ddmmmyy description sheet 2 of 2 xxxnnn do not scale drawing ? shaded and flat views are for reference only. ? all inside radii equal material thickness unless noted. ? dimensions in brackets [x.xx] are metric reference sample release a 60.3 tc location 30 stripped 10 [0.375"] 200 10 [8.0" 0.375"] 120 v & 277 v driver 230 v driver optional heat sink units: mm lmh2 850-lm & 1250-lm led module copyright ? 2010 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and xlamp are registered trademarks of cree, inc. copyright ? 2011-2012 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and truewhite are registered trademarks and cree truewhite is a trademark of cree, inc.


▲Up To Search▲   

 
Price & Availability of LMH020-0850-27G9-00000TW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X