Part Number Hot Search : 
RM220C MDDMB8M MAN3680A GC500 LC72135M R4S2454 DI156 2SK2938
Product Description
Full Text Search
 

To Download IPC-2501108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification ipc-250 model output voltage range frequency range efficiency (typ.) input environment inrush current (typ.) leakage current(max.) power good signal power fail signal ps-on input signal safety standards safety & emc (note 4) working temp. working humidity storage temp., humidity temp. coefficient vibration others note protection ac current (typ.) 3.3v ch1 5v ch2 12v ch3 -5v ch4 -12v ch5 5vsb standby 20a 0 ~ 20a 25a 1 ~ 25a 15a 1 ~ 15a 0.5a 0 ~ 0.5a 1a 0.1 ~ 1a 2a 0 ~ 2a 250w continue. +5v,+3.3v,+12v combine total power output shall not ex ceed 230w. (the +5 & +3.3volt combine total output shall not exceed 150w) (the -5 & -12volt combine total output shall not exceed 12w) 50mvp-p 50mvp-p 120mvp-p 100mvp-p 120mvp-p 50mvp-p 1.0% 5.0% 5.0% 7.0% 7.0% 8.0% 10% 5.0% ch2 : 5.05 ~ 5.5v 1.0% 1.0% 2.0% 2.0% 1.0% 5.0% 5.0% 8.0% 10% 5.0% 90 ~ 264vac 47 ~ 63hz 75% 3ma/240vac mtbf 94.1k hrs min. mil-hdbk-217f (25 ) cooling forced air ventilation by 4cm dc fan withstand voltage isolation resistance -10 ~ +60 (refer to "derating curve") 20 ~ 90% rh non-condensing the ttl compatible signal out with 100ms to 500ms delay after power set up the ttl compatible signal will go down at least 1ms before +5v below 4.75v power off: ps-on = "hi" or ">2v" ; power on: ps-on = "low" or "<0.5v" -40 ~ +85 10 ~ 95% rh 0.05% / (0 ~ 50 ) connector atx main power connector * 1ea; +12v power connector * 1ea peripheral power connector * 3ea; floppy drive power connector * 1ea dimension packing 1.44kg; 10pcs/15.4kg/0.89cuft file name: ipc-250-spec 2011-08-09 function over load over voltage 105 ~ 150% rated output power protection type : shut down o/p voltage, re-power on to recover +3.3v, +5v: 110% ~ 140% of rated voltage ; +12v:13.2v ~ 16v protection type : shut down o/p voltage, re-power on to recover 4a/115vac 2a/230vac 40a/115vac 80a/230vac dc voltage rated current current range rated power ripple & noise (max.) note.2 voltage adj. range voltage tolerance note.3 line regulation load regulation setup, rise time hold time (typ.) 800ms, 20ms/230vac 2500ms, 20ms/115vac at full load 16ms/230vac 16ms/115vac at full load 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes i/p-o/p:1.5kvac i/p-fg:1.5kvac i/p-o/p, i/p-fg, o/p-fg:50m ohms / 500vdc / 25 / 70% rh short circuit all output equipped with short circuit protection type : shut down o/p voltage, re-power on to recover features : meet 1u rack mount system universal ac input / full range active power factor 94% protections:short circuit/overload/over voltage forced air cooling by built-in dc fan with power good and fail signal output built-in remote on-off control remote dc sense +5v and +3.3v with +5vsb:0 ~ 2.0a max. 100% full load burn-in test high efficiency 2 years warranty ul60950-1, tuv en60950-1 approved compliance to en55022 (cispr22) class b, design refer to fcc part 15 class b, en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,8,11, en55024, en61000-6-2 (en50082-2), heavy industry level, criteria a output number 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. load regulation is measured from 20% to 100% max. load. 4. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still mee ts emc directives. 5. derating may be needed under low input voltages. please check the derati ng curve for more details. for guidance on how to perform these emc tests, please refer to ?emi testing of c omponent power supplies.? (as available on http://www.meanwell.com) 240*83*40mm (l*w*h) i p c - 2 5 0 250w industrial 1u atx 12v/p4 pc power supply emc immunity emc emission
mechanical specification file name: ipc-250-spec 2011-08-09 air flow 4.75 direction svr 19.5 40 2-m3 m3 240 7 4 72.7 83 case no. ipc-250 unit:mm (wire output of pcb, 18awg) l=450mm 10mm +12v(yellow) +5v(red) +5v(red) +5vsb(purple) -5v(white) pg(gray) gnd(black) gnd(black) +5v(red) gnd(black) ps-on(green) gnd(black) gnd(black) gnd(black) +5v(red) gnd(black) -12v(blue) +3.3v(orange) +3.3v(orange) +3.3v(orange) ( a ) (a)molex 39-01-2200 or equivalent (b)molex 8981-04p or equivalent (c)amp 171822-4 or equivalent (d)molex 39-01-2040 or equivalent l=150mm l=150mm 10mm 43 2 1 43 2 1 +5vdc(red) +5vdc(red) +5vdc(red) +5vdc(red) gnd(black) gnd(black) gnd(black) gnd(black) gnd(black) gnd(black) gnd(black) gnd(black) +12v(yellow) +12v(yellow) +12v(yellow) +12v(yellow) ( b )( b ) ( c ) 12 3 4 l=150mm l=150mm 43 2 1 ( b ) 12 34 gnd(black)gnd(black) +12v(yellow)+12v(yellow) l=440mm 10mm ( d ) pin20 pin11 pin10 pin1 i p c - 2 5 0 250w industrial 1u atx 12v/p4 pc power supply
i p c - 2 5 0 250w industrial 1u atx 12v/p4 pc power supply file name: ipc-250-spec 2011-08-09 derating curve output derating vs input voltage ambient temperature ( ) input voltage (v) 60hz load (%) -10 0 10 20 30 40 50 60 70 (horizontal) 20 40 60 80 100 load(%) block diagram fosc : 100khz pwm o.v.p. circuit detection & o.l.p. emi filter rectifiers & p.f.c. power switch- +5v,+12v,-5v,-12v ps/on i/p fg ing control inrush current active limiting com pwm control power switching pg rectifiers & filter control ma & rectifiers & filter +3.3v filter rectifiers & +5vsb deterction +5vsb circuit p.g. detection circuit control ps/on 115 90 100 135 155 230 264 90 100 80 70 60 50 40


▲Up To Search▲   

 
Price & Availability of IPC-2501108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X