Part Number Hot Search : 
A0002 70475 CY28324 KSV2110 ADE07SA IRF7822 SS110L S39421S
Product Description
Full Text Search
 

To Download G61XL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.ledidea.com * speci cations subject to change without notice. dimensions are in mm0.25 unless stated otherwise. idea, inc., 1351 titan way, brea, ca 92821 ph:714-525-3302, 800-led-idea; fax: 714-525-3304 2005g t -1, (3-mm) round, pcb mount right angle array, G61XL series the G61XL is a t-1 size right-angle indicator array. the leds are located on 4.57 mm(0.18") centers. the G61XL can be supplie d with the desired lamps preassembled from 1 to 9 sections long. (g611l thru g619l) this series provides easier handling in multiple lamp applications, and can be supplied with any combination of colors. this series can also be supplied with pinout reversed from t hat shown by adding ?-rl? to the order code of the part number. specify part desired as follows: G61XL/order code led1 + order code led 2 + ... + order code led x f or example: ?g618l/4h+4g? designates an assembly with 4 red leds followed by 4 green leds. ?g618l/(4h+4g)-rl? designates the same assembly with all pins reversed order code and information (all ratings at 25c ambient) led lamp typical characteristics recom. op. if (ma) epoxy & type color order code p eak vf (v) iv (mcd) 2 1/2 (nm) @if=20ma @if=10ma (deg) tinted diffused resistor required hi eff red i 635 2.0 10 60 10-20 green g 565 2.1 10 60 10-20 y ellow y 585 2.0 10 60 10-20 orange o 610 2.0 10 60 10-20 tinted transparent high brightness hi eff red it 635 2.0 40 40 10-20 green gt 565 2.1 40 40 10-20 y ellow yt 585 2.0 40 40 10-20 tinted diffused f or 2ma operation hi eff red i2 635 2.0 1.0 @ 2ma 60 2-10 green g2 565 2.1 1.0 @ 2ma 60 2-10 y ellow y2 585 2.0 1.0 @ 2ma 60 2-10 white diffused bipolar, bicolor red/green eg 635/565 2.0/2.1 4 / 4 90 10-20 y ellow/green yg 585/565 2.0/2.1 4 / 4 90 10-20 red/yellow ey 635/585 2.0/2.0 4 / 4 90 10-20 7.4 5.08 (0.20) idea idea idea idea idea idea idea idea idea 6.35 5.5 3 typ 5.08 ref 123 ... ... ... ... ... x 2.54(0.10) typ 2.03(0.08) typ + ? (typ for single color) led 1 (typ for bi-color) green anode red or yellow anode


▲Up To Search▲   

 
Price & Availability of G61XL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X