Part Number Hot Search : 
VSYTSF FA221 VJ1210Y8 FIN1025 T8502 FIN1025 12030 61005
Product Description
Full Text Search
 

To Download FRN12W-103JB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  meritek flame-proof fusible resistors frn series superior quality fusible resistors, which are flameproof during operation these resistors fuse in less than 30 seconds at 16 times rated power p art n umbering s ystems frn 1w - 103 j tr meritek series power rating code ?w 1ws 1w 2ws 2w 0.5w 1w 1w 2w 2w resistance first 2 digits are significant 3 rd digit is multiplier r indicates decimal value below 10 ohm tolerance code j tolerance (%) 5 tr: tape & reel b: bulk d imensions d erating curve s tyle d imensions ( mm ) l imiting e lement v oltage normal miniature l d d normal miniature r esistance r ange frn1/4w frn 1/2ws 6.3 0.5 2.3 0.3 0.55 0.03 200v 250v 4 r 7 ~1k frn1/2w frn1ws 9.0 0.5 3.2 0.5 0.65 0.03 250v 300v 1 ~1k frn1w frn2ws 11.5 1.0 4.5 0.5 0.78 0.03 300v 350v 1 ~1k frn2w frn3ws 15.5 1.0 5.0 0.5 0.78 0.03 350v 400v 1 ~1k f using c haracteristics e lectrical characteri stics temperature coefficient 350ppm short time overload (2%+0.05 ) insulation resi stance 1000m load life (5%+0.05 ) terminal strength tensile: 2.5kg solder ability 95% min overage dielectric withstanding voltage 500v operating temperature range -40 o c to +155 o c tolerance 5% selection series e-24 working voltage r p * at 70 o c s pecifications are subject to change without notice. rev.6 a


▲Up To Search▲   

 
Price & Availability of FRN12W-103JB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X