Part Number Hot Search : 
SY88793V LT1088 1334A SF210 R8008 AM29DL ELECTRON N6003
Product Description
Full Text Search
 

To Download FPF1008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2008 fairchild semiconductor corporation 1 www.fairchildsemi.com fpf1007-fpf1009 ? rev. 1.0.2 fpf1007-fpf1009 ? intellimax? advanced load products march 2010 fpf1007-fpf1009 intellimax? advanced load products features ? 1.2 to 5.5v input voltage range ? typical r on = 30 m ? at v in = 5.5v ? typical r on = 40 m ? at v in = 3.3v ? fixed three different turn-on rise-time 10 s/80 s/1ms ? low < 10 a at v in = 3.3v quiescent current ? internal on pin pull down ? output discharge function ? esd protection above 8000v hbm and 2000v cdm ? rohs compliant applications ? pdas ? cell phones ? gps devices ? mp3 players ? digital cameras ? peripheral ports ? hot-swap supplies ? notebook computers general description the fpf1007/8/9 are low rds p-channel mosfet load switches offered in a selection of 10 s, 80 s, and 1ms slew rate turn-on options for transient / in-rush current control. to support trends in mobile application requirements, the minimum operating input voltage has been reduced down to 1.2v, the input current leakage has been minimized to extend battery life, and the esd-protection has been designed to withstand a minimum of 8kv (hbm) and 2kv (cdm). the switch is controlled by an active-high logic input (on pin), allowing direct interface with a low-voltage control signal. an internal on pin pull-down resistor protects against unintentional device turn-on in the initial state. an on-chip pull-down resistor on the output is enabled when the switch is turned-off and provides quick, robust discharge of the output load. ordering information part switch r on at 5.5v [typ.] rise time [typ.] output discharge [typ.] on pin activity fpf1007 30m ? , pmos 10 s60 ? active hi FPF1008 30m ? , pmos 80 s60 ? active hi fpf1009 30m ? , pmos 1ms 60 ? active hi bottom top pin 1
fpf1007-fpf1009 ? intellimax? advanced load products ? 2008 fairchild semiconductor corporation 2 www.fairchildsemi.com fpf1007-fpf1009 ? rev. 1.0.2 typical application circuit functional block diagram off on on in gnd fpf1007-fpf1009 out 1.2v~5.5v c in 0.1 f r l c out control logic v in on gnd v out output discharge turn-on slew rate controlled driver esd protection fpf1007-fpf1009
fpf1007-fpf1009 ? intellimax? advanced load products ? 2008 fairchild semiconductor corporation 3 www.fairchildsemi.com fpf1007-fpf1009 ? rev. 1.0.2 pin configuration pin description pin name function 4, 5 v out switch output: output of the power switch 2, 3 v in supply input: input to the power switch and the supply voltage for the ic 6 gnd ground 1 on on/off control input v out v out on microfet 2x2 6l bottom view 1 2 3 6 5 4 v in v in gnd
fpf1007-fpf1009 ? intellimax? advanced load products ? 2008 fairchild semiconductor corporation 4 www.fairchildsemi.com fpf1007-fpf1009 ? rev. 1.0.2 absolute maximum ratings note: package power dissipation on 1-square inch pad, 2 oz. copper board. recommended operating range parameter min. max. unit v in , v out , on to gnd -0.3 6.0 v maximum continuous switch current 1.5 a power dissipation at t a = 25c (1) 1.2 w storage junction temperature -65 +150 c operating temperature range -40 +85 c thermal resistance, junction to ambient 86 c/w electrostatic discharge protection hbm 8000 v cdm 2000 v parameter min. max. unit v in 1.2 5.5 v ambient operating temperature, t a -40 +85 c
fpf1007-fpf1009 ? intellimax? advanced load products ? 2008 fairchild semiconductor corporation 5 www.fairchildsemi.com fpf1007-fpf1009 ? rev. 1.0.2 electrical characteristics v in = 1.2 to 5.5v, t a = -40 to +85c unless otherwise noted. typical values are at v in = 3.3v and t a = 2 5 c . parameter symbol conditions min. typ. max. units basic operation operating voltage v in 1.2 5.5 v quiescent current i q i out = 0ma, v in = 3.3v, v on = enabled 8 a i out = 0ma, v in = 5.5v, v on = enabled 15 off supply current i q (off) v on = gnd, v out = open 1 a off switch current i sd (off) v on = gnd, v out = gnd 0.1 1.0 a on-resistance r on v in = 5.5v, i out = 200ma, t a = 25c 30 40 m ? v in = 3.3v, i out = 200ma, t a = 25c 40 55 v in = 1.5v, i out = 200ma, t a = 25c 100 130 v in = 1.2v, i out = 200ma, t a = 25c 175 250 v in = 3.3v, i out = 200ma, t a = -40c to +85c 20 65 output pull down resistance r pd v in = 3.3v, v on = 0v, t a = 25c 60 ? on input logic low voltage v il v in = 1.2v to 5.5v 0.4 v on input logic high voltage v ih v in = 1.2v to 5.5v 1 v on input leakage (on) v on = v in = 5.5v 10 a on input leakage (off) v on = gnd 1 a dynamic fpf1007 turn on t on v in = 3.3v, r l = 500 ? , r l_chip = 60 ? , c out = 0.1 f, t a = 25c 12 s rise time t r 10 s turn off t off 40 s fall time t f 15 s FPF1008 turn on t on v in = 3.3v, r l = 500 ? , r l_chip = 60 ? , c out = 0.1 f, t a = 25c 125 s rise time t r 80 s turn off t off 40 s fall time t f 15 s fpf1009 turn on t on v in = 3.3v, r l = 500 ? , r l_chip = 60 ? , c out = 0.1 f, t a = 25c 2ms rise time t r 1ms turn off t off 40 s fall time t f 15 s
fpf1007-fpf1009 ? intellimax? advanced load products ? 2008 fairchild semiconductor corporation 6 www.fairchildsemi.com fpf1007-fpf1009 ? rev. 1.0.2 typical characteristics 0 2 4 6 8 10 12 14 123456 supply voltage (v) supply current ( ua) v on = v in v on = 0v 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 -40 -15 10 35 60 85 t j , junction temperature ( o c) supply current ( ua) v in = 1.2v v in = 3.3v v in = 5.5v v on = 0v 0 2 4 6 8 10 12 14 -40 -15 10 35 60 85 t j , junction temperature ( o c) supply current ( ua) v in = 1.2v v in = 3.3v v in = 5.5v v on = v in 0.50 0.55 0.60 0.65 0.70 0.75 0.80 123456 v in , supply voltage (v) v on supply voltage ( v) v onh (v ih ) v onl (v il ) 0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.85 -40 -15 10 35 60 85 t j , junction temperature ( o c) v on supply voltage ( v) v in = 1.2v v in = 3.3v v in = 5.5v 0.60 0.65 0.70 0.75 0.80 0.85 0.90 -40 -15 10 35 60 85 t j , junction temperature ( o c) v on supply voltage ( v) v in =1.2v v in =3.3v v in =5.5v figure 1. quiescent current vs. input voltage figure 2. quiescent current vs. temperature figure 4. v on voltage vs. input voltage figure 5. v on low voltage vs. temperature figure 6. v on high voltage vs. temperature figure 3. quiescent current vs. temperature
fpf1007-fpf1009 ? intellimax? advanced load products ? 2008 fairchild semiconductor corporation 7 www.fairchildsemi.com fpf1007-fpf1009 ? rev. 1.0.2 typical characteristics -0.5 0.5 1.5 2.5 3.5 4.5 5.5 6.5 7.5 -40 -15 10 35 60 85 t j , junction temperature ( o c) on pin current ( ua) v on = 5.5v v on = 0v 0 30 60 90 120 150 180 210 240 123456 v in , supply voltage (v) r on (mohms) 85c 25c -40c 0.1 1 10 100 -40 -15 10 35 60 85 t j , junction temperature ( o c) turn-on/off times (us) v in = 3.3v r l = 500 ohms c out = 0.1uf t on t off fpf1007 10 100 1000 -40 -15 10 35 60 85 t j , junction temperature ( o c) turn-on/off times ( us) v in = 3.3v r l = 500 ohms c out = 0.1uf t on t off FPF1008 10 1000 -40 -15 10 35 60 85 t j , junction temperature ( o c) turn-on/off times ( us) v in = 3.3v r l = 500 ohms c out = 0.1uf t on t off fpf1009 1 10 100 -40 -15 10 35 60 85 t j , junction temperature ( o c) rise / fall times ( us) t fall t rise v in = 3.3v r l = 500 ohms c out = 0.1uf fpf1007 figure 9. fpf1007 t on / t off vs. temperature figure 10. FPF1008 t on / t off vs. temperature figure 11. fpf1009 t on / t off vs. temperature figure 12. fpf1007 t rise / t fall vs. temperature figure 7. on pin current vs. temperature figure 8. r on vs. v in
fpf1007-fpf1009 ? intellimax? advanced load products ? 2008 fairchild semiconductor corporation 8 www.fairchildsemi.com fpf1007-fpf1009 ? rev. 1.0.2 typical characteristics figure 13. FPF1008 t rise / t fall vs. temperature figure 14. fpf1009 t rise / t fall vs. temperature 1 10 100 1000 -40 -15 10 35 60 85 t j , junction temperature ( o c) rise / fall times ( us) t fall t rise FPF1008 v in = 3.3v r l = 500 ohms c out = 0.1uf 1 10 100 1000 10000 -40 -15 10 35 60 85 t j , junction temperature ( o c) rise / fall times ( us) t fall t rise fpf1009 v in = 3.3v r l = 500 ohms c out = 0.1uf v on 2v/div v in 2v/div i out 10ma/div v out 2v/div v on = 3.3v v in = 3.3v c in = 1 f c out = 0.1 f r l = 499 ? v on = 3.3v v in = 3.3v c in = 1 f c out = 0.1 f r l = 499 ? 50 s/div v on 2v/div v in 2v/div i out 50ma/div v out 2v/div 50 s/div figure 15. fpf1007 turn-on response figure 16. fpf1007 turn-off response load current discharged through on-chip output discharge resistor figure 17. fpf1007 turn-on response (c out = 1 f) figure 18. fpf1007 turn-off response v on = 3.3v v in = 3.3v c in = 1 f c out = 1 f r l = 10 ? v on = 3.3v v in = 3.3v c in = 1 f c out = 1 f r l = 10 ? v on 2v/div v in 2v/div i out 200ma/div v out 2v/div 50 s/div v on 2v/div v out 2v/div 50 s/div v in 2v/div i out 200ma/div
fpf1007-fpf1009 ? intellimax? advanced load products ? 2008 fairchild semiconductor corporation 9 www.fairchildsemi.com fpf1007-fpf1009 ? rev. 1.0.2 typical characteristics v on = 3.3v v in = 3.3v c in = 1 f c out = 0.47 f r l = 499 ? v on = 3.3v v in = 3.3v c in = 1 f c out = 0.47 f r l = 499 ? figure 21. FPF1008 turn-on response (c out = 4.7 f) figure 22. FPF1008 turn-off response figure 23. FPF1008 turn-on response (c out = 10 f) figure 24. fpf1009 turn-on response figure 19. FPF1008 turn-on response figure 20. FPF1008 turn-off response load current discharged through on-chip output discharge resistor v on 2v/div v in 2v/div i out 10ma/div v out 2v/div 500 s/div v on 2v/div v in 2v/div i out 50ma/div v out 2v/div 100 s/div v on = 3.3v v in = 3.3v c in = 1 f c out = 4.7 f r l = 10 ? v on = 3.3v v in = 3.3v c in = 1 f c out = 4.7 f r l = 10 ? v on 2v/div v in 2v/div i out 500ma/div v out 2v/div 100 s/div v on 2v/div v in 2v/div i out 10ma/div v out 2v/div 100 s/div v on = 3.3v v in = 3.3v c in = 1 f c out = 10 f r l = 10 ? v on 2v/div v in 2v/div i out 500ma/div v out 2v/div 500 s/div v on = 3.3v v in = 3.3v c in = 1 f c out = 0.47 f r l = 499 ? v on 2v/div v in 2v/div i out 10ma/div v out 2v/div 2ms/div
fpf1007-fpf1009 ? intellimax? advanced load products ? 2008 fairchild semiconductor corporation 10 www.fairchildsemi.com fpf1007-fpf1009 ? rev. 1.0.2 typical characteristics v on = 3.3v v in = 3.3v c in = 1 f c out = 47 f r l = 10 ? v on = 3.3v v in = 3.3v c in = 1 f c out = 47 f r l = 10 ? v on = 3.3v v in = 5v c in = 1 f c out = 100 f r l = 10 ? v on = 3.3v v in = 3.3v c in = 1 f c out = 0.47 f r l = 499 ? figure 27. fpf1009 turn-off response figure 28. fpf1009 turn-on response (c out = 100 f, v in = 5v) timing diagram where: t on = turn-on time t off = turn-off time t don = turn-on delay time t doff = turn-off delay time t r = rise time t f =v out fall time t on =t r + t don t off =t f + t doff figure 25. fpf1009 turn-off response load current discharged through on-chip output discharge resistor figure 26. fpf1009 turn-on response (c out = 47 f) v on 2v/div v in 2v/div i out 50ma/div v out 2v/div 500 s/div v on 2v/div v in 2v/div i out 500ma/div v out 2v/div 2ms/div v on 2v/div v in 2v/div i out 500ma/div v out 2v/div 2ms/div v on 2v/div v in 2v/div i out 500ma/div v out 2v/div 2ms/div t r 10% 90% t f 10% 90% v out 50% t f 50% v on t don 10% t doff 90% v out 3.3v
fpf1007-fpf1009 ? intellimax? advanced load products ? 2008 fairchild semiconductor corporation 11 www.fairchildsemi.com fpf1007-fpf1009 ? rev. 1.0.2 side view top view recommended land pattern c. dimensions and tolerances per asme y14.5m, 1994 d. landpattern recommendation 0.10 cab 0.05 c bottom view 0.10 c 0.08 c b a c 2.00 2.00 0.05 0.00 0.10 c 2x 2x 0.8 max seating plane 0.10 c (0.20) 0.45 0.20 13 4 6 4 6 3 1 pin 1 ident 0.65 1.30 1.21 (0.52) 0.90 0.42 0.65 0.28~0.38 0.90 0.70 1.50 1.30 2.25 1.68 optio ns o f p in one identifie rs 1 1 pin #1 id pin #1 id (0.40) (0.70) 0.45 0.84 e. drawing filename: mkt-mlp06krev2. a. does not fully conform to jedec registration, mo-229. is based on fsc design only b. dimensions are in millimeters. pin 1 ident dimensional outline and pad layout package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify o r obtain the most r ecen t revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically th e warranty therein, which covers fairchild products. a lways visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ .
fpf1007-fpf1009 ? intellimax? advanced load products ? 2008 fairchild semiconductor corporation 12 www.fairchildsemi.com fpf1007-fpf1009 ? rev. 1.0.2


▲Up To Search▲   

 
Price & Availability of FPF1008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X