Part Number Hot Search : 
LM320S 1803E LB261 MMBT2222 29220 MMBT2222 1N5937 15121452
Product Description
Full Text Search
 

To Download DA101J11S215DQF6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  da series miniature single pole rocker switches build-a-switch t o or der , simply select desir ed option fr om each category and place in the appropriate box. available options are shown and described on pages g-58 through g-60. for additional options not shown in catalog, consult customer service center. specifications contact rating: ul/csa: 16 amps @ 125 v ac, 1/3 hp; 10 amps @ 250 vac, 1/2 hp. vde: 10 amps @ 125 vac, 6 amps @ 250 vac. electrical life: 10,000 make and break cycles at full load. insulation resistance: 10 8 min. dielectric strength: 1,500 vrms @ sea level. operating temperature: -20o to +85? features/benefits ? nice actuator styling with multiple options ? guards to prevent accidental actuation ? momentary and maintained functions ? ip65 splash proof rubber boot option ? rohs compliant materials housing and actuator: 6/6 nylon (ul94v-2), black, matte finish. illuminated actuator: polycarbonate, matte finish. center contacts: silver plated, copper alloy. end contacts: silver plated agsn0 2 ln0 3 . all terminals: silver plated, copper alloy. note : specifications and materials listed above are for switches with standard options. for information on specific and custom switches, consult customer service center . typical applications ? small appliances ? computers and peripherals ? medical instrumentation lamp rating (none) no lamp 6 led 7 125 vac neon 8 250 vac neon actuator j1 rocker j2 t wo-tone r ocker j3 illuminated r ocker j4 cir cle, illuminated r ocker j5 oval, illuminated rocker switch function da101 spdt on-none-on da102 spst on-none-of f da103 spdt on-of f-on da12 * spst on-none-off actuator color 1-5 see chart on p a ge g-59 r red, illuminated a amber , illuminated g gr een, illuminated contact rating qf silver mounting style/color s2 snap-in, black s1 snap-in, white b2 recessed snap-in bracket, black g2 guard, black actuator marking (none) no marking d on-off h l? -nternational on-off n lar ge dot p --nter national on-off termination 15 .187quick connect 17 solder lug 02 thru-hole a right angle * da12 for switches with both marking and illumination g rocker gC 57 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com
switch function da series miniature single pole rocker switches switch function connected terminals c&k marking on opposite side c&k marking on opposite side no. poles model no. schema tic sp on on on off da101 da102 2-3 2-1 or for 7 & 8 illuminated versions only none none n/a for 6 illuminated v ersions only + C actuator j1 rocker j2 two-tone rocker j3 illuminated rocker .389 (9,88) .142 (3,6) on on da103 off on off da12 * none * da12 - for switches with both marking and illumination shown in pos. 1 note: j3 actuator available with da102 & da12 switch functions, 7&8 lamp ratings and not available with o2 and a termination options. note: 1. a vailable with da102 switch function only. 2. available with none or p actuator marking options only. or fo r il l u mi n at ed v er s ion gC 58 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com g rocker
actuator da series miniature single pole rocker switches actuator color option actuator code color 2 black 1 white 3 red r red, illumina ted a amber, illumina ted g green, illuminated j4 circle, illumina ted rocker note: available with da102 switch function and 7 & 8 lamp ratings combinations only. not available with o2 and a termination options. j5 ov al, illuminated rocker note: available with da102 switch function and 6 lamp rating combinations only. not available with o2 and a termination options. .389 (9,88) .142 (3,6) .389 (9,88) .142 (3,6) mounting style/color s2, s1 & g2 panel mounting panel thickness 0.030-0.049 (0,75-1,25) 0.756-.004 (19,2-0,1) 0.512+.004 (13,0+0,1) 0.049-0.079 (1,25-2,0) 0.764-.004 (19,4-0,1) 0.512+.004 (13,0+0,1) 0.079-0.118 (2,0-3,0) 0.779-.004 (19,8-0,1) 0.512+.004 (13,0+0,1) s2 snap-in, black actuator shown in pos. 1 s1 snap-in, white b2 recessed snap-in bracket , black g2 guard, black note: available with da10x switch functions only. .820 (20,83) 1.200 (30,48) .080 (2,03) 1.244 (31,60) .700 (17,78) .350 (8,89) 1.064 (27,03) .940 (23,88) note: available with da10x switch functions only. panel thickness 0.030-0.049 (0,75-0,25) 1.068 (27,13) 0.049-0.079 (1,25-2,0) 1.076 (27,33) 0.079-0.118 (2,0-3,0) 1.092 (27,74) b2 panel mounting option actuator code color top bottom 1 white red 2 white black 3 red white 4 black whte 5 black red j2 actuator only for j1only for j3, j4, j5 only g rocker gC 59 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com
termination 15 .187quick connect 17 solder lug actuator marking contact material none no marking d on-off h o l n large dot p o - note: orientation of actuator marking and terminals. all models shown in pos. 1 da series miniature single pole rocker switches 02* thru-hole a* right angle lamp rating (none) no lamp 6 led rating @ 10 ma v f =1.85v 7 125 vac 33k neon 8 250 vac 150k neon accessories .551 (14,0) .748 (19,0) .787 (20,0) .957 (24,3) .142 (3,6) .295 (7,5) 216c00000 ip65 splash proof rubber boot * note: see technical data section of this catalog for rohs compliant and compatible definitions and specifications. 16 amps @ 125 v ac; 1/3 hp; 10 amps @ 250 vac; 1/2 (ul/csa). 10 amps @ 125 vac, 6 amps @ 250 vac (vde) ratings cont act and terminal ma terial silver power option code qf 0. 0 79 (2,0 ) 0. 1 61 (4,1 ) 0. 0 71 (1,8 ) 0. 0 39 (1,0 0 ) 0. 8 70 .0 20 (22, 1 00,5) for switches with led option * note - o2 and a termination options not of fered with j3, j4 or j5 actuator options. gC 60 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com g rocker


▲Up To Search▲   

 
Price & Availability of DA101J11S215DQF6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X