Part Number Hot Search : 
56151 ASRD703 P6SMB62 LBS70A22 24000 74LVC74A 89C516RD C25P05Q
Product Description
Full Text Search
 

To Download CCNPO104Z63V2B1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  meritek ceramic disc capacitors cc series cc series ceramic disc capacitors are produced by sandwiching a ceramic dielectric la y er between two electrodes. an e p ox y or p henolic coatin g is a pp lied b y means of a s p ra y or di pp in gp rocess. appl ications include bypass, coupling and resonant functions. p art n umbering s ystem cc npo 101 j 50v 5 b 1 ceramic disc capacitors series temperature characteristic capacitance code 1r5 330 201 202 333 104 1.5pf 33pf 200pf 2000pf 33000pf 0.1 f tolerance code tolerance applicable t.c. availa ble capacitances c 0.25pf npo- n750 0.5pf - 5pf d 0.5pf npo- n750 0.5pf - 10pf j 5pf npo- n1500 over 5pf k 10% npo- n1500, y5e, y5p over 10pf m 20% npo- n1500, y5e, y5p, z5u over 10pf s +50/-20% z5u over 1000pf z +80/- 20% z5u, z5v over 1000pf p +100/-0% z5u, z5v over 1000pf rated voltage vdc 16 v 25 v 50 v 63 v 100 v lead spacing code 2 5 6 7 9 lead spacing 2.54mm 5.08mm 6.35mm 7.62mm 9.52mm packaging code code b r f packaging bulk packing reel packaging flat packaging (tape & box) lead type s pecifications are subject to change without notice. rev.6 a
meritek ceramic disc capacitors class 1 cc series temperature compensating disc capacitor s have a ceramic dielectric that is formulated t o p rovide p redictable linear ca p acitance chan ge versus tem p erature chan g e. this p redictable linear ca p acitance chan g e allows th e tem p erature com p ensatin g disc ca p acitor to be used in critical circuit applications such a s tuned circuits. a full ran g e of values and voltages is available. s pecifications operating temperature -25 o c to +85 o c capacitance measured at 1 0.1 mhz, 1vrms at 25 o c temperature please refer to page 4 rated voltage 50v, 63v and 100v quality factor measured at 1 0.1mhz, 1vrms at 25 o c c < 30pf q=400 + 20c, c > 30pf q=1000 min. (c = capacitance) tested voltage 250% of rated voltage with 50ma charging current max. insulation resist ance 10,000 mega ohms min. at rated voltage 60 sec. insulation coating phenolic coating applied by a wet dip method c apacitance r ange (pf) 100wvdc & under t emperature c haracteristic color code black red orange yellow green blue violet d ? 1mm npo n75/n80 n150 n220 n330 n470 n750 sl (gp) n1500 4 1-24 1-12 1-24 1-27 1-27 1-33 1-43 1-68 27-56 5 25-47 13-22 25-47 28-47 28-47 34-47 44-82 72-100 62-100 6 50-100 24-33 50-100 50-100 50-100 50-100 83-100 120-220 120-220 8 120-150 35-68 120-150 120-150 120-150 120-150 120-150 250-470 250-470 10 180-220 72-130 180-220 180-220 180-220 180-220 180-220 500-620 500-620 12 250-300 140-180 250-300 250-300 250-300 250-300 270-390 680-1000 620-1000
meritek ceramic disc capacitors class 2 cc series temperature stable and g eneral- purpose disc capacitors are manufactured from a variety of hi g h k (dielectric constant) ceramic materials. circuit applications include bypass and coupling functions, wherein a lar g er amount of capacitance is required and the circuit is less sensitive to capacitance change with temperature variations. a number of dielectrics are offered along with a wide range of capacitance values and voltage ratings. s pecifications operating temperature -30 o c to +85 o c: y5e, y5p +10 o c to +85 o c: v5u, z5v capacitance measured at 1 0. 1khz, 1vrms at 25 o c temperature y5e: 4.7% y5p: 10% z5u: +22/- 56% z5v: +22/-82% rated voltage 50v, 63v and 100v quality factor measured at 1 0.1mhz, 1vrms at 25 o c y5e, y5p and z5u: 2.5% max. z5v: 5.0% max. tested voltage 250% of rated voltage with 50ma charging current max. insulation resistance 10,000 mega ohms min. at rated voltage 60 sec. insulation coating phenolic coating applied by a wet dip method c apacitance r ange (pf) 100wvdc & u nder temperature characteristic diameter d ? 1mm y5e y5p z5u z5v 4 100-470 100-1000 1000-2700 1000-5000 5 500-680 1200-1500 3000-3900 5600-8200 6 820-1000 1800-2200 4000-5600 10000 8 1200-2700 2500-5600 6800-10000 22000-33000 10 3000-5600 6200-1000 200000 40000-50000
meritek ceramic disc capacitors class 3 cc series these semiconductor t y pe ceramic disc capacitors pr ovide economical volumetric efficiency. they are best suited for use in low impedance circuits wherein low insulation resistance can be tolerated. the broad variation of lead st y les and the option of radial tape and reel packaging enhance their popularity in bypass and coupling applications. workin g volta g e options permit selection of the smallest size discs for lower voltage applications s pecifications operating temperature -30 o c to +85 o c capacitance measured at 1 0.1mhz, 1vrms at 25 o c temperature y5p: 10% y5t: +22/-33% y5u: +22/-56% y5v: +22/-82% rated voltage 16v, 25v and 50v dissipation factor measured at 1 0.1khz, 1vrms at 25 o c 16v: 7.0% max. 25v and 50v: 5.0% max. tested voltage 250% of rated voltage with 50ma charging current max. insulation resistance measured at rated voltage 60 sec. 16v: 500 mega ohms min. 25v and 50v: 500 mega ohms x f min. insulation coating phenolic coating applied by a wet dip method c apacitance r ange (pf) temperature characteristic y5p y5t y5u y5v working voltage 16v 25v 16v 16v 25v 50v 16v 25v 50v 16v 25v 50v capacitance ( f) d ? 1mm d ? 1mm d ? 1mm d ? 1mm 0.01 5555 5 5555555 0.022 6 8 8 5 6 5 5 5 5 5 5 5 0.033 6 8 10 5 6 8 568556 0.047 8 10 12 6 6 8 6 6 8 5 5 6 0.10 10 12 14 6 8 10 6 8 10 6 7 8
meritek ceramic disc capacitors cc series temperature coefficient (+25 o c to 85 o c) eia code rs-198 material coefficient 0.5-2pf 2.1-3.9pf 4.0-9.9pf 10pf up c0 np0 k ( 250) j ( 120) h ( 60) g ( 30) s1 n030 k ( 250) j ( 120) h ( 60) g ( 30) u1 n080 k ( 250) j ( 120) h ( 60) g ( 30) p2 n150 k ( 250) j ( 120) h ( 60) g ( 30) r2 n220 k ( 250) j ( 120) h ( 60) g ( 30) s2 n330 k ( 250) j ( 120) h ( 60) h ( 60) t2 n470 k ( 250) j ( 120) j ( 60) h ( 60) u2 n750 k ( 250) j ( 120) j ( 60) j ( 120) p3 n1500 k ( 250) k ( 250) k ( 250) k ( 250) sl p350-n1000 eia t emperature c haracteristic c hart first digit is low temperature second digit is high temperature last digit is capacitance change over temperature range from +25 o c reading x C55 o c 4 +65 o c a 1.0% y C30 o c 5 +85 o c b 1.5% z C10 o c 6 +105 o c c 2.2% 7 +125 o c d 3.3% 8 +150 o c e 4.7% f 7.5% p 10% r 15% s 22% t +22/-33% u +22/-56% v +22/ -82%
meritek ceramic disc capacitors cc series dimensions & tolerances item description inches mm d maximum body diameter C note 1 .472 12.0 t maximum body thickness .256 6.5 d nominal wire diameter .024 0.6 p capacitor taping pitch .500 .039 12.7 1.0 p 0 sprocket hole pitch .500 .039 12.7 1.0 p 1 hole center to lead center .152 .028 3.85 0.7 p 2 hole center to disc center .250 .051 6.35 1.3 f lead center to lead center .197 .031 5.0 0.8 h front-to-rear disc alignment 0 .079 0 2.0 +.039 +1.0 w carrier tape width .709 -.020 18.0 -0.5 +.030 +0.75 w 1 hole position on carrier .354 -.020 9.0 -0.5 w 2 adhesive tape position max. .118 3.0 +.060 +1.5 h hole center to tangent line .787 -.040 20.0 -1.0 h 0 hole center to starting plane .630 .020 16.0 0.5 hi hole center to top of disc 1.270 max. 32.25 max. l maximum lead cut- out length .433 11.0 l 1 maximum wire protrusion .118 3.0 d0 sprocket hole diameter .157 .012 4.0 0.3 t 1 total tape thickness .035 0.9 t maximum lead offset .06 1.5 merite k ceramic capacitors are available in tape and reel packaging for automatic insertion equipment. meritek's tape and reel specifications comply with the requirements of eia standard rs-468. configurations are also available to meet the specific requirements of universal, panasert, and avisert equipment. please contact our sales de p artment to discuss y our s p ecial re q uirements. notes: 1. bod y diameters to 0.906 inch ( 23mm ) available on 1.0 inch ( 25.4mm )p itch. 2. taping pitch of 1.0 inch (25.4mm) available. 3. wire with a diameter of 0.032 inch ( 0.8mm ) is also available (p referred on larger diameters.)


▲Up To Search▲   

 
Price & Availability of CCNPO104Z63V2B1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X