Part Number Hot Search : 
20BSB M7615 1N5819TR C3835 PP2FFXX RN1107FT E7500 GT50J341
Product Description
Full Text Search
 

To Download C4000ERW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  key features: ? 40w output power ? 2:1 input voltage range ? 1,500 vdc isolation ? compact 2 x 2 in. case ? -40oc to +60oc operation ? >1.0 mhour mtbf ? remote on/off ? industry standard pin-out C4000ERW compact, 2:1 input 40w, single output dc/dc con vert ers series electrical speci cations speci cations typical @ +25?, nominal input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice. input parameter conditions min. typ. max. units input voltage range 12 vdc input 9.0 12.0 18.0 vdc 24 vdc input 18.0 24.0 36.0 48 vdc input 36.0 48.0 75.0 under voltage shutdown 12 vdc input 8.0 9.0 vdc 24 vdc input 16.0 17.8 48 vdc input 33.0 36.0 input filter  (pi) filter start up time see note 1 2.0 a output parameter conditions min. typ. max. units output voltage accuracy 1.0 % line regulation for vin min to max 0.2 % load regulation iout = 10% to 100% 0.5 % ripple & noise (20 mhz) (note 1) 75 150 mv p - p output power protection 120 150 % over voltage protection 110 130 % vout transient recovery time (note 2) 25% load step change 200 500 sec transient response deviation 5.0 % temperature coef? cient 0.02 %/c output short circuit continuous (autorecovery) general parameter conditions min. typ. max. units isolation voltage 60 seconds 1,500 vdc isolation resistance 500 vdc 1,000 m isolation capacitance 100 khz, 0.1v 2,000 pf switching frequency 300 khz over temperature protection case temperature 115 c remote on/off (note 3) parameter conditions min. typ. max. units supply on 3.5 12.0 vdc supply off -0.0 1.2 vdc standby input current 1ma control common referenced to negative input (pin 2) environmental parameter conditions min. typ. max. units operating temperature range ambient -40 +60 c storage temperature range -55 +125 c cooling free air convection humidity rh, non-condensing 95 % physical case size 2.0 x 2.0 x 0.42 inches (50.8 x 50.8 x 10.6 mm) case material metal with non-conductive base weight 2.19 oz (60g) reliability speci cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25c, gnd benign 1,000 khours absolute maximum ratings parameter conditions min. typ. max. units input voltage surge (1 sec) 12 vdc input -0.7 20.0 vdc 24 vdc input -0.7 40.0 48 vdc input -0.7 80.0 lead temperature 1.5 mm from case for 10 sec 300 c caution: exceeding absolute maximum ratings may damage the module. these are not continuous operating ratings. www.micropowerdirect.com micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com
model selection guide mechanical notes: all dimensions are typical in inch es (mm) tolerance x.xx = ?.01 (?.25) notes: 1. when measuring output ripple, it is recommended that an external 10.0 f ceramic capacitor be placed from the +vout pin to the -vout pin. for noise sensitive applications, the use of 47 f capacitors will reduce the output ripple. 2. transient recovery is measured to within a 1% error band for a load step change of 75% to 100%. 3. the remote on/off control input (pin 3) is referenced to -vin (pin 1). connection to the pin should be made through a 1k  resistor and diode (1n4148). if it is not used, the control pin should be left open. 4. operation at no-load will not damage these units. however, they may not meet all speci ca- tions. 5. the +sense and -sense connections will compensate for up to 5% of vout. when not used, they should be connected directly to the appropriate output pin (+sense to +vout and -sense to -vout). 6. to improve performance and stability, a simple external lc lter can be added to the unit input. typical component values would be 1.0 h/10a & 1,000 f/25v for 12v input models; 2.2 h/10a & 1,000 f/50v for 24v input models; and 74.7 h/5a & 1,000 f/100v for 48v input models. 7. it is recommended that a fuse be used on the input of a power supply for protection. see the table above for the correct rating. micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 ? tel: (781) 344-8226 ? fax: (781) 344-8481 ? e-mail: sales@micropowerdirect.com a simple external circuit may be used to adjust the converter output. to adjust the output down, connect a 5%, 3w resistor between the plus output pin and the vout trim pin. to adjust the output up, connect a 5%, 3w resistor between the minus output pin and the vout trim pin. to calculate the correct resistor value (in k? ) use: 3.3 v out up r adj = (v out - 1.24) x (2.87) - 10 v adj - v out other v out up r adj = (v out - 2.5) x (2.87) - 10 v adj - v out 3.3 v out down r adj = (v adj - 1.24) (v out - 1.24) x 2.87 - 10 v out - v adj other v out down r adj = (v adj - 2.5) (v out - 2.5) x 2.87 - 10 v out - v adj for up/down trimming capability, connect a 10 kw potentiometer between the plus and minus outputs with the wiper arm con- nected to the vout trim pin. pin single pin single 1 +vin 6 +sense 2 -vin 7 +vout 4 on/off 8 -vout 5 -sense 9 trim pin connections model number input output ef ciency (%, typ) capaci- tive load (? max) fuse rating slow-blow (ma) voltage (vdc) current (ma) voltage (vdc) current (ma, max) current (ma, min) nominal range full-load no-load c4001erw 12 9.0 - 18.0 2,558 20 3.3 8,000 400.0 86 21,000 5,000 c4002erw 12 9.0 - 18.0 3,876 20 5.0 8,000 400.0 86 13,600 5,000 c4003erw 12 9.0 - 18.0 3,876 20 12.0 3,300 165.0 86 2,360 5,000 c4004erw 12 9.0 - 18.0 3,831 20 15.0 2,666 133.0 87 1,510 5,000 c4011erw 24 18.0 - 36.0 1,264 15 3.3 8,000 400.0 87 21,000 3,000 c4012erw 24 18.0 - 36.0 1,873 15 5.0 8,000 400.0 89 13,600 3,000 c4013erw 24 18.0 - 36.0 1,894 15 12.0 3,300 165.0 88 2,360 3,000 c4014erw 24 18.0 - 36.0 1,873 15 15.0 2,666 133.0 88 1,510 3,000 c4021erw 48 36.0 - 75.0 625 10 3.3 8,000 400.0 88 21,000 1,500 c4022erw 48 36.0 - 75.0 926 10 5.0 8,000 400.0 90 13,600 1,500 c4023erw 48 36.0 - 75.0 926 10 12.0 3,300 165.0 90 2,360 1,500 c4024erw 48 36.0 - 75.0 926 10 15.0 2,666 133.0 90 1,510 1,500 mechanical dimensions external trim derating curves www.micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of C4000ERW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X