Part Number Hot Search : 
C1008 CPH6402 FP812 K1767 K1767 8C443 MIC2551 TL494CPW
Product Description
Full Text Search
 

To Download AO4818B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AO4818B 30v dual n-channel mosfet v ds i d (at v gs =10v) 8a r ds(on) (at v gs =10v) <19m w r ds(on) (at v gs = 4.5v) < 26m w symbol v ds v gs v 20 gate-source voltage the AO4818B uses advanced trench technology to provide excellent r ds(on) and low gate charge. this device is suitable for use as a load switch or in p wm applications. v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted 30v drain-source voltage 30 g d s g d s g1 s1 g2 s2 d1 d1 d2 d2 2 4 5 1 3 8 6 7 top view v gs i dm i as , i ar e as , e ar t j , t stg symbol t 10s steady-state steady-state r q jl -55 to 150 parameter typ max c thermal characteristics w 2 1.3 t a =70c junction and storage temperature range c/w r q ja 48 74 62.5 units maximum junction-to-ambient a v 20 gate-source voltage mj avalanche current c 18 a 19 a 8 6.5 48 t a =25c t a =70c power dissipation b p d avalanche energy l=0.1mh c pulsed drain current c continuous drain current t a =25c i d maximum junction-to-lead c/w c/w maximum junction-to-ambient a d 32 90 40 g d s g d s g1 s1 g2 s2 d1 d1 d2 d2 2 4 5 1 3 8 6 7 top view www.freescale.net.cn 1/6 general description features
symbol min typ max units bv dss 30 v v ds =30v, v gs =0v 1 t j =55c 5 i gss 10 m a v gs(th) gate threshold voltage 1.2 1.8 2.4 v i d(on) 48 a 15.5 19 t j =125c 21 25 18.5 26 m w g fs 30 s v sd 0.75 1 v i s 2.5 a c iss 600 740 888 pf c oss 77 110 145 pf c rss 50 82 115 pf r g 0.5 1.1 1.7 w q g (10v) 12 15 18 nc q g (4.5v) 6 7.5 9 nc q gs 2.5 nc q gd 3 nc t d(on) 5 ns t 3.5 ns maximum body-diode continuous current input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time v =10v, v =15v, r =1.8 w , gate resistance v gs =0v, v ds =0v, f=1mhz total gate charge v gs =10v, v ds =15v, i d =8a gate source charge gate drain charge total gate charge drain-source breakdown voltage r ds(on) static drain-source on-resistance i dss m a v ds =v gs i d =250 m a v ds =0v, v gs =20v zero gate voltage drain current gate-body leakage current m w v gs =0v, v ds =15v, f=1mhz switching parameters forward transconductance diode forward voltage i s =1a,v gs =0v v ds =5v, i d =8a electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions v gs =4.5v, i d =6a reverse transfer capacitance on state drain current i d =250 m a, v gs =0v v gs =10v, v ds =5v v gs =10v, i d =8a t r 3.5 ns t d(off) 19 ns t f 3.5 ns t rr 6 8 10 ns q rr 14 18 22 nc body diode reverse recovery charge i f =8a, di/dt=500a/ m s turn-on rise time turn-off delaytime v gs =10v, v ds =15v, r l =1.8 w , r gen =3 w turn-off fall time i f =8a, di/dt=500a/ m s body diode reverse recovery time a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the value in any given application depends on the user' s specific board design. b. the power dissipation p d is based on t j(max) =150 c, using 10s junction-to-ambient thermal resistance. c. repetitive rating, pulse width limited by junct ion temperature t j(max) =150 c. ratings are based on low frequency and duty cycl es to keep initialt j =25 c. d. the r q ja is the sum of the thermal impedence from junction t o lead r q jl and lead to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-ambien t thermal impedence which is measured with the devi ce mounted on 1in 2 fr-4 board with 2oz. copper, assuming a maximum junction temperatur e of t j(max) =150 c. the soa curve provides a single pulse rating. www.freescale.net.cn 2/6 AO4818B 30v dual n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 0 5 10 15 20 25 30 1 1.5 2 2.5 3 3.5 4 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 10 15 20 25 30 0 5 10 15 20 r ds(on) (m w w w w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.8 1 1.2 1.4 1.6 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =4.5v i d =6a v gs =10v i d =8a 25 c 125 c v ds =5v v gs =4.5v v gs =10v 0 5 10 15 20 25 30 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) v gs =2.5v 3.5v 10v 3v 4v 40 0 5 10 15 20 25 30 1 1.5 2 2.5 3 3.5 4 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 10 15 20 25 30 0 5 10 15 20 r ds(on) (m w w w w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c 0.8 1 1.2 1.4 1.6 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =4.5v i d =6a v gs =10v i d =8a 10 15 20 25 30 35 40 2 4 6 8 10 r ds(on) (m w w w w ) v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) 25 c 125 c v ds =5v v gs =4.5v v gs =10v i d =8a 25 c 125 c 0 5 10 15 20 25 30 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) v gs =2.5v 3.5v 10v 3v 4v www.freescale.net.cn 3/6 AO4818B 30v dual n-channel mosfet
typical electrical and thermal characteristics 0 2 4 6 8 10 0 5 10 15 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 200 400 600 800 1000 1200 0 5 10 15 20 25 30 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss c oss c rss v ds =15v i d =8a 1 10 100 0.000001 0.00001 0.0001 0.001 i ar (a) peak avalanche current time in avalanche, t a (s) figure 9: single pulse avalanche capability (note c) t a =25 c t a =150 c t a =100 c t a =125 c 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) figure 10: maximum forward biased safe operating area (note f) 10s 1ms dc r ds(on) limited t j(max) =150 c t a =25 c 100 m s 10 m s 10ms 0 2 4 6 8 10 0 5 10 15 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 200 400 600 800 1000 1200 0 5 10 15 20 25 30 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss c oss c rss v ds =15v i d =8a 1 10 100 0.000001 0.00001 0.0001 0.001 i ar (a) peak avalanche current time in avalanche, t a (s) figure 9: single pulse avalanche capability (note c) t a =25 c t a =150 c t a =100 c t a =125 c 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 11: single pulse power rating junction-to-am bient (note f) t a =25 c 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) figure 10: maximum forward biased safe operating area (note f) 10s 1ms dc r ds(on) limited t j(max) =150 c t a =25 c 100 m s 10 m s 10ms www.freescale.net.cn 4/6 AO4818B 30v dual n-channel mosfet
typical electrical and thermal characteristics 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z q q q q ja normalized transient thermal resistance pulse width (s) figure 12: normalized maximum transient thermal imp edance (note f) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r q ja =90 c/w 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z q q q q ja normalized transient thermal resistance pulse width (s) figure 12: normalized maximum transient thermal imp edance (note f) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r q ja =90 c/w www.freescale.net.cn 5/6 AO4818B 30v dual n-channel mosfet
- + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off id + l vgs vds bv unclamped inductive switching (uis) test circuit & waveforms vds dss 2 e = 1/2 li ar ar - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr www.freescale.net.cn 6/6 AO4818B 30v dual n-channel mosfet


▲Up To Search▲   

 
Price & Availability of AO4818B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X