Part Number Hot Search : 
L7908C UPD75 FQPF1N60 ATA6020N 066K5FKE PM536 DG1S6 MP7502
Product Description
Full Text Search
 

To Download AM1DR-2409SH30Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am1d r -z 1 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r6.f 1 of 3 north america only features: ? rohs comp l iant ? operating temperature - 40 o c to + 85 o c ? regulated output voltage ? input / output isolation 1000 & 3000vdc ? low ripple and noise ? pin compatible with multiple manufacturers ? high efficiency up to 70% ? 7 pin sip package models si ngle output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (full load) (%) am1dr - 0503sz 4.5 - 5.5 3.3 300 1000 220 57 am1dr - 0505sz 4.5 - 5.5 5 200 1000 220 67 am1dr - 0507sz 4.5 - 5. 5 7.2 138 1000 220 65 am1dr - 0509sz 4.5 - 5.5 9 111 1000 220 67 am1dr - 0512sz 4.5 - 5.5 12 84 1000 220 70 am1dr - 0515sz 4.5 - 5.5 15 67 1000 220 70 am1dr - 1203sz 10.8 - 13.2 3.3 300 1000 220 57 am1dr - 1205sz 10.8 - 13.2 5 200 1000 220 65 am1dr - 1207sz 10 .8 - 13.2 7.2 138 1000 220 65 am1dr - 1209sz 10.8 - 13.2 9 111 1000 220 67 am1dr - 1212sz 10.8 - 13.2 12 84 1000 220 70 am1dr - 1215sz 10.8 - 13.2 15 67 1000 220 70 am1dr - 2403sz 21.6 - 26.4 3.3 300 1000 220 60 am1dr - 2405sz 21.6 - 26.4 5 200 1000 220 68 am1 dr - 2407sz 21.6 - 26.4 7.2 138 1000 220 65 am1dr - 2409sz 21.6 - 26.4 9 111 1000 220 68 am1dr - 2412sz 21.6 - 26.4 12 84 1000 220 70 am1dr - 2415sz 21.6 - 26.4 15 67 1000 220 70 am1dr - 0503sh30z 4.5 - 5.5 3.3 300 3000 220 57 am1dr - 0505sh30z 4.5 - 5.5 5 200 3000 220 67 am1dr - 0507sh30z 4.5 - 5.5 7.2 138 3000 220 65 am1dr - 0509sh30z 4.5 - 5.5 9 111 3000 220 67 am1dr - 0512sh30z 4.5 - 5.5 12 84 3000 220 70 am1dr - 0515sh30z 4.5 - 5.5 15 67 3000 220 70 am1dr - 1203sh30z 10.8 - 13.2 3.3 300 3000 220 57 am1dr - 1205s h30z 10.8 - 13.2 5 200 3000 220 65 am1dr - 1207sh30z 10.8 - 13.2 7.2 138 3000 220 65 am1dr - 1209sh30z 10.8 - 13.2 9 111 3000 220 67 am1dr - 1212sh30z 10.8 - 13.2 12 84 3000 220 70 am1dr - 1215sh30z 10.8 - 13.2 15 67 3000 220 70 am1dr - 2403sh30z 21.6 - 26.4 3.3 300 3000 220 60 am1dr - 2405sh30z 21.6 - 26.4 5 200 3000 220 65 am1dr - 2407sh30z 21.6 - 26.4 7.2 138 3000 220 65 am1dr - 2409sh30z 21.6 - 26.4 9 111 3000 220 68 am1dr - 2412sh30z 21.6 - 26.4 12 84 3000 220 70 am1dr - 2415sh30z 21.6 - 26.4 15 67 3000 220 70 input specifications parameters nominal typical maximum units voltage range 5 12 24 4.5 - 5.5 10.8 - 13.2 21.6 - 26.4 vdc filter capacitor turn on transient process time 100 ms start up time 200 ms
series am1d r -z 1 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r6.f 2 of 3 north america only input specifications (continued) parameters nominal typical maximum units absolute maximum rating 5 vin 12 vin 24 vin 0 -7 0 -15 0 - 28 vdc peak input voltage time 100 ms isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1000 & 3000 vdc resistance > 100 0 mohm capacitance 60 pf output specifications parameters conditions typical maximum units voltage accuracy 2 % short circuit protection momentary (1 sec) line voltage regulation (single) 0.5 % load voltage regulation (single) 0% to 100 % load 0.5 % load voltage regulation (single) 3.3v output model 0% to 100% load 1.0 % temperature coefficient 0.02 %/ o c ripple & noise at 20mhz bandwidth 60 mv p - p capacitive load 220 f rising time 50 ms general specifications parameters conditions typical maximum units switching frequency 100% load 125 khz max case temperature +95 o c operating temperature full load without derating - 40 to +85 o c storage temperature - 55 to +125 o c derating not required cooling free air convection humidity 9 5 % case material non conductive black plastic weight 2 .7 g dimensions (l x w x h) 0.76 x 0.28 x 0.3 7 inch 19.5 0 x 7.20 x 9.50 mm mtbf >880 000 hrs (mil - hdbk - 217f, ground benign, t=+25 o c) note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified safety specifications parameters agency approvals ce safety standards en 55022, class b iec61000 - 4 -2 iec61000 - 4 -3 iec61000 - 4 -4 iec61000 - 4 -6 iec61000 - 4 - 8
series am1d r -z 1 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r6.f 3 of 3 north america only pin out specifications dimensions pin 1000vdc 3000vdc 1 + v input + v input 2 - v input - v input 4 - v output no pin 5 no pin - v output 6 + v output no pin 7 no pin + v output radiated and conducted emissions application circuit: c1 l1 47 0f/100v 12 h note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice. onc e printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured . 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have con ducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for release. 6. this product i s not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. wa rranty is in accordance with aimtecs standard terms of sale available at www.aimtec.com. 19 . 50 ( 0 . 76) 15 . 20 (0 . 60 ) 2 . 54 (0 . 10 ) 7 . 20 (0 . 28 ) printed face 0 . 50 (0 . 02) 0 . 50 ( 0 . 02) 0 . 25 (0 . 01) 1 . 25 (0 . 05 ) 7 . 20 (0 . 28 ) 10 . 0 ( 0 . 39) 9 . 50 (0 . 37 ) 4 . 10 (0 . 16 ) 0 . 50 (0 . 02 )


▲Up To Search▲   

 
Price & Availability of AM1DR-2409SH30Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X