Part Number Hot Search : 
MIW2127 SP3222 HY5DU 7805P E470M CP431ARA TGT300 K1642
Product Description
Full Text Search
 

To Download 74LVC1G98GW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74lvc1g98 is a configurable multiple function gate with schmitt-trigger inputs. the device can be configured as any of the fo llowing logic functions mux, and, or, nand, nor, inverter and buffer; using the 3-bit input. all inputs can be connected to v cc or gnd. inputs can be driven from either 3.3 v or 5 v devices. this feature a llows the use of these devices as translators in mixed 3.3 v and 5 v environments. this device is fully specified for pa rtial power-down ap plications using i off . the i off circuitry disables the output, preventin g the damaging backflow current through the device when it is powered down. 2. features and benefits ? wide supply voltage range from 1.65 v to 5.5 v ? 5 v tolerant input/ output for interfacing with 5 v logic ? high noise immunity ? complies with jedec standard: ? jesd8-7 (1.65 v to 1.95 v) ? jesd8-5 (2.3 v to 2.7 v) ? jesd8b/jesd36 (2.7 v to 3.6 v). ? 24 ma output drive (v cc =3.0v) ? esd protection: ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v ? cdm jesd22-c101e exceeds 1000 v ? cmos low power consumption ? latch-up performance exceeds 250 ma ? direct interface with ttl levels ? inputs accept voltages up to 5 v ? multiple package options ? specified from ? 40 cto+85 c and ? 40 cto+125 c. 74lvc1g98 low-power configurable multiple function gate rev. 1 ? 21 december 2010 product data sheet
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 2 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate 3. ordering information 4. marking [1] the pin 1 indicator is located on the lower left corner of the device, below the marking code. 5. functional diagram table 1. ordering information type number package temperature range name description version 74LVC1G98GW ? 40 cto+125 c sc-88 plastic surface-mounted package; 6 leads sot363 74lvc1g98gv ? 40 cto+125 c sc-74 plastic surface mounted package; 6 leads sot457 74lvc1g98gm ? 40 cto+125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1.45 0.5 mm sot886 74lvc1g98gf ? 40 cto+125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1 0.5 mm sot891 74lvc1g98gn ? 40 c to +125 c xson6 extremely thin small outline package; no leads; 6 terminals; body 0.9 1.0 0.35 mm sot1115 74lvc1g98gs ? 40 c to +125 c xson6 extremely thin small outline package; no leads; 6 terminals; body 1.0 1.0 0.35 mm sot1202 table 2. marking type number marking code [1] 74LVC1G98GW v9 74lvc1g98gv v98 74lvc1g98gm v9 74lvc1g98gf v9 74lvc1g98gn v9 74lvc1g98gs v9 fig 1. logic symbol 001aad98 7 a 3 b 1 c y 6 4
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 3 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate 6. pinning information 6.1 pinning 6.2 pin description 7. functional description [1] h = high voltage level; l = low voltage level. fig 2. pin configuration sot363 and sot457 fig 3. pin configuration sot886 fig 4. pin configuration sot891, sot1115 and sot1202 74lvc1g98 bc gnd ay 001aan193 1 2 3 6 v cc 5 4 74lvc1g98 gnd 001aan194 b a v cc c y transparent top view 2 3 1 5 4 6 74lvc1g98 gnd 001aan195 b a v cc c y transparent top view 2 3 1 5 4 6 table 3. pin description symbol pin description b 1 data input gnd 2 ground (0 v) a 3 data input y 4 data output v cc 5 supply voltage c 6 data input table 4. function table [1] input output c b a y lllh llhh lhll lhhl hl l h hl hl hhl h hhhl
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 4 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate 7.1 logic configurations table 5. function selection table logic function figure 2-input mux with inverted output see figure 5 2-input nand see figure 6 2-input nor with one input inverted see figure 7 2-input and with one input inverted see figure 7 2-input nand with one input inverted see figure 8 2-input or with one input inverted see figure 8 2-input nor see figure 9 buffer see figure 10 inverter see figure 11 fig 5. 2-input mux with inverted output fig 6. 2-input nand gate 001aad99 1 b y c v cc a c 1 2 3 6 5 4 b a y 001aad99 2 y c v cc a c 1 2 3 6 5 4 a y fig 7. 2-input and gate with input a inverted or 2-input nor gate with inverted c input fig 8. 2-input or gate with input b inverted or 2-input nand gate with input c inverted 001aad99 3 y c v cc a c a c 1 2 3 6 5 4 a y y 001aad99 4 y c v cc b c b c 1 2 3 6 5 4 b y y fig 9. 2-input nor gate fig 10. buffer 001aad99 5 y c v cc b c 1 2 3 6 5 4 b y 001aad99 6 y c v cc c 1 2 3 6 5 4 y
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 5 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate 8. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] when v cc = 0 v (power-down mode), the output voltage can be 5.5 v in normal operation. [3] for sc-88 and sc-74 packages: above 87.5 c the value of p tot derates linearly with 4.0 mw/k. for xson6 packages: above 118 c the value of p tot derates linearly with 7.8 mw/k. 9. recommended operating conditions fig 11. inverter 001aad99 7 b v cc y b 1 2 3 6 5 4 y table 6. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +6.5 v i ik input clamping current v i <0v ? 50 - ma v i input voltage [1] ? 0.5 +6.5 v i ok output clamping current v o >v cc or v o <0v - 50 ma v o output voltage active mode [1] [2] ? 0.5 +6.5 v power-down mode [1] [2] ? 0.5 +6.5 v i o output current v o =0vtov cc - 50 ma i cc supply current - +100 ma i gnd ground current ? 100 - ma t stg storage temperature ? 65 +150 c p tot total power dissipation t amb = ? 40 cto+125 c [3] -250 mw table 7. recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage 1.65 - 5.5 v v i input voltage 0 - 5.5 v v o output voltage active mode 0 - v cc v v cc = 0 v; power-down mode 0 - 5.5 v t amb ambient temperature ? 40 - +125 c
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 6 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate 10. static characteristics [1] typical values are measured at maximum v cc and t amb = 25 c. table 8. static characteristics at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v). symbol parameter conditions ? 40 c to +85 c ? 40 c to +125 c unit min typ [1] max min max v ol low-level output voltage v i =v cc or gnd i o =100 a; v cc =1.65vto5.5 v - - 0.1 - 0.1 v i o =4ma; v cc = 1.65 v - - 0.45 - 0.7 v i o =8ma; v cc = 2.3 v - - 0.3 - 0.45 v i o =12ma; v cc = 2.7 v - - 0.4 - 0.6 v i o =24ma; v cc = 3.0 v - - 0.55 - 0.8 v i o =32ma; v cc = 4.5 v - - 0.55 - 0.8 v v oh high-level output voltage v i =v cc or gnd i o = ? 100 a; v cc =1.65vto5.5 v v cc ? 0.1 - - v cc ? 0.1 - v i o = ? 4ma; v cc = 1.65 v 1.2 - - 0.95 - v i o = ? 8ma; v cc = 2.3 v 1.9 - - 1.7 - v i o = ? 12 ma; v cc = 2.7 v 2.2 - - 1.9 - v i o = ? 24 ma; v cc = 3.0 v 2.3 - - 2.0 - v i o = ? 32 ma; v cc = 4.5 v 3.8 - - 3.4 - v i i input leakage current v i = 5.5 v or gnd; v cc =0vto5.5v - 0.1 5- 100 a i off power-off leakage current v i or v o =5.5v; v cc = 0 v - 0.1 10 - 200 a i cc supply current v i = 5.5 v or gnd; i o = 0 a; v cc = 1.65 v to 5.5 v - 0.1 10 - 200 a i cc additional supply current v i =v cc ? 0.6 v; i o =0a; v cc = 2.3 v to 5.5 v -5500-5000 a c i input capacitance -2.5- - -pf
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 7 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate 11. dynamic characteristics [1] typical values are measured at nominal v cc and at t amb = 25 c. [2] t pd is the same as t plh and t phl [3] c pd is used to determine the dynamic power dissipation (p d in w). p d = c pd v cc 2 f i n + (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; (c l v cc 2 f o ) = sum of outputs. 12. waveforms table 9. dynamic characteristics voltages are referenced to gnd (ground = 0 v); for test circuit see figure 13 . symbol parameter conditions ? 40 c to +85 c ? 40 c to +125 c unit min typ [1] max min max t pd propagation delay a, b, c to y; see figure 12 [2] v cc = 1.65 v to 1.95 v 1.0 6.0 14.4 1.0 18.0 ns v cc = 2.3 v to 2.7 v 0.5 3.5 8.3 0.5 10.4 ns v cc = 2.7 v 0.5 4.2 8.5 0.5 10.6 ns v cc = 3.0 v to 3.6 v 0.5 3.8 6.3 0.5 7.9 ns v cc = 4.5 v to 5.5 v 0.5 3.0 5.1 0.5 6.4 ns c pd power dissipation capacitance v cc =3.3v; v i =gndtov cc [3] -20- - -pf measurement points are given in table 10 . v ol and v oh are typical output voltage levels that occur with the output load. fig 12. input a, b and c to output y propagation delay times y output a, b, c input y output gnd v i v oh v oh v ol v ol v m v m v m v m v m v m t plh t plh t phl t phl 001aab59 3
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 8 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate table 10. measurement points supply voltage input output v cc v m v i v m 1.65 v to 1.95 v 0.5v cc v cc 0.5v cc 2.3 v to 2.7 v 0.5v cc v cc 0.5v cc 2.7 v 1.5 v 2.7 v 1.5 v 3.0vto3.6v 1.5v 2.7v 1.5v 4.5 v to 5.5 v 0.5v cc v cc 0.5v cc measurement points are given in table 11 . definitions test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. fig 13. test circuit for measuring switching times v ext v cc v i v o mna61 6 dut c l r t r l r l g table 11. measurement points supply voltage input load v ext v cc v i t r =t f c l r l t plh , t phl 1.65 v to 1.95 v v cc 2.0ns 30pf 1k open 2.3to2.7v v cc 2.0ns 30pf 500 open 2.7v 2.7v 2.5ns 50pf 500 open 3.0vto3.6v 2.7v 2.5ns 50pf 500 open 4.5 v to 5.5 v v cc 2.5ns 50pf 500 open
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 9 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate 13. transfer characteristics [1] typical values are measured at t amb =25 c. 14. waveforms trans fer characteristics table 12. transfer characteristics at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v). symbol parameter conditions ? 40 c to +85 c ? 40 c to +125 c unit min typ [1] max min max v t+ positive-going threshold voltage see figure 14 , figure 15 , figure 16 and figure 17 v cc = 1.8 v 0.70 1.02 1.20 0.67 1.20 v v cc = 2.3 v 1.11 1.42 1.60 1.08 1.60 v v cc = 3.0 v 1.50 1.79 2.00 1.47 2.00 v v cc = 4.5 v 2.16 2.52 2.74 2.13 2.74 v v cc = 5.5 v 2.61 2.99 3.33 2.58 3.33 v v t ? negative-going threshold voltage see figure 14 , figure 15 , figure 16 and figure 17 v cc = 1.8 v 0.30 0.53 0.72 0.30 0.75 v v cc = 2.3 v 0.58 0.77 1.00 0.58 1.03 v v cc = 3.0 v 0.80 1.04 1.30 0.80 1.33 v v cc = 4.5 v 1.21 1.55 1.90 1.21 1.93 v v cc = 5.5 v 1.45 1.86 2.29 1.45 2.32 v v h hysteresis voltage (v t+ ? v t ? ) see figure 14 , figure 15 , figure 16 and figure 17 v cc = 1.8 v 0.30 0.48 0.62 0.23 0.62 v v cc = 2.3 v 0.40 0.64 0.80 0.34 0.80 v v cc = 3.0 v 0.50 0.75 1.00 0.44 1.00 v v cc = 4.5 v 0.71 0.97 1.20 0.65 1.20 v v cc = 5.5 v 0.71 1.13 1.40 0.65 1.40 v v t+ and v t ? limits are at 70 % and 20 %. fig 14. transfer characteristic fig 15. definition of v t+ , v t ? and v h mna20 7 v o v i v h v t+ v t ? mna208 v o v i v h v t+ v t ?
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 10 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate v t+ and v t ? limits are at 70 % and 20 %. fig 16. transfer characteristic fig 17. definition of v t+ , v t ? and v h mnb15 4 v o v h v i v t+ v t ? mnb15 5 v o v i v h v t+ v t ? fig 18. typical 74lvc1g98 transfer characteristic; v cc =3.0v 001aab594 v i (v) 03 2 1 8 4 12 16 i cc (ma) 0
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 11 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate 15. package outline fig 19. package outline sot363 (sc-88) references outline version european projection issue date iec jedec jeita sot363 sc-88 wb m b p d e 1 e pin 1 index a a 1 l p q detail x h e e v m a a b y 0 1 2 mm scale c x 13 2 4 5 6 plastic surface-mounted package; 6 leads sot36 3 unit a 1 max b p cd e e 1 h e l p qy w v mm 0.1 0.30 0.20 2.2 1.8 0.25 0.10 1.35 1.15 0.65 e 1.3 2.2 2.0 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 0.25 0.15 a 1.1 0.8 04-11-08 06-03-16
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 12 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate fig 20. package outline sot457 (sc-74) references outline version european projection issue date iec jedec jeita sot457 sc-74 wb m b p d e pin 1 index a a 1 l p q detail x h e e v m a a b y scale c x 13 2 4 5 6 0 1 2 mm plastic surface-mounted package (tsop6); 6 leads sot45 7 unit a 1 b p cd e h e l p qy w v mm 0.1 0.013 0.40 0.25 3.1 2.7 0.26 0.10 1.7 1.3 e 0.95 3.0 2.5 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.6 0.2 0.33 0.23 a 1.1 0.9 05-11-07 06-03-16
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 13 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate fig 21. package outline sot886 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot886 mo-252 sot88 6 04-07-15 04-07-22 dimensions (mm are the original dimensions) xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale notes 1. including plating thickness. 2. can be visible in some manufacturing processes. unit mm 0.25 0.17 1.5 1.4 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.5 0.6 a (1) max 0.5 0.04 1 6 2 5 3 4 6 (2) 4 (2) a
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 14 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate fig 22. package outline sot891 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot891 sot89 1 05-04-06 07-05-15 xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale dimensions (mm are the original dimensions) unit mm 0.20 0.12 1.05 0.95 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.35 0.55 a max 0.5 0.04 1 6 2 5 3 4 a 6 (1) 4 (1) note 1. can be visible in some manufacturing processes.
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 15 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate fig 23. package outline sot1115 (xson6) references outline version european projection issue date iec jedec jeita sot1115 sot1115_po 10-04-02 10-04-07 unit mm max nom min 0.35 0.04 0.95 0.90 0.85 1.05 1.00 0.95 0.55 0.3 0.40 0.35 0.32 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. x son6: extremely thin small outline package; no leads; 6 terminals; body 0.9 x 1.0 x 0.35 mm sot111 5 a 1 b 0.20 0.15 0.12 deee 1 l 0.35 0.30 0.27 l 1 0 0.5 1 mm scale terminal 1 index area d e (4 ) (2) e 1 e 1 e l l 1 b 3 2 1 6 5 4 (6 ) (2) a 1 a
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 16 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate fig 24. package outline sot1202 (xson6) references outline version european projection issue date iec jedec jeita sot1202 sot1202_po 10-04-02 10-04-06 unit mm max nom min 0.35 0.04 1.05 1.00 0.95 1.05 1.00 0.95 0.55 0.35 0.40 0.35 0.32 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. x son6: extremely thin small outline package; no leads; 6 terminals; body 1.0 x 1.0 x 0.35 mm sot120 2 a 1 b 0.20 0.15 0.12 deee 1 l 0.35 0.30 0.27 l 1 0 0.5 1 mm scale terminal 1 index area d e (4 ) (2) e 1 e 1 e l b 123 l 1 6 5 4 (6 ) (2) a a 1
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 17 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate 16. abbreviations 17. revision history table 13. abbreviations acronym description cdm charged device model cmos complementary metal oxide semiconductor ttl transistor-transistor logic hbm human body model esd electrostatic discharge mm machine model dut device under test table 14. revision history document id release date data sheet status change notice supersedes 74lvc1g98 v.1 20101221 product data sheet - -
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 18 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate 18. legal information 18.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 18.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 18.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qua lified for use in automotive applications. the product is not desi gned, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be ex pected to result in personal injury, death or severe property or environmental dam age. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
74lvc1g98 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 21 december 2010 19 of 20 nxp semiconductors 74lvc1g98 low-power configurable multiple function gate export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from national authorities. 18.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 19. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74lvc1g98 low-power configurable multiple function gate ? nxp b.v. 2010. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 21 december 2010 document identifier: 74lvc1g98 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 20. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 3 7.1 logic configurations . . . . . . . . . . . . . . . . . . . . . 4 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 9 recommended operating conditions. . . . . . . . 5 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 6 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 7 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 13 transfer characteristics . . . . . . . . . . . . . . . . . . 9 14 waveforms transfer characteristics. . . . . . . . . 9 15 package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 16 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 17 17 revision history . . . . . . . . . . . . . . . . . . . . . . . . 17 18 legal information. . . . . . . . . . . . . . . . . . . . . . . 18 18.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 18 18.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 18.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 18.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 19 19 contact information. . . . . . . . . . . . . . . . . . . . . 19 20 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20


▲Up To Search▲   

 
Price & Availability of 74LVC1G98GW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X