Part Number Hot Search : 
ZM4756A HB02110 DGD2118 M68719 IS421 OA1180 03070 SEMICO
Product Description
Full Text Search
 

To Download 2SD1562A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2sd1562 2SD1562A description with to-220c package complement to type 2sb1085/1085a high transition frequency applications for low freuqency power amplifier applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(tc=25  ) symbol parameter conditions value unit 2sd1562 120 v cbo collector-base voltage 2SD1562A open emitter 160 v 2sd1562 120 v ceo collector-emitter voltage 2SD1562A open base 160 v v ebo emitter-base voltage open collector 5 v i c collector current 1.5 a i cm collector current-peak 3.0 a t c =25 20 p c collector power dissipation t a =25 1.5 w t j junction temperature 150  t stg storage temperature -55~150 
savantic semiconductor product specification 2 silicon npn power transistors 2sd1562 2SD1562A characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2sd1562 120 v (br)ceo collector-emitter breakdown voltage 2SD1562A i c =1ma; i b =0 160 v 2sd1562 120 v (br)cbo collector-base breakdown voltage 2SD1562A i c =50a; i e =0 160 v v (br)ebo emitter-base breakdown voltage i e =50a; i c =0 5 v v cesat collector-emitter saturation voltage i c =1 a;i b =0.1 a 2.0 v v besat base-emitter on saturation voltage i c =1 a;i b =0.1 a 1.5 v i cbo collector cut-off current v cb =120v; i e =0 1.0 a i ebo emitter cut-off current v eb =4v; i c =0 1.0 a 2sd1562 60 320 h fe dc current gain 2SD1562A i c =0.1a ; v ce =5v 60 200 f t transition frequency i e =-0.1a ; v ce =5v 80 mhz c ob output capacitance i e =0 ; v cb =10v;f=1mhz 20 pf  h fe classifications type d e f 2sd1562 60-120 100-200 160-320 2SD1562A 60-120 100-200
savantic semiconductor product specification 3 silicon npn power transistors 2sd1562 2SD1562A package outline fig.2 outline dimensions (unindicated tolerance:0.10 mm)


▲Up To Search▲   

 
Price & Availability of 2SD1562A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X