Part Number Hot Search : 
MCL12 TA820 MQF45 40060 13009 00152 EDZ16B2 2417K4A
Product Description
Full Text Search
 

To Download 2SB1260 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente 2SB1260 -1 a, -80 v pnp plastic encapsulated transistor 01-july-2007 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. 1 base 3 emitte r collector 24 rohs compliant product a suffix of ?-c? specifies halogen & lead-free features high breakdown voltage and high current bv ceo =-80v, i c =-1a good h fe linearity complements to 2sd1898 package information weight: 0.05 g (approximately) marking zl absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol ratings unit collector-base voltage v cbo -80 v collector-emitter voltage v ceo -80 v emitter-base voltage v ebo -5 v collector current -continuous i c -1 a collector power dissipation p c 0.5 w junction & storage temperature t j , t stg 150, -55~150 c pnp electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector-base breakdown voltage v (br)cbo -80 - - v i c =-50 a, i e =0 collector-emitter breakdown voltage v (br)ceo -80 - - v i c = -1ma, i b =0 emitter-base breakdown voltage v (br)ebo -5 - - v i e =-50 a, i c =0 collector cut-off current i cbo - - -1 a v cb =-60v, i e =0 emitter cut-off current i ebo - - -1 a v eb =-4 v, i c =0 dc current gain h fe 82 - 390 v ce =-3v, i c = -100ma collector-emitter saturation voltage v ce(sat) - - -0.4 v i c =-500ma, i b = -50ma transition frequency f t - 100 - mhz v ce =-5v, i c =-50ma, f=30mhz output capacitance c ob - 25 - pf v cb =-10v, i e =0, f=1mhz classification of hfe2 rank q r s range 82 - 180 120 - 270 180 - 390 millimete r millimete r ref. min. max. ref. min. max. a 4.40 4.60 g 0.40 0.58 b 3.94 4.25 h 1.50 typ c 1.40 1.60 j 3.00 typ d 2.30 2.60 k 0.32 0.52 e 1.50 1.70 l 0.35 0.44 f 0.89 1.20 sot-89 a e c d b k h f g l j 1 2 3 4 b c e
elektronische bauelemente 2SB1260 -1 a, -80 v pnp plastic encapsulated transistor 01-july-2007 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves fig.1 grounded emitter propagation characteristics 0 -0.1 -1 -100 -1000 base to emitter voltage : v be (v) collector current : i c (ma) -0.8 -1.2 -1.6 -10 -0.2 -0.4 -1.0 -1.4 -0.6 ta=25 c v ce =- 5v fig.2 grounded emitter output characteristics 0 0 -0.2 -0.8 -1.0 -0.4 -0.8 -1.2 -1.6 -0.4 -0.6 -2.0 -0.2 -0.6 -1.0 -1.4 -1.8 collector current : i c (ma) collector to emitter voltage : v ce (v) ta=25 c -0.05ma i b =0ma -0.1ma -0.15ma -0.2ma -0.25ma -0.3ma -0.35ma -0.4ma -0.45ma fig.3 dc current gain vs. collector current -1 -2 -5 -10 -20 -50-100 -200 -500 -2000 collector current : i c (ma) 10 dc current gain : h fe -1000 20 50 100 200 500 1000 v ce =-3v -1v ta=25 c fig.4 collector-emitter saturation voltage vs. collector current -0.01 -0.02 -0.05 -0.1 -0.2 -0.5 -1 -2 ta=25 c i c /i b =20 -1 -2 -5 -10 -20 -50 -100-200-500 -2000 -1000 collector saturation voltage : v ce(sat) (v) collector current : i c (ma) 10 fig.5 gain bandwidth product vs. emitter current 1 2 5 10 20 50 100 200 500 1000 1 2 5 10 20 50 100 200 500 1000 emitter current : i e (ma) transition frequency : f t (mhz) ta=25 c v ce =- 5v fig.6 collector output capacitance vs. collector-base voltage -0.2 -0.1 -0.5 -1 -2 -5 -10 -20 -50 -100 1 2 5 10 20 50 100 200 500 1000 ta=25 c f=1mhz i e =0a collector output capacitance : cob ( pf) collector to base voltage : v cb (v) fig. 7 emitter input capacitance vs. emitter-base voltage -0.1 10 20 -0.2 -0.5 -1 -2 200 1000 -5 -10 500 100 50 ta=25 c f=1mhz i c =0a emitter input capacitance : cib (pf) emitter to base voltage : v eb (v) -0.5 -2 -1 -5 -10 -20 -50 -100 fig. 8 safe operating area (2SB1260) collector current : i c (a) collector to emitter voltage : v ce (v) -2 -1 -0.5 -0.2 -0.1 -0.05 ta=25 c * single nonrepetitive pulse i c max . (pulse) i c max . p w = 10ms p w =100ms dc


▲Up To Search▲   

 
Price & Availability of 2SB1260

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X