Part Number Hot Search : 
C895199 2SD1510 W1222 FX003QZS BAT43 TEW5363 N037T FSL110D1
Product Description
Full Text Search
 

To Download 1980040000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | female push in socket block with spring connection in 5.00/5.08 pitch | blf 5.00-5.08/90/270 | blf 5.00/90lh sn - 1 - general ordering data order no. 1980040000 part designation blf 5.00/08/90lh sn bk bx version pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 8, 90, box ean 4032248675104 qty. 36 pc(s). packaging box system parameters conductor connection system push in outgoing direction of conductor 90 pitch in mm 5 mm pitch in inch 0.197 inch no. of poles 8 no. of rows 1 screwdriver blade 0.6 x 3.5 screwdriver blade standard din 5264 stripping length 10 mm l1 in mm 35 mm l1 in inch 1.379 inch electric shock protection to din vde 0470 ip 20 electric shock protection to din vde 57 106 safe from finger touch material data insulating material pbt colour black colour chart similar to ral 9011 flammability class ul 94 v-0 contact material cusn contact surface tinned contact base material cusn
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | female push in socket block with spring connection in 5.00/5.08 pitch | blf 5.00-5.08/90/270 | blf 5.00/90lh sn - 2 - connectable conductors clamping range, min. 0.13 mm2 clamping range, max. 3.31 mm2 conductor connection cross-section awg, min. awg 26 conductor connection cross-section awg, max. awg 12 solid, min. h05(07) v-u 0.2 mm2 solid, max. h05(07) v-u 2.5 mm2 stranded, max. h07v-r 2 mm2 stranded, min. h07v-r 0 mm2 flexible, min. h05(07) v-k 0.2 mm2 flexible, max. h05(07) v-k 2.5 mm2 w. wire end ferrule, din 46228 pt 1, min 0.2 mm2 with wire end ferrule, din 46228 pt 1, max. 2.5 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.2 mm2 with plastic collar ferrule, din 46228 pt 4, max. 2.5 mm2 gauge to en 60999 a x b; ? 2.4 mm x 1.5 mm din iec rating data rated current, min. no. of poles (tu=20c) 18.5 a rated current, max. no. of poles (tu=20c) 6 a rated current, no. of poles (tu=40c), min. 12.5 a rated current, no. of poles (tu=40c), max. 6 a rated voltage for overvoltage class/pollution severity ii/2 400 v rated voltage for overvoltage class/pollution severity iii/2 320 v rated voltage at overvoltage category/pollution degree iii/3 250 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 4 kv short-time withstand current resistance 3 x 1s with 120 a csa rating data rated voltage (use group b) 300 v rated current (use group b) 10 a ul 1059 rating data rated voltage (use group b) 300 v rated current (use group b) 10 a approvals approvals institutes csa; curus classifications eclass 6.0 27-26-07-08 notes notes
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | female push in socket block with spring connection in 5.00/5.08 pitch | blf 5.00-5.08/90/270 | blf 5.00/90lh sn - 3 - notes similar products order no. part designation version 1979980000 blf 5.00/02/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 2, 90, box 1979990000 blf 5.00/03/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 3, 90, box 1980000000 blf 5.00/04/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 4, 90, box 1980010000 blf 5.00/05/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 5, 90, box 1980020000 blf 5.00/06/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 6, 90, box 1980030000 blf 5.00/07/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 7, 90, box 1980050000 blf 5.00/09/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 9, 90, box 1980060000 blf 5.00/10/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 10, 90, box 1980070000 blf 5.00/11/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 11, 90, box 1980080000 blf 5.00/12/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 12, 90, box 1980090000 blf 5.00/13/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 13, 90, box 1980100000 blf 5.00/14/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 14, 90, box 1980110000 blf 5.00/15/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 15, 90, box 1980120000 blf 5.00/16/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 16, 90, box 1980130000 blf 5.00/17/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 17, 90, box 1980140000 blf 5.00/18/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 18, 90, box 1980150000 blf 5.00/19/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 19, 90, box 1980160000 blf 5.00/20/90lh sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5 mm, no. of poles: 20, 90, box


▲Up To Search▲   

 
Price & Availability of 1980040000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X