all product specifications are subject to change without notice last updated : 29-may-2012 competence in mobile computing http://www.advantech-dlog.com regional contact: features trek-510 introduction the trek-510 is a dedicated box computer for industrial vehicle feets, transport trucks, buses and taxis. trek-510 combined with a variety of i/o connectors can be connected to devices like obd-ii or tpms (tire pressure monitoring system). built-in wireless communications-wwan enable trek-510 to send important driver/vehicle/location/car information back to the control center. trek-510 can also operate in extreme environments with features like a wide working temperature range (-30 to 70 degrees) and anti-shock/vibration design. trek-510 also uses a special design to handle the critical issue of in-vehicle power. special power protection (iso7637-2/sae j1455 class a/ sae j1113) and car power management software (ignition on/off, delay on/off, low battery monitor) prevent electrical noise and surges from impacting the system, guarding against damage from transient car power. specifcations system soc stm industrial degree sta2062 arm9-based 333 mhz risc soc system memory mobile ddr 128 mb watchdog yes rtc yes, with one time 200 mah coin battery operating system win ce 5.0 english core version as default physical dimensions 261 x 125 x 59.1 mm weight 1.5 kg storage on board flash 2 gb on board fash for bootloader, image & customer's ap sd slot 1 x (external accessible) display interface smart display port design compatible with trek-303l, 7" smart display, the signal includes: ? 18-bit lvds out ? 1 x rs-232 ? 1 x audio line out ? 1 x usb host ? 12 v @ 1 a output i/o can 1 x can 2.0 a/b by db9 with j1939 protocal usb host 1 x usb 2.0 host port by type a usb client 1 x usb client by mini type ab mic in 1 x rca jack line-out 1 x rca jack com port com 1&2: 2 x full function rs-232, 5 v/12 v @ 0.5 a, ping9, by jumper selection com3: 1 x 4-wire rs-232/485 (controlled by software), 5 v/12 v @ 0.5 a, ping9, by jumper selection isolation di/do 4 x isolated dry contact digital inputs from db9 connector (2500 vrms protection) 4 x relay driver from db9 connector communication wwan gprs - cinterion mc55i: support gprs class 10 (quad-band) cdma - sierra wireless mc 5728v: support ev-do rev a, ev-do,cdma (1900 mhz, 800 mhz) hsdpa - sierra wireless mc 8790v: support edge, gprs, gsm, hsdpa, hsupa (gprs/edge class b, multislot class 12) (quad-band) gps rf receiver type 32 channels (built-in), gps l1 frequency, c/a code 50 channels, gps l1 frequency (option) cold start 39 s 29 s warm start 33 s 29 s hot start < 1 s < 1 s agps 3 s < 5 s acquisition 145dbm 160dbm protocol nmea input/output, ascii, 0183, 2.3 (compatible to 3.0) antenna sma connector for external antenna led led indicator power (red), gps operation (blue), wwan link (green), status (green) e ? st arm based sta2062 333 mhz cpu with win ce ? automotive grade working temperature range (-30 to 70 c) ? rich i/o such as can, multi-coms, isolation 4di/4do, line out, mic in, usb, sd ? built-in rf communication modules, such as gprs/hsdpa/cdma ? certifcations: ce, fcc, e-mark and mil-std-810g, iso7637-2, sae j1113, sae j1455 regulations ? ignition on/off delay; sw detectable/controllable for car power management arm-based, in-vehicle computing box new its/telematics
competence in mobile computing http://www.advantech-dlog.com regional contact: trek-510 ordering information part number description trek-510-gcea0e vehicle computing system with st 2062 processor, 128 mb ram and 2 gb nand fash, gps, gprs, win ce 5.0 trek-303r-la0e 7" vehicle display system, 480 x 234 resolution, with 4 wire resistive touchscreen, 2-watt speaker 1700018342 2-meter cable (paired with trek-510) car power design dc-input supports 12/24v car power systems (6v ~ 36v wide dc input, iso 7637, sae j1113) power management power on/off delay, power on delay, 2 sec by default power off delay, 5 sec by default delay time allow control by sw confguration low voltage protection hw reset yes, 1 reset button environment ip rating ip31 operating temp. -30 c ~ +70 c storage temp. -40 c ~ +85 c vibration/shock mil-std-810g, method 516.5 emc ce, fcc certifcations safety ce, cb vehicle power regulations e-mark, sae j1455, sae j1113, iso7637-2, compliance mechanical material top cover (aluminum extrusion) side cover (pc) bottom & i/o cover (metal) specifcations cont. fully integrated i/o status gps wwan ant. power wwan usb host usb client mic in line out reset power rs-485/ rs-232 di/do ground rs-232 rs-232 can smart display gps ant. packing list part number description quantity trek-510-gcea0e arm-based, in-vehicle computing box x1 1700018306 power cable x1 1750001380 gps antenna x1 1750006080 wwan antenna x1 2068051000 startup manual cd x1 19900018848t000 cable clip for mic in, line out, usb host, usb client x4 261 125.10 59.10 54.10 ?5.40 250 117.50 dimensions unit: mm
|