Part Number Hot Search : 
R6020 2N4277 63N03NX 71715 RP3003 IN7440D 5L3F1V3 SMBJ24
Product Description
Full Text Search
 

To Download 16A05C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  glass passivated rectifier e-mail: sales@cnmic.com web site: www.cnmic.com voltage range 50 to 1000 volts 16A05C thru 16a10c current 16.0 ampere features glass passivated chip junction low power loss, high efficiency low leakage high current capacity, high surge capacity high temperature soldering guaranteed 200 /10 second, 0.16 (4.06mm) lead length from case also available in isolated package under part number 16af05c mechanical data case: transfer molded plastic epoxy: ul94v-0 rate flame retardant polarity: marked on package lead: plated axial lead, solderable per mil-std-202e method 208c mounting position: any weight: 0.064 ounce, 1.81 gram maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified single phase, half wave, 60hz, resistive or inductive load for capacitive load derate current by 20% symbols 16A05C 16a1c 16a2c 16a4c 16a6c 16a8c 16a10c unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 volts maximum average forward rectified current at tc=100 i (av) 16.0 amps peak forward surge current 8.3ms single half sine wave superimposed on rated load (jedec method) i fsm 175 amps maximum instantaneous forward voltage at 8.0a v f 1.1 volts t a = 25 10 maximum dc reverse current at rated dc blocking voltage per element t a = 125 i r 300 a typical junction capacitance (measured at 1.0mhz and applied reverse voltage of 4.0v) c j 55 pf typical thermal resistance (note 1) r jc 2.5 /w operating junction temperature range t j (-55 to +150) storage temperature range t stg (-55 to +150) notes: 1. unit mounted on heatsink dimensions in inches and (millimeters) to-220ab
glass passivated rectifier e-mail: sales@cnmic.com web site: www.cnmic.com voltage range 50 to 1000 volts her1601c thru her1607c current 16.0 ampere fig.2-maximum non-repetitive peak 100 t jmax 40 20 10 2 1 0 c u r r e n t , ( a ) p e a k f o r w a r d s u r g e number of cycles at 60 hz 8.3ms single half sine-wave (jedec method) t= forward surge current derating curve fig.1-typical forward current 150 175 125 75 100 50 0 0 single phase inductive load half wave 60hz resistive or 25 a v e r a g e f o r w a r d c u r r e n t , ( a ) ambient temperature, ( c) 0.375 (9.5mm) lead length 468 1 cycle 60 0.1 100 10 fig.5-typical junction capacitance 0.1 1 vsig=50mvp-p j u n c t i o n c a p a c i t a n c e , ( p f ) f=1mhz t =25 c 1.010100 j j t =25 c 140 120 020 60 1.0 10 reverse voltage,(%) percent of rated peak 100 1.6 i n s t a n t a n e o u s r e v e r s e c u r r e n t , i n s t a n t a n e o u s f o r w a r d c u r r e n t , instantaneous forward voltage,(v) ( a ) ( a ) pulse width=300us 1% duty cycle 0.4 0.8 t =25 c j 1.2 ( a ) 100 40 80 forward characteristics fig.3-typical instantaneous fig.4-typical reverse characteristics reverse voltage,(v) rating and chracteristic curves 16A05C thru 16a10c 20 15 10 200 100 1000 100 10 1.0 0.1 t =125 c j


▲Up To Search▲   

 
Price & Availability of 16A05C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X