Part Number Hot Search : 
EGP50B A1106AG1 M51722P MC74VH EL0611 AD9762AR MVME1603 SMAJ85
Product Description
Full Text Search
 

To Download 0475310011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0475310011 status: active overview: battery_connectors description: 2.00mm (.079") pitch battery connector, smt, contact width 0.67mm (.026"), with mylar, 4 circuits documents: 3d model product specification ps-47531-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 47531 application board-to-board overview battery_connectors product name battery connector physical breakaway no circuits (loaded) 4 circuits (maximum) 4 durability (mating cycles max) 10,000 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal copper alloy material - plating mating gold material - plating termination gold material - resin high temperature thermoplastic number of rows 1 orientation right angle pc tail length (in) 0.000 in pc tail length (mm) 0.00 mm pcb locator no pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 3 plating min: termination (m) 0.08 polarized to mating part yes polarized to pcb no shrouded no stackable yes temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 1a voltage - maximum 200v (rms) series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47531 series
solder process data duration at max. process temperature (seconds) 3 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 3 process temperature max. c 250 material info reference - drawing numbers packaging specification pk-47531-001 product specification ps-47531-001 sales drawing sd-47531-001 this document was generated on 05/26/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0475310011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X