www.rfm.com e-mail: info@rfm.com page 1 of 3 ?2009-2010 by rf monolithics, inc. XTL1018 - 2/3/10 electrical characteristics characteristic sym notes minimum typical maximum units nominal frequency f o 24.26500 mhz mode of oscillation fundamental storage temperature range -40 +85 c operating temperature range -40 +85 c frequency stability over operating temperature range 30 ppm equivalent series resistance esr 60 ? nominal drive level 81012uw shunt capacitance c o 2pf load capacitance c l 12 pf insulation resistance 500 m ? min @ 100v dc aging 1.0 ppm stanard shipping quantity on 178 mm (7?) reel 1000 units lid symbolization (in addition to lot and/or date codes) 2q // yw ? surface mount seam weld package excellent frequency stability over temperature ultra-miniature seam welded package complies with directive 2002/95/ec (rohs) the XTL1018 is a surface mount 2.0 x 1.6 mm crystal unit for use in wireless telecommunications devices, especially where an ultra-miniature package is needed for mobility. 24.26500 mhz crystal unit XTL1018 sm2016-4 pb caution: electrostatic sensitive device. observe precautions for handling. notes: 1. the design, manufacturing process, and specifications of this device are subject to change without notice.
www.rfm.com e-mail: info@rfm.com page 2 of 3 ?2009-2010 by rf monolithics, inc. XTL1018 - 2/3/10 4-terminal ceramic surface-mount case 2.0 x 1.6 mm nominal footprint sm2016-4 case electrical connections connection terminals input / output 1 input / output 3 ground 2 & 4
www.rfm.com e-mail: info@rfm.com page 3 of 3 ?2009-2010 by rf monolithics, inc. XTL1018 - 2/3/10 tape dimensions (mm): reel dimensions (mm): note: 1. unless otherwise specified tolerance on dimension +/-0.1 mm. 2. material: conductive polystyrene with color black. 3. 10 pitch cumulative tolerance +/-0.2 mm.
|