Part Number Hot Search : 
N10NG 1921X251 MC4053 SD335 15KE22CA LT3694 FR105 PC1002
Product Description
Full Text Search
 

To Download UFB120FA40P10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94086 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 21-jul-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 insulated ultrafast rectifier module, 120 a ufb120fa40p vishay semiconductors features ? two fully independent diodes ? ceramic fully insulated package (v isol = 2500 v ac ) ? ultrafast reverse recovery ? ultrasoft reverse recovery current shape ? low forward voltage ? optimized for power conver sion: welding and industrial smps applications ? industry standard outline ? plug-in compatible with other sot-227 packages ? easy to assemble ? direct mounting to heatsink ? ul approved file e78996 ? compliant to rohs directive 2002/95/ec ? designed and qualified for industrial level description the ufb120fa40p insulated modules integrate two state of the art ultrafast recovery rectifiers in the compact, industry standard sot-227 package. the planar structure of the diodes, and the platinum doping life time control, provide a ultrasoft recovery current shape, together with the best overall performanc e, ruggedness and reliability characteristics. these devices are thus intended for high frequency applications in which the switching energy is designed not to be predominant portion of the total energy, such as in the output rectification stage of welding machines, smps, dc-to-dc converters. their extremely optimized stored charge and low recovery current reduce both over dissipation in the switching elements (and snubbers) and emi/rfi. product summary v r 400 v i f(av) at t c = 65 c 120 a t rr 35 ns sot-227 absolute maximum ratings parameter s ymbol te s t condition s max. unit s cathode to anode voltage v r 400 v continuous forward current per diode i f t c = 65 c 60 a single pulse forwar d current per diode i fsm t c = 25 c 800 maximum power dissip ation per module p d t c = 90 c 96 w rms isolation voltage v isol any terminal to case, t = 1 minute 2500 v operating junction and storage temperatures t j , t stg - 55 to 150 c c
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 94086 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 21-jul-10 ufb120fa40p vishay semiconductors insulated ultrafast rectifier module, 120 a electrical specifications per diode (t j = 25 c unless otherwise specified) parameter s ymbol te s t condition s min. typ. max. unit s cathode to anode breakdown voltage v br i r = 100 a 400 - - v forward voltage v fm i f = 60 a - 1.16 1.37 i f = 60 a, t j = 150 c - 0.96 1.13 reverse leakage current i rm v r = v r rated - - 0.1 ma t j = 150 c, v r = v r rated - - 1 junction capacitance c t v r = 400 v - 67 - pf dynamic recovery characteristics per diode (t j = 25 c unless otherwise specified) parameter s ymbol te s t condition s min. typ. max. unit s reverse recovery time t rr i f = 1.0 a, di f /dt = 200 a/s, v r = 30 v - 30 35 ns t j = 25 c i f = 50 a di f /dt = 200 a/s v r = 200 v -65- t j = 125 c - 128 - peak recovery current i rrm t j = 25 c - 7.4 - a t j = 125 c - 17.8 - reverse recovery charge q rr t j = 25 c - 240 - nc t j = 125 c - 1139 - thermal - mechanical specifications parameter s ymbol te s t condition s min. typ. max. unit s junction to case, si ngle diode conducting r thjc - 0.99 1.24 c/w junction to case, both di odes conducting - 0.49 0.62 case to heatsink r thcs flat, greased surface - 0.05 - weight -30- g mounting torque -1.3-nm
document number: 94086 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 21-jul-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 ufb120fa40p insulated ultrafast rectifier module, 120 a vishay semiconductors fig. 1 - typical forward voltage drop characteristics (per diode) fig. 2 - typical values of reverse current vs. reverse voltage fig. 3 - typical junction capacitance vs. reverse voltage fig. 4 - maximum thermal impedance z thjc (per diode) 1 10 t j = 150 c t j = 125 c t j = 25 c 0 v f - forward voltage drop (v) i f - instantaneous forward current (a) 100 1000 0.5 1.0 1.5 2.0 0.01 0.1 1 10 100 0 200 300 v r - reverse voltage (v) i r - reverse current (a) t j = 150 c t j = 125 c t j = 25 c 400 100 0.001 100 1 10 100 1000 10 v r - reverse voltage (v) c t - junction capacitance (pf) t j = 25 c 1000 0.01 0.1 10 0.0001 0.001 0.01 0.1 1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) . . p dm t 1 t 2 notes: 1. duty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c 1 single pulse (thermal resistance) 10
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 94086 4 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 21-jul-10 ufb120fa40p vishay semiconductors insulated ultrafast rectifier module, 120 a fig. 5 - maximum allowable case temperature vs. avarage forward current (per diode) fig. 6 - forward power loss (per diode) fig. 7 - typical reverse recovery time vs. di f /dt fig. 8 - typical stored charge vs. di f /dt note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = 80 % rated v r 010 allowable case temperature (c) i f(av) - average forward current (a) 120 140 160 see note (1) 100 dc 80 60 20 30 square wave (d = 0.50) 80 % rated v r applied 50 70 20 40 40 60 020 average power loss (w) i f(av) - average forward current (a) 0 d = 0.01 d = 0.02 d = 0.05 d = 0.10 d = 0.20 d = 0.50 dc 10 40 20 40 70 60 rms limit 60 70 50 30 10 30 50 100 1000 t rr (ns) di f /dt (a/s) 80 140 v rr = 200 v i f = 50 a 110 160 50 t j = 125 c t j = 25 c 130 60 70 90 100 120 150 100 1000 q rr (nc) di f /dt (a/s) 1050 3050 2550 v rr = 200 v i f = 50 a 2050 50 550 1550 t j = 125 c t j = 25 c
document number: 94086 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 21-jul-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 5 ufb120fa40p insulated ultrafast rectifier module, 120 a vishay semiconductors fig. 9 - reverse recovery parameter test circuit fig. 10 - reverse recovery waveform and definitions irfp250 d.u.t. l = 70 h v r = 200 v 0.01 g d s di f /dt adju s t q rr 0.5 i rrm di (rec)m /dt 0.75 i rrm i rrm t rr t b t a i f di f /dt 0 (1) (2) (3) (4) (5) (1) di f /dt - rate of change of current through zero cro ss ing (2) i rrm - peak rever s e recovery current (3) t rr - rever s e recovery time mea s ured from zero cro ss ing point of negative going i f to point where a line pa ss ing through 0.75 i rrm and 0.50 i rrm extrapolated to zero current. (4) q rr - area under curve dened by t rr and i rrm t rr x i rrm 2 q rr = (5) di (rec)m /dt - peak rate of change of current during t b portion of t rr
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 94086 6 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 21-jul-10 ufb120fa40p vishay semiconductors insulated ultrafast rectifier module, 120 a ordering information table circuit configuration link s to related document s dimensions www.vishay.com/doc?95036 packaging information www.vishay.com/doc?95037 1 - ultrafast rectifier 2 - ultrafast pt diffused 3 - current rating (120 = 120 a) 4 - circuit configuration (2 separate diodes, parallel pin-out) 5 - package indicator (sot-227 standard isolated base) 6 - voltage rating (40 = 400 v) 7 - none = standard production p = lead (pb)-free quantity per tube is 10, m4 screw and washer included device code 5 1 3 2 4 6 7 uf b 120 f a 40 p 1 4 2 3
document number: 95036 for tec hnical questions, contact: indmodules@vishay.com www.vishay.com revision: 28-aug-07 1 sot-227 outline dimensions vishay semiconductors dimensions in millimeters (inches) notes ? dimensioning and toleranc ing per ansi y14.5m-1982 ? controlling dime nsion: millimeter 38.30 (1.508) 37.80 (1.488) -a- 4 12 3 12.50 (0.492) 7.50 (0.295) ? 4.40 (0.173) ? 4.20 (0.165) 30.20 (1.189) 29.80 (1.173) 15.00 (0.590) 6.25 (0.246) 25.70 (1.012) 25.20 (0.992) -b- r full chamfer 2.00 (0.079) x 45 2.10 (0.082) 1.90 (0.075) 8.10 (0.319) 7.70 (0.303) 4 x 2.10 (0.082) 1.90 (0.075) -c- 0.12 (0.005) 12.30 (0.484) 11.80 (0.464) mmm 0.25 (0.010) ca b 4 x m4 nuts
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of UFB120FA40P10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X