Part Number Hot Search : 
BCM8040 N5401 DG429 13A60D MJH11021 103IW 13A60D USB3311
Product Description
Full Text Search
 

To Download TF-GENE-1350-A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subject to change without notice. 10-3 10 features risc cpu modules specifications board packing list kit packing list risc cpu board with ti omap? 3503/3530 processor system form factor 3.5" processor ti omap? 3503/3530 600 mhz system memory onboard 128/256 mb (optional) lp ddr ram ethernet davicom dm9000aep, 10/100base-tx, rj-45 x 1 boot loader microsoft windows? ce 6.0 or linux - kernal 2.6.32 watchdog timer generate a time-out system reset expansion interface mini card (with usb interface only) x 2, proprietary expansion slot x 1 battery lithium battery battery charger linear tech ltc4100 power requirement +9v to +24v dc power consumption (typical) ti omap? 3530, 128/256 mb lp ddr, 0.24a@+12v board size 5.75"(l) x 4"(w) (146mm x 101.6mm) gross weight 0.88 lb (0.4 kg) operating temperature 32 f ~ 158 f (0 c ~ 70 c) -4 f ~ 158 f (-20 c ~ 70 c) for witas 1 -40 f ~ 176 f (-40 c ~ 80 c) for witas 2 storage temperature -40 f ~ 176 f (-40 c ~ 80 c) operating humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) 100,000 display chipset ti omap? 3 resolutions up to 1280 x 768 for lcd up to 1024 x 768 for crt lcd interface up to 18-bit single channel ttl/lvds lcd i/o storage 256mb nand flash, sd, microsd serial port rs-232 x 1, rs-232/422/485 (auto flow) x 1, ttl uart x 1 universal serial bus usb2.0 host x 2, usb2.0 client x 1 digtial i/o supports 8-bit (programmable) audio line-in, line-out, mic-in, speaker-out (1w amplifier) touch screen supports 4-wire resistive touch screen keypad interface supports 6 x 6 matrix keypad motion sensor st lis35de 9657666600 ? jumper cap product cd ? gene-1350 ? TF-GENE-1350-A10 board, carry case, 7 display, power supply, windows? ce ? 6.0 license & cables product cd ? battery module (tf-skc-1350-002 kit only) ? gene-1350 ti omap? 3503/3530 processor 3d graphics & video accelerator support with 3530 processor onboard 128/256 mb (optional) lp ddr ram 10/100base-tx ethernet crt/ 24-bit ttl lcd/ 18-bit lvds lcd 2ch audio onboard nand flash, sd, microsd usb2.0 host x 2, usb2.0 client x 1, com x 2, 8-bit digital i/o mini card x 2, proprietary expansion slot x 1 onboard 4-wire resistive touch screen controller +9v to +24v dc input onboard battery charger windows? ce 6.0/ linux 2.6.32/ android 2.2 less than 3 watt power consumption operating temperature: w2: -40 c ~ 80 c, w1: -20 c ~ 70 c lvds lcd lan usb client com usb crt micro sd camera speaker power input audio battery ttl lcd inverter mini card proprietary expansion touch screen jtag mini card com sim ttl uart digital i/o
10-4 0.00 0.00 1.60 13.35 12.55 17.30 12.55 8.89 3.12 19.94 142.88 27.64 4.45 40.34 9.09 34.09 43.28 33.73 21.16 8.89 9.53 52.42 65.78 72.94 86.10 70.08 14.66 88.40 40.01 95.01 39.57 81.41 107.23 116.06 98.64 119.81 73.92 122.88 98.68 54.72 87.62 142.36 142.88 98.37 146.05 101.60 3.12 36.70 10.45 139.73 25.86 98.24 123.24 97.76 93.36 90.00 94.23 1.72 143.81 99.52 98.31 m a d e in ta i w a n p / n : 1 9 0 7 1 3 5 0 0 2 g e n e - 1 3 5 0 re v : a 0 . 3 1.54 55.53 15.28 64.93 31.10 68.58 123.83 134.48 17.08 128.05 139.73 96.20 132.92 36.21 28.98 42.55 26.41 0.00 0.00 97.59 91.46 67.46 3.12 8.89 88.39 9.53 33.73 98.37 8.89 73.91 142.88 3.12 98.37 122.88 98.68 dimension unit: mm optional accessories board ordering information kit ordering information tf-skc-1350-002 ? starter kit, gene-1350, w/ 7 lcd, touch screen,+19v adapter, battery pack, wince 6.0 tf-skc-1350-003 ? starter kit, gene-1350, w/ 7 lcd, touch screen,+19v adapter, wince 6.0 gene-1350 1701090150 ? com port cable, length 15cm 1702002010 ? big 4p power input cable, length 10cm 1709100254 ? audio cable, length 25cm 9789e12301 ? 4400mah li-ion battery module 1703020355 ? 1 watt speaker 1700050207 ? usb cable, length 20cm part number cpu memory storage os display lvds lan usb2.0 com touch expansion slot power temp TF-GENE-1350-A10 ti omap? 3530 600mhz 128mb 256mb wince 6.0 ttl, lvds, crt 18-bit single channel fe x 1 usb host x 2, usb otg x 1 ttl uart x 1, rs-232/422/485 x 1, rs-232 x 1 4-wire resistive mini card x 2, sim slot x 1, proprietary expansion slot x 1 9v~24v 0c ~ 70c tf-gene-1350-a20 ti omap? 3530 600mhz 256mb 256mb andriod 2.2 ttl, lvds, crt 18-bit single channel fe x 1 usb host x 2, usb otg x 1 ttl uart x 1, rs-232/422/485 x 1, rs-232 x 1 4-wire resistive mini card x 2, sim slot x 1, proprietary expansion slot x 1 9v~24v 0c ~ 70c tf-gene-1350-a30 ti omap? 3530 600mhz 128mb 256mb linux 2.6.32 ttl, lvds, crt 18-bit single channel fe x 1 usb host x 2, usb otg x 1 ttl uart x 1, rs-232/422/485 x 1, rs-232 x 1 4-wire resistive mini card x 2, sim slot x 1, proprietary expansion slot x 1 9v~24v 0c ~ 70c tf-gene-1350w1-a10 ti omap? 3530 600mhz 128mb 256mb wince 6.0 ttl, lvds, crt 18-bit single channel fe x 1 usb host x 2, usb otg x 1 ttl uart x 1, rs-232/422/485 x 1, rs-232 x 1 4-wire resistive mini card x 2, sim slot x 1, proprietary expansion slot x 1 9v~24v witas 1 -20c ~ 70c tf-gene-1350w1-a20 ti omap? 3530 600mhz 256mb 256mb andriod 2.2 ttl, lvds, crt 18-bit single channel fe x 1 usb host x 2, usb otg x 1 ttl uart x 1, rs-232/422/485 x 1, rs-232 x 1 4-wire resistive mini card x 2, sim slot x 1, proprietary expansion slot x 1 9v~24v witas 1 -20c ~ 70c tf-gene-1350w1-a30 ti omap? 3530 600mhz 128mb 256mb linux 2.6.32 ttl, lvds, crt 18-bit single channel fe x 1 usb host x 2, usb otg x 1 ttl uart x 1, rs-232/422/485 x 1, rs-232 x 1 4-wire resistive mini card x 2, sim slot x 1, proprietary expansion slot x 1 9v~24v witas 1 -20c ~ 70c tf-gene-1350w2-a10 ti omap? 3530 600mhz 128mb 256mb wince 6.0 ttl, lvds, crt 18-bit single channel fe x 1 usb host x 2, usb otg x 1 ttl uart x 1, rs-232/422/485 x 1, rs-232 x 1 4-wire resistive mini card x 2, sim slot x 1, proprietary expansion slot x 1 9v~24v witas 2 -40c ~ 85c tf-gene-1350w2-a20 ti omap? 3530 600mhz 256mb 256mb andriod 2.2 ttl, lvds, crt 18-bit single channel fe x 1 usb host x 2, usb otg x 1 ttl uart x 1, rs-232/422/485 x 1, rs-232 x 1 4-wire resistive mini card x 2, sim slot x 1, proprietary expansion slot x 1 9v~24v witas 2 -40c ~ 85c tf-gene-1350w2-a30 ti omap? 3530 600mhz 128mb 256mb linux 2.6.32 ttl, lvds, crt 18-bit single channel fe x 1 usb host x 2, usb otg x 1 ttl uart x 1, rs-232/422/485 x 1, rs-232 x 1 4-wire resistive mini card x 2, sim slot x 1, proprietary expansion slot x 1 9v~24v witas 2 -40c ~ 85c


▲Up To Search▲   

 
Price & Availability of TF-GENE-1350-A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X