Part Number Hot Search : 
C2542 2SC5832 98TK200 UM3301B PL002 YDT157 CM2862 1060C
Product Description
Full Text Search
 

To Download SVR117A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subject to change without notification. scd's for these devices should be reviewed by ssdi prior to release. data sheet #: la0005d doc solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com designer?s data sheet part number / ordering information 1 / svr117a __ __ __ 2 / __ = not screened tx = tx level txv = txv s = s level lead bend __ = straight db = down bend ub = up bend package m = to-254 z = to-254z j = to-257 g = cerpack s.5 = smd.5 svr117a series 1.5 amp positive adjustable linear voltage regulator 40 volts features: ? guaranteed 1% output voltage tolerance ? guaranteed 0.01% line regulation ? guaranteed 0.3% load regulation ? min 1.5a output current ? eutectic die attach ? superior to lm117 types ? complimentary use with lm137 types ? isolated hermetically sealed power package ? 150c operating temperature ? custom lead forming available ? tx, txv, and space level screening available maximum ratings symbol value units power dissipation 3 / p d internally limited, 20 w input to output voltage differential a v in/out 40 v maximum current load i fsm 100 amps operating junction temperature t j -55 to +150 o c storage temperature t stg -65 to +150 o c to-254(m) to-254z(z) to-257(j) cerpack (g) smd.5 (s.5) notes: 1 / for ordering information, price, operating curves, and availability, contact factory. 2 / screening based on mil-prf-19500. screening flows available on request. 3 / unless otherwise specified, these specifications apply: a v = 5v and i out = 0.5a. power dissipation is internally limited. however, these specifications apply for power dissipation up to 20w, i max = 1.5a. 4 / testing is done using a pulsed low duty cycle technique.
note: all specifications are subject to change without notification. scd's for these devices should be reviewed by ssdi prior to release. data sheet #: la0005d doc electrical characteristics 3 / t symbol min typ max unit reference voltage a v=5v, i out =10ma 10ma i out i max , 3v ? v 40v, p p max 25 * v ref 1.238 1.225 1.250 -1.250 1.262 1.270 v line regulation 4 / (3v ? v 40v) 25 * v in -- -- 0.005 0.01 0.010 0.02 %/v load regulation 4 / (10ma i out i max ) v out 5v v out 5v v out 5v v out 5v 25 25 * * v out v in -- -- -- -- 5 0.1 20 0.3 15 0.3 50 1.0 mv % mv % thermal regulation 20 msec pulse 25 -- .002 .02 %/w ripple rejection v out = -10v, f = 120hz c adj = 0 c adj = 10f 25 25 -- 66 65 80 -- -- db adjust pin current * i adj -- 50 100 a adjust pin current change 10ma i out i max , 2.5v ? v 40v * i adj -- 0.2 5 a minimum load curren t v 40v * -- 3.5 5.0 ma temperature stability -55c t j +150c * t -- 1 2 % long term stability 125 v tim e -- 0.3 1.0 % rms output noise (% of v out ) 10hz f 10khz 25 e n -- 0.001 -- % thermal resistance junction to case package j, m, and z package e r jc -- -- -- -- 4.0 2.5 c/w notes: *full temperature range 1 / for ordering information, price, operating curves, and availability, contact factory. 2 / screening based on mil-prf-19500. screening flows available on request. 3 / unless otherwise specified, these specifications apply: a v = 5v and i out = 0.5a. power dissipation is internally limited. however, these specifications apply for power dissipation up to 20w, i max = 1.5a. 4 / testing is done using a pulsed low duty cycle technique. solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com svr117a series
note: all specifications are subject to change without notification. scd's for these devices should be reviewed by ssdi prior to release. data sheet #: la0005d doc to-254 (m) to-257 (j) pin assignment package adjust output input to-254 (m), to254z (z), to-257 (j), smd.5 (s.5) pin 1 pin 2 pin 3 cerpack (g) base pin 1 pin 2 to-254z (z) cerpack (g) .210 (.040) .140 .010 .002 (.050) .370 .020 .315 .300 .105.010 .340 1 2 2x .060 2x .100 smd.5 (s.5) .135 .115 .408 .392 3x .020 .010 .030 min .128 .112 .233 .217 2x .010 max 2x .103 .087 .030 min .304 .288 solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com svr117a series


▲Up To Search▲   

 
Price & Availability of SVR117A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X