Part Number Hot Search : 
4LVC2G F1508 25X25 25X25 F1508 F1508 F1508 25X25
Product Description
Full Text Search
 

To Download SR1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s r 1 20 0 1 amp schottky barrier rectifier 20 0 v o l t s do-41 features ? guard ring protection ? low power loss for high efficiency dimensions inches mm dim min max min max note a .166 .205 4.10 5.20 b .080 .107 2.00 2.70 c .028 .034 .70 .90 d 1.000 --- 25.40 --- maximum ratings ? operating temperature: -5 5 c to +150c ? storage temperature: - 55 c to +150c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage sr 1 200 SR1200 200v 140v 200v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t a = 125c peak forward surge current i fsm 3 0a 8.3ms, half sine maximum instantaneous forward voltage v f . 90v i fm = 1.0a; maximum dc reverse current at rated dc blocking voltage i r 0. 2ma 2 .0ma t a = 25c t a = 100c a b c d cathode mark  
 omp onents 20736 marilla street chatsworth       
     m c c revision: a 2011/0 4/28 tm micro commercial components www. mccsemi .com 1 of 3 ? lead free finish/rohs compliant (note 1) ("p"suffix d esignates compliant. see ordering information) note: 1. high temperature solder exemption applied, see eu directive annex 7. d epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
rating and characteristic curves m c c revision: a 2011/04/28 www. mccsemi .com 2 of 3 SR1200 fig. 1-typical for ward current derating curve fig. 2-typical forwa rd characteristics fig. 3-maximum non-repetitive forward surge current fig. 4-typical reverse characteristics fig. 5-typical junction capacitance 0.0 0.5 1.0 1.5 2.0 2.5 0 20 40 60 80 100 120 140 160 average forward current,(a) ambient temperature ( w) 0 10 20 30 40 50 1 10 100 peak forward surge current (a) number of cycles at 60hz 0.001 0.010 0.100 1.000 10.000 100.000 20 40 60 80 100 reverse leakage current (ma) percentage rated peak reverse voltage (%) 25w 100 w 0 50 100 150 200 0 1 10 100 junction capacitance (pf) reverse voltage (v) 0.01 0.10 1.00 10.00 100.00 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 instantaneous forward current (a) forward voltage (v) tm micro commercial components
m c c tm micro commercial components www. mccsemi .com 3 of 3 revision: a 2011/0 4/28 2 device packing part number-tp tape&reel: 5kpcs/reel part number-ap ammo packing: 5kpcs/ammo box part number-bp bulk: 50kpcs/carton ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. ordering information :


▲Up To Search▲   

 
Price & Availability of SR1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X