Part Number Hot Search : 
TDA7439 25HBF 74HC00N IP79M00 P6KE170A TDA5737 74LVT543 IP79M00
Product Description
Full Text Search
 

To Download SOD4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SOD4001 thru sod4007 50v-1000v 1.0a mechanical data web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com maximum ratings and electrical characteristics sod-123fl plastic package has underwriters laboratory flammability classification 94v-0 utilizing fame retardant epoxy molding compound for surface mount applications low leakage current. case:jedec sod-123 fl ,molded plastic over passivated chip terminals:solder plated, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end weight: 0.00 6 ounces, 0.0 2 gram mounting position: any surface mount general rectifier ratings at 25 ?? ambient temperature unless otherwise specified. single p hase,half wave,60hz,resistive or inductive load.for capactive load,derate current by 20%. sod sod sod sod sod sod 4002 4003 4004 4005 4006 4007 d2 d3 d4 d5 d6 d7 v rrm 100 200 400 600 800 1000 v v rms 70 140 280 420 560 700 v v dc 100 200 400 600 800 1000 v r jl ?? /w t j ?? t stg ?? note1.pulse test: pulse width 300 sec,duty cycle 2%. a measured at f=1mh z ,v r =4.0v c j 15 p f i r 5.0 50 typical thermal resistance junction to lead 20 maximum instantaneous forward voltage @i fm =1.0a (note 1) v f 1. 1 4001 d1 units device marking code 50 a i (av) a 35 50 - 55 --- + 150 i fsm - 55 --- + 1 50 1.0 25 sod maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forword rectified current @ t a =75 ?? peak forward surge current 8.3ms single half-sine-wave superimposed maximum dc reverse current @t a =25 ?? at rated dc blocking voltage @t a =125 ?? operating temperature range storage temperature range on rated load typical junction capacitance v
ratings and characteristic curves SOD4001 thru sod4007 e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 SOD4001 thru sod4007 50v-1000v 1.0a surface mount general rectifier 0.10 1.00 10.00 100.00 fig.3 - typical reverse characteristics ( , t n e r r u c e g a k a e l e s r e v e r  ) a percentage rated peak reverse vo l tage 0 2 0 4 0 6 0 8 0 10 0 12 0 140 0.01 fig.2-typical forward current der a ting curve ) a ( , t n e r r u c d r a w r o f e g a r e v a t =100 j t =25 c j fig.4-maximum non-repetitive forward surge current 0.2 0 0.4 0.6 0.8 1.0 1.2 ambient temperature ( c) single phase half wave 60hz resistive or inductive load 0.10 1.00 0.01 10.00 50.00 fig.1-typical forward characteristics ) a ( , t n e r r u c d r a w r o f s u o e n a t n a t s n i forward vol t age,(v) pulse width 300us 1% duty cycle 0. 6 0. 7 0. 8 0. 9 1. 0 1.1 1. 2 1.3 3.00 t =25 c j fig.5-typical junction capaci t ance reverse voltage,(v) ) f p ( , e c n a t i c a p a c n o i t c n u j 35 30 25 20 15 10 5 0 0.0 1 0.0 5 0. 1 0. 5 1 5 1 0 5 0 100 ) a ( , t n e r r u c e g r u s d r a a w r o f k a e p 10 0 20 30 40 50 number of cycles at 60hz 1 10 5 5 0 100 t =25 c j 8.3ms single half sine wave jedec method 0 20 40 60 80 100 120 140 160 180 200


▲Up To Search▲   

 
Price & Availability of SOD4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X