ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20% notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2. thermal resistance junction to lead. 321 s e r u t a e f a t a d l a c i n a h c e m s c i t s i r e t c a r a h c l a c i r t c e l e d n a s g n i t a r m u m i x a m r e t e m a r a ps l o b m y sa 2 2 k sa 3 2 k sa 4 2 k sa 5 2 k sa 6 2 k ss t i n u e g a t l o v e s r e v e r k a e p e v i t i t e p e r m u m i x a mv m r r 0 20 30 40 50 6s t l o v e g a t l o v s m r m u m i x a mv s m r 4 11 28 25 32 4s t l o v e g a t l o v g n i k c o l b c d m u m i x a mv c d 0 20 30 40 50 6s t l o v d r a w r o f e g a r e v a m u m i x a m t n e r r u c d e i f i t c e rt @ l 0 0 1 = o c i ) v a ( 0 . 2s p m a t n e r r u c e g r u s d r a w r o f k a e p e v a w - e n i s f l a h e l g n i s s m 3 . 8 ) d o h t e m c e d e j ( d a o l d e t a r n o d e s o p m i r e p u s i m s f 0 . 0 5s p m a c d a 0 . 2 t a e g a t l o v d r a w r o f m u m i x a mv f 0 5 . 00 7 . 0s t l o v t n e r r u c e s r e v e r c d m u m i x a m e g a t l o v g n i k c o l b c d d e t a r t a t @ j 5 2 = o c t @ j 0 0 1 = o c i r 5 . 0 0 2 a m ) 1 e t o n ( e c n a t i c a p a c n o i t c n u j l a c i p y tc j 0 0 2 p f ) 2 e t o n ( e c n a t s i s e r l a m r e h t l a c i p y tr l j 5 1 o w / c e g n a r e r u t a r e p m e t n o i t c n u j g n i t a r e p ot j 5 2 1 + o t 5 5 - o c e g n a r e r u t a r e p m e t e g a r o t st g t s 0 5 1 + o t 5 5 - o c ? for surface mounted applications ? metal-semiconductor junction with guardring ? epitaxial construction ? very low forward voltage drop ? high current capability ? plastic material has ul flammability classification 94v-0 ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ? case : jedec do-214ac(sma) molded plastic ? polarity : indicated by cathode band ? weight : 0.002 ounce, 0.064 gram a 6 2 k s u r h t a 2 2 k s s r e i f i t c e r r e i r r a b y k t t o h c s t n u o m e c a f r u s s e r e p m a 0 . 2 t n e r r u c d r a w r o f s t l o v 0 6 o t 0 2 e g a t l o v e s r e v e r
s e v r u c c i t s i r e t c a r a h c d n a s g n i t a r 322
|