Part Number Hot Search : 
CA9011 KBPC10XX AK4536VN IRFZ4 LBN09019 E130A MD7540 KSMF2N60
Product Description
Full Text Search
 

To Download SBL835 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds23044 rev. c-2 1 of 2 sbl830-sbl860 www.diodes.com  diodes incorporated sbl830 - sbl860 8.0a schottky barrier rectifier features  case: molded plastic  terminals: plated leads, solderable per mil-std-202, method 208  polarity: see diagram  weight: 2.3 grams (approx.)  mounting position: any  marking: type number mechanical data  schottky barrier chip  guard ring for transient protection  low power loss, high efficiency  high current capability, low v f  high surge capability  for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications  plastic material: ul flammability classification rating 94v-0 single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified notes: 1. thermal resistance junction to case mounted on heatsink. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. l m a n p d e k c b j g r pin1+ pin 1 pin 2 pin 2 - case + to-220ac dim min max a 14.22 15.88 b 9.65 10.67 c 2.54 3.43 d 5.84 6.86 e  6.35 g 12.70 14.73 j 0.51 1.14 k 3.53  4.09  l 3.56 4.83 m 1.14 1.40 n 0.30 0.64 p 2.03 2.92 r 4.83 5.33 all dimensions in mm characteristic symbol sbl 830 sbl 835 sbl 840 sbl 845 sbl 850 sbl 860 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 35 40 45 50 60 v rms reverse voltage v r(rms) 21 24.5 28 31.5 35 42 v average rectified output current (note 1) @ t c = 95  c i o 8a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 200 a forward voltage @ i f = 8a, t c = 25  c v fm 0.55 0.70 v peak reverse current @t c = 25  c at rated dc blocking voltage @ t c = 100  c i rm 0.5 50 ma typical junction capacitance (note 2) c j 700 pf typical thermal resistance junction to case (note 1) r  jc 6.9  c/w operating and storage temperature range t j, t stg -65 to +150  c
ds23044 rev. c-2 2 of 2 sbl830-sbl860 www.diodes.com 0.1 1.0 10 100 0.2 0.4 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g . 2 t y pical forward characteristics sbl830 - sbl845 sbl850 - sbl860 0.6 0.8 50 100 150 0 200 250 300 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60hz fi g . 3 max non-re p etitive sur g e current 8.3 ms single half-sine-wave jedec method 100 1000 4 000 0.1 1.0 10 100 c , capacitance (pf) j v , reverse voltage (v) r fi g . 4 t y pical junction capacitance t = 25 c j 0.01 0.1 1.0 10 100 0 40 80 120 i , instantaneous reverse current (ma) r percent of rated peak reverse voltage (%) fig. 5 typical reverse characteristics t = 100c j t = 75c j t = 25c j 0 4 8 2 050100150 i , average forward current (a) (av) t , case temperature ( c) c fi g . 1 fwd current deratin g curve 6 10


▲Up To Search▲   

 
Price & Availability of SBL835

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X