Part Number Hot Search : 
PG15009 PSP2401 ML33111 AD822 APTGT200 00TTS C3334P D2060
Product Description
Full Text Search
 

To Download RTP21025-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p p r r e e l l i i m m i i n n a a r r y y p p o o w w e e r r a a m m p p l l i i f f i i e e r r p p a a l l l l e e t t r r t t p p 2 2 1 1 0 0 2 2 5 5 - - 1 1 1 1 ? tel : 82-31-250-5078 ? all specifications may change without notice. ? rfsales@rfhic.com ? version 1.1 product features application ? gan on sic + doherty technology ? high efficiency ? solid-state linear design ? small and light weight ? suitable for wcdma/lte ? 50 ohm input/output impedance ? high reliability and ruggedness ? built in output isolator ? wcdma / lte repeater description this hpa module is a high gain and compact amplifier module for wcdma and lte repeater use. electrical specifications parameter symbol specification frequency range bw 2110 ~ 2170mhz operating bandwidth within bw obw 5 ~ 20mhz output power pout 44dbm/ wcdma 4fa, lte spectrum emission mask (with dpd) sem per 3gpp ts-25.141 & ts25.141 aclr (wcdma 4fa) @ po=+44dbm (typ.) aclr non-dpd -25dbc@5mhz -28dbc@10mhz @-30 ~ +60 c @ 48v @ par 7.5db with-dpd -45dbc@5mhz -48dbc@10mhz aclr (lte 10mhz 1fa) @ po=+44dbm (typ.) non-dpd -28dbc@10mhz with-dpd -52dbc@10mhz rf gain g 47db 3db @frequency range, 25w pavg, -30 ~ +60 c input return loss s11 -16db (max.) output return loss s22 -18db (max.) normal operating voltage vdc +5.6v, +48v current consumption idd 0.13a / 5.6v, 1.3a / 48v (typ.) efficiency eff 40%@48v(typ.) gain flatness g peak to peak 2db over operating frequency peak to peak 0.5db over any 3.84mhz harmonics (2 nd , with dpd) h -45dbc (max.) feedback output level @ 44dbm fb +6dbm 1db operating temperature to -30 ~ + 60 (ambient temp)
p p r r e e l l i i m m i i n n a a r r y y p p o o w w e e r r a a m m p p l l i i f f i i e e r r p p a a l l l l e e t t r r t t p p 2 2 1 1 0 0 2 2 5 5 - - 1 1 1 1 ? tel : 82-31-250-5078 ? all specifications may change without notice. ? rfsales@rfhic.com ? version 1.1 environmental characteristics parameter symbol min. typ. max. unit operating ambient temperature ta -30 +60 c storage temperature tstg -40 +130 c relative humidity w/o condensation rh 95 % mechanical specifications parameter value units limits dimensions 100.0 x 50.0 x 20.0 mm weight 200(max.) g rf input connector mcx(female), customizable* rf output coupling connector mcx(female), customizable* rf output connector sma(female), customizable* dc connector molex _ 4pin male (0022035045) cooling external heat-sink maximum rating input overdrive p od -2dbm max. load vswr : 1 (all phase & amplitude) nom. operating case temperature tc +100 c interface connector connector type: molex_4pin male (0022035045) pin # description i/o specifications 1 vdc1 i +5.6v 2, 3 vdc2 i +48v 4 gnd - ground *note: based on the customer?s need, rfhic can provide different types of connectors. price may vary.
p p r r e e l l i i m m i i n n a a r r y y p p o o w w e e r r a a m m p p l l i i f f i i e e r r p p a a l l l l e e t t r r t t p p 2 2 1 1 0 0 2 2 5 5 - - 1 1 1 1 ? tel : 82-31-250-5078 ? all specifications may change without notice. ? rfsales@rfhic.com ? version 1.1 gain budget & block diagram outline drawing case pcb(0.8t) gasket(0.3t) cover rf in rf out fb 5.6v vdc gnd unit: mm *note: connector positions and module mount holes may be subjected to change.
p p r r e e l l i i m m i i n n a a r r y y p p o o w w e e r r a a m m p p l l i i f f i i e e r r p p a a l l l l e e t t r r t t p p 2 2 1 1 0 0 2 2 5 5 - - 1 1 1 1 ? tel : 82-31-250-5078 ? all specifications may change without notice. ? rfsales@rfhic.com ? version 1.1 photo of product test equipments: - dpd engine : optichron board (op6180) - signal generator: e4438c (agilent) - spectrum analyzer: e4440a (agilent) - network analyzer: 8753e (hewlet packard) - power supply: 6674a (agilent) test condition: - signal: wcdma 4fa (test model 1 w/ 64dpch) & lte 10mhz 1fa - par: 7.5db - cfr apply - temperature: 25 c - amp temperature: 45 c
p p r r e e l l i i m m i i n n a a r r y y p p o o w w e e r r a a m m p p l l i i f f i i e e r r p p a a l l l l e e t t r r t t p p 2 2 1 1 0 0 2 2 5 5 - - 1 1 1 1 ? tel : 82-31-250-5078 ? all specifications may change without notice. ? rfsales@rfhic.com ? version 1.1 test data gain & gain flatness s11 s22 psat = 51.65 dbm@2120mhz (pulse duty cycle 10%) psat = 51.65 dbm@2140mhz (pulse duty cycle 10%) psat = 51.55dbm@2160mhz (pulse duty cycle 10%)
p p r r e e l l i i m m i i n n a a r r y y p p o o w w e e r r a a m m p p l l i i f f i i e e r r p p a a l l l l e e t t r r t t p p 2 2 1 1 0 0 2 2 5 5 - - 1 1 1 1 ? tel : 82-31-250-5078 ? all specifications may change without notice. ? rfsales@rfhic.com ? version 1.1 test results: dpd operation (wcdma 4fa) pre - dpd@2120mhz post- dpd@2120mhz pre - dpd@2140mhz post - dpd@2140mhz pre - dpd@2160mhz post - dpd@2160mhz
p p r r e e l l i i m m i i n n a a r r y y p p o o w w e e r r a a m m p p l l i i f f i i e e r r p p a a l l l l e e t t r r t t p p 2 2 1 1 0 0 2 2 5 5 - - 1 1 1 1 ? tel : 82-31-250-5078 ? all specifications may change without notice. ? rfsales@rfhic.com ? version 1.1 lte 10mhz 1fa pre - dpd@2120mhz pre - dpd@2140mhz post- dpd@2120mhz post - dpd@2140mhz pre - dpd@2160mhz post - dpd@2160mhz post - dpd@2160mhz
p p r r e e l l i i m m i i n n a a r r y y p p o o w w e e r r a a m m p p l l i i f f i i e e r r p p a a l l l l e e t t r r t t p p 2 2 1 1 0 0 2 2 5 5 - - 1 1 1 1 ? tel : 82-31-250-5078 ? all specifications may change without notice. ? rfsales@rfhic.com ? version 1.1 test sheet s/n gain 48.8db gain flatness 0.9db s11 (max.) -18.4db s22 (max.) -18.2db feedback level@ 44dbm 6.5dbm test frequency (@center) 2120mhz 2140 mhz 2160 mhz psat (dbm) 51.65 51.65 51.55 wcdma 4fa @25w par:7.5db aclr@5mhz (dbc) pre-dpd -28.9 -30.6 -31.9 post-dpd -52.8 -55.3 -55.9 aclr@10mhz (dbc) pre -dpd -31.8 -33.0 -33.8 post-dpd -55.0 -57.5 -57.7 aclr@15mhz (dbc) pre -dpd -36.1 -36.9 -37.3 post-dpd -56.8 -58.8 -58.6 125ma/5.6v, current/48v 1.30a 1.32a 1.35a efficiency % 39.6 39.0 38.1 lte 10mhz 1fa par:7.5db aclr@10mhz (dbc) pre -dpd -32.6 -34.7 -36 post-dpd -53.4 -57.9 -58.4 125ma/5.6v, current/48v 1.25a 1.27a 1.31a efficiency % 41.2 40.5 39.3 rfhic corporation (rfhic) reserves the right to make changes to any products herein or to discontinue any product at any time w ithout notice. rfhic do not assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, inclu ding without limitation consequential or incidental damages. the product specifications herein expressed have been carefully checked and are assumed to be reliable. how ever, rfhic disclaims liability for inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase or ders. rfhic products are not intended for use in life support equipment or application where ma lfunction of the product can be expected to result in persona l injury or death. buyer uses or sells such products for any such unintended or unauthorized applicatio n, buyer shall indemnify, protect and hold rfhic and its direct ors, officers, stockholders, employees, representatives and distributors harmless against any a nd all claims arising out of such use. rfhic?s liability unde r or arising out of damages, claims of whatsoever kind and nature which rfhic products could cause shall be limited in amount to the net purchase price of the product s sold to buyer by rfhic .


▲Up To Search▲   

 
Price & Availability of RTP21025-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X