Part Number Hot Search : 
2G25UM SFH464 STUP5G4 481003 TS4141 LL4148 20CTR 2SC5002
Product Description
Full Text Search
 

To Download RT8206L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RT8206L/m ? ds8206l/m-07 june 2012 www.richtek.com 1 ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. ordering information high efficiency, main power supply controller for notebook computers general description the RT8206L/m dual step-down, switch-mode power- supply (smps) controller generates logic-supply voltages in battery-powered systems. the RT8206L/m includes two pulse-width modulation (pwm) controllers fixed at 5v/ 3.3v or adjustable from 2v to 5.5v. an optional external charge pump can be monitored through secfb (RT8206L). this device also features a linear regulator providing a fixed 5v output. the linear regulator provides up to 70ma output current with automatic linear regulator bootstrapping to the byp input. the RT8206L/m includes on-board power-up sequencing, the power good outputs, internal soft-start, and internal soft-discharge output that prevents negative voltages on shutdown. a constant on-time pwm control scheme operates without sense resistors and provides 100ns response to load transients while maintaining a relatively constant switching frequency. the unique ultrasonic mode maintains the switching frequency above 25khz, which eliminates noise in audio applications. other features include diode- emulation mode (dem), which maximizes efficiency in light-load applications, and fixed frequency pwm mode, which reduces rf interference in sensitive application. the RT8206L/m is available in a wqfn-32l 5x5 package. features z z z z z wide input voltage range 6v to 25v z z z z z dual fixed 5v/3.3v outputs or adjustable from 2v to 5.5v, 1.5% accuracy z z z z z secondary feedback input maintains charge pump voltage (RT8206L) z z z z z independent enable and power good z z z z z 5v fixed ldo output : 70ma z z z z z 2v reference voltage 1% : 50 a z z z z z constant on-time control with 100ns load step response z z z z z frequency selectable via ton setting z z z z z r ds(on) current sensing and programmable current limit z z z z z 4700ppm/ c r ds(on) current sensing z z z z z selectable pwm, dem or ultrasonic mode z z z z z internal soft-start with current limiting and soft- discharge z z z z z high efficiency up to 97% z z z z z 5mw quiescent power dissipation z z z z z thermal shutdown z z z z z rohs compliant and halogen free applications z notebook and sub-notebook computers z 3-cell and 4-cell li+ battery-powered devices note : richtek products are : ` rohs compliant and compatible with the current require- ments of ipc/jedec j-std-020. ` suitable for use in snpb or pb-free soldering processes. package type qw : wqfn-32l 5x5 (w-type) lead plating system g : green (halogen free and pb free) z : eco (ecological element with halogen free and pb free) rt8206 l : with secfb m : without secfb http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 2 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. wqfn-32l 5x5 rt8206m pin configurations wqfn-32l 5x5 RT8206L ref boot2 nc vin ldo nc vcc secfb boot1 lgate1 pvcc gnd pgnd lgate2 phase2 vout2 fb2 ilim2 pgood2 en2 ugate2 phase1 fb1 byp vout1 ilim1 pgood1 en1 ugate1 enldo 1 2 3 4 5 6 7 21 20 19 18 17 16 15 8 9101112 14 13 28 27 26 25 24 22 23 32 31 30 29 gnd 33 ton skip ref boot2 nc vin ldo nc vcc nc boot1 lgate1 pvcc gnd pgnd lgate2 phase2 vout2 fb2 ilim2 pgood2 en2 ugate2 phase1 fb1 byp vout1 ilim1 pgood1 en1 ugate1 enldo 1 2 3 4 5 6 7 21 20 19 18 17 16 15 8 9101112 14 13 28 27 26 25 24 22 23 32 31 30 29 gnd 33 ton skip (top view) marking information RT8206Lgqw : product number ymdnn : date code RT8206Lgqw rt8206mgqw : product number ymdnn : date code rt8206mgqw RT8206Lzqw rt8206mzqw RT8206Lzqw : product number ymdnn : date code rt8206mzqw : product number ymdnn : date code RT8206L gqw ymdnn RT8206L zqw ymdnn rt8206m gqw ymdnn rt8206m zqw ymdnn http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 3 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. typical application circuit figure 1. fixed voltage regulator RT8206L/m phase1 lgate1 boot1 ugate1 vout1 v o u t 1 5 v vin ref pgood2 byp pgood1 secfb/nc p v c c r 6 en2 en1 enldo ton 1 0 0 k vcc c 9 1 f on off skip gnd 1 2 3 4 6 21, 33 (exposed pad) 20 18 17 16 15 9 10 14 13 28 27 29 phase2 lgate2 pgnd boot2 ugate2 vout2 v o u t 2 q2 l 2 c 1 1 c 1 7 3 . 3 v r 9 c 1 2 v i n 6 v t o 2 5 v 1 0 f 1 0 f 0 . 1 f r 1 0 c 1 4 26 25 24 22 23 30 q4 0 r 8 0 c 1 3 4 . 7 h 2 2 0 f q1 l 1 c 2 c 3 r 4 1 0 f 0 . 1 f r 5 c 4 q3 0 r 3 0 c 1 6 . 8 h 2 2 0 f cp c 5 0 . 1 f c 7 0 . 1 f d 1 d 2 d 3 d 4 c 6 0 . 1 f c 8 0 . 1 f ldo pvcc c 1 0 7 19 c 1 6 r 7 r 1 1 2 0 0 k r 1 2 3 9 k r 1 4 3 . 9 c 1 8 0 . 1 f c 1 5 0 . 2 2 f p v c c r 1 3 1 0 0 k 5 v e n a b l e 3 . 3 v e n a b l e v i n l d o c o n t r o l f r e q u e n c y c o n t r o l p w m / d e m / u l t r a s o n i c ilim1 ilim2 12 31 fb2 fb1 11 32 r 1 1 8 0 k r 2 1 8 0 k c 1 9 p v c c http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 4 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. figure 2. adjustable voltage regulator RT8206L/m phase1 lgate1 boot1 ugate1 vout1 v o u t 1 5 v vin ref pgood2 byp pgood1 secfb/nc p v c c r 6 en2 en1 enldo ton 1 0 0 k vcc c 9 1 f on off skip gnd 1 2 3 4 6 21, 33 (exposed pad) 20 18 17 16 15 9 10 14 13 28 27 29 phase2 lgate2 pgnd boot2 ugate2 vout2 v o u t 2 q2 l 2 c 1 1 c 1 7 3 . 3 v r 9 c 1 2 v i n 6 v t o 2 5 v 1 0 f 1 0 f 0 . 1 f r 1 0 c 1 4 26 25 24 22 23 30 q4 0 r 8 0 c 1 3 4 . 7 h 2 2 0 f q1 l 1 c 2 c 3 r 4 1 0 f 0 . 1 f r 5 c 4 q3 0 r 3 0 c 1 6 . 8 h 2 2 0 f cp c 5 0 . 1 f c 7 0 . 1 f d 1 d 2 d 3 d 4 c 6 0 . 1 f c 8 0 . 1 f ldo pvcc c 1 0 7 19 c 1 6 r 7 r 1 1 2 0 0 k r 1 2 3 9 k r 1 4 3 . 9 c 1 8 0 . 1 f c 1 5 0 . 2 2 f p v c c r 1 3 1 0 0 k 5 v e n a b l e 3 . 3 v e n a b l e v i n l d o c o n t r o l f r e q u e n c y c o n t r o l p w m / d e m / u l t r a s o n i c ilim1 ilim2 12 31 fb2 fb1 11 32 r 1 1 8 0 k r 2 1 8 0 k c 1 9 r 1 5 1 5 k r 1 6 1 0 k c 2 3 c 2 0 0 . 1 f r 1 7 6 . 5 k r 1 8 1 0 k c 2 2 c 2 1 0 . 1 f p v c c http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 5 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. function block diagram function block diagram pwm controller (one side) smps2 pwm buck controller boot2 ugate2 phase2 lgate2 gnd pv cc vout2 fb2 ilim2 pgood2 smps1 pwm buck controller boot1 ugate1 phase1 lgate1 pv cc vout1 fb1 ilim1 pgood1 ldo thermal shutdown ref internal logic power-on sequence clear fault latch sw threshold vcc pvcc enldo en1 en2 ref ton skip byp vin ldo pgnd trig q t off 1-shot trig q 1-shot r t on + - comp - + fault latch + - + - 1.1 x v ref 0.55 x v ref + - 0.9 x v ref over-voltage under-voltage on-time compute vin ton vout ref fb pgood lgate ugate + - blanking time + - v cc + - + - current limit zero detector skip phase ilim ss time 25khz detector http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 6 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. functional pin description ref (pin 1) 2v reference output. bypass to gnd with a 0.22 f capacitor. ref can source up to 50 a for external loads. loading ref degrades fbx and output accuracy according to the ref load-regulation error. ton (pin 2) frequency select input. (vout1/vout2 switching frequency, respectively) : ton = vcc, (200khz / 300khz) ton = ref, (300khz / 400khz) ton = gnd, (400khz / 500khz) vcc (pin 3) analog supply voltage input for the pwm core. bypass to gnd with a 1 f ceramic capacitor enldo (pin 4) ldo enable input. ref and ldo are enabled if enldo is within logic high level and disabled if enldo is less than the logic low level. nc (pin 5, 8) no internal connection. vin (pin 6) power supply input. vin is used for the constant on-time pwm one shot circuits. vin is also used to power the linear regulators. the linear regulators are powered by smps1 if vout1 is set greater than 4.66v and byp is tied to vout1. connect vin to the battery input and bypass with a 1 f capacitor. ldo (pin 7) linear-regulator output. ldo can provide a total of 70ma external loads. the ldo regulates a fixed 5v output. when the byp is within 5v switchover threshold, the internal regulator shuts down and the ldo output pin connects to byp through a 1.5  switch. bypass ldo output with a minimum of 4.7 f ceramic. byp (pin 9) switchover source voltage input for ldo. vout1 (pin 10) smps1 output voltage sense input. connect this pin to the smps1 output. vout1 is an input to the constant on-time-pwm one-shot circuit. it also serves as the smps1 feedback input in fixed-voltage mode. fb1 (pin 11) smps1 feedback input. connect fb1 to vcc or gnd for fixed 5v operation. connect fb1 to a resistive voltage- divider from vout1 to gnd to adjust output from 2v to 5.5v. ilim1 (pin 12) smps1 current limit adjustment. the gnd ? phase1 current-limit threshold is 1/10th the voltage seen at ilim1 over a 0.5v to 2.5v range. there is an internal 5 a current source from vcc to ilim1. the logic current limit threshold defaults to 100mv if ilim1 is higher than (vcc ? 1v). pgood1 (pin 13) smps1 power good open-drain output. pgood1 is low when the smps1 output voltage is more than 10% below the normal regulation point or during soft-start. pgood1 is in high impedance when the output is in regulation and the soft-start circuit has terminated. pgood1 is low in shutdown. en1 (pin 14) smps1 enable input. the smps1 will be enabled if en1 is greater than the logic high level and disabled if en1 is less than the logic low level. if en1 is connected to ref, smps1 starts after smps2 reaches regulation (delay start). drive en1 below 0.8v to clear fault level and reset the fault latches. ugate1 (pin 15) high side mosfet floating gate-driver output for smps1. ugate1 swings between phase1 and boot1. http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 7 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. phase1 (pin 16) inductor connection for smps1. phase1 is the internal lower supply rail for the ugate1 high side gate driver. phase1 is the current-sense input for the smps1. boot1 (pin 17) boost flying capacitor connection for smps1. connect to an external capacitor according to the typical application circuits. lgate1 (pin 18) smps1 synchronous-rectifier gate-drive output. lgate1 swings between pgnd and pvcc. pvcc (pin 19) supply voltage for low side mosfet driver lgatex. connect a 5v power source to the pvcc pin (bypass with 1 f mlcc capacitor to pgnd if necessary). there is an internal 10 connecting from pvcc to vcc. make sure that both vcc and pvcc are bypassed with 1 f mlcc capacitors. secfb (pin 20) (RT8206L) charge pump feedback input. the secfb is used to monitor the optional external charge pump. connect a resistive voltage-divider from the charge pump output to gnd to detect the output. if secfb drops below the threshold voltage, an ultrasonic pulse occurs to refresh the external charge pump driven by lgate1 or lgate2 nc (pin 20) (rt8206m) no internal connection. gnd [pin 21, 33 (exposed pad)] analog ground for both smps and ldo. the exposed pad must be soldered to a large pcb and connected to gnd for maximum power dissipation. pgnd (pin 22) power ground for smps controller. connect pgnd externally to the underside of the exposed pad. lgate2 (pin 23) smps2 synchronous-rectifier gate-drive output. lgate2 swings between pgnd and pvcc. boot2 (pin 24) boost flying capacitor connection for smps2. connect this pin to an external capacitor according to the typical application circuits. phase2 (pin 25) inductor connection for smps2. phase2 is the internal lower supply rail for the ugate2 high side gate driver. phase2 is the current sense input for the smps2. ugate2 (pin 26) high side mosfet floating gate-driver output for smps2. ugate2 swings between phase2 and boot2. en2 (pin 27) smps2 enable input. the smps2 will be enabled if en2 is greater than the logic high level and be disabled if en2 is less than the logic low level. if en2 is connected to ref, the smps2 starts after the smps1 reaches regulation (delay start). drive en2 below 0.8v to clear fault level and reset the fault latches. pgood2 (pin 28) smps2 power good open-drain output. pgood2 is low when the smps2 output voltage is more than 10% below the normal regulation point or during soft-start. pgood2 is high impedance when the output is in regulation and the soft-start circuit has terminated. pgood2 is low in shutdown. skip (pin 29) smps operation mode control. skip = gnd : dem mode operation skip = ref : ultrasonic mode operation skip = vcc : pwm mode operation. http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 8 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. vout2 (pin 30) smps2 output voltage sense input. connect this pin to the smps2 output. vout2 is an input to the constant on-time-pwm one-shot circuit. it also serves as the smps2 feedback input in fixed-voltage mode. ilim2 (pin 31) smps2 current-limit adjustment. the gnd ? phase2 current limit threshold is 1/10th the voltage seen at ilim2 over a 0.5v to 2.5v range. there is an internal 5 a current source from vcc to ilim2. the logic current limit threshold is default to 100mv value if ilim2 is higher than (vcc ? 1v). fb2 (pin 32) smps2 feedback input. connect fb2 to vcc or gnd for fixed 3.3v operation. connect fb2 to a resistive voltage- divider from vout2 to gnd to adjust output from 2v to 5.5v. http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 9 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. recommended operating conditions (note 4) z input voltage, vin ----------------------------------------------------------------------------------------------- 6v to 25v z junction temperature range ---------------------------------------------------------------------------------- ? 40 c to 125 c z ambient temperature range ---------------------------------------------------------------------------------- ? 40 c to 85 c absolute maximum ratings (note 1) z vin, enldo to gnd -------------------------------------------------------------------------------------------- ? 0.3v to 30v z phasex to gnd dc ------------------------------------------------------------------------------------------------------------------- ? 0.3v to 30v <20ns -------------------------------------------------------------------------------------------------------------- ? 8v to 38v z bootx to phasex --------------------------------------------------------------------------------------------- ? 0.3v to 6v z vcc, enx, skip, ton, pvcc, pgoodx, to gnd ----------------------------------------------------- ? 0.3v to 6v z ldo, fbx, voutx, secfb, ref , ilimx to gnd -------------------------------------------------------- ? 0.3v to (v cc + 0.3v) z ugatex to phasex dc ------------------------------------------------------------------------------------------------------------------- ? 0.3v to (pv cc + 0.3v) <20ns -------------------------------------------------------------------------------------------------------------- ? 5v to 7.5v z lgatex, byp to gnd dc ------------------------------------------------------------------------------------------------------------------- ? 0.3v to (pv cc + 0.3v) <20ns -------------------------------------------------------------------------------------------------------------- ? 2.5v to 7.5v z pgnd to gnd ---------------------------------------------------------------------------------------------------- ? 0.3v to 0.3v z power dissipation, p d @ t a = 25 c wqf n-32l 5x5 -------------------------------------------------------------------------------------------------- 2.778w z package thermal resistance (note 2) wqfn-32l 5x5, ja --------------------------------------------------------------------------------------------- 36 c/w wqfn-32l 5x5, jc -------------------------------------------------------------------------------------------- 6 c/w z junction temperature ------------------------------------------------------------------------------------------- 150 c z lead temperature (soldering, 10 sec.) --------------------------------------------------------------------- 260 c z storage temperature range ---------------------------------------------------------------------------------- ? 65 c to 150 c z esd susceptibility (note 3) hbm (human body model) ------------------------------------------------------------------------------------ 2kv http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 10 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. electrical characteristics (v in = 12v, v en1 = v en2 = v cc = 5v, v byp = 5v, pv cc = 5v, v enldo = 5v, no load on ldo, vout1, vout2 and ref, t a = 25 c, unless otherwise specified) parameter symbol test conditions min typ max unit input supply vin standby supply current i vin_sby v in = 6v to 25v, both smps off, v enldo = 5v -- 180 250 a vin shutdown supply current i vin_shdh v in = 6v to 25v, enx = enldo = gnd -- 20 40 a quiescent power consumption i q both smpss on, fb1 = skip = gnd, fb2 = v cc , v out1 = v byp = 5.3v, v out2 = 3.5v (note 5) -- 5 7 mw smps output and fb voltage vout1 output voltage in fixed mode v out1 v in = 6v to 25v, fb1= gnd, v skip = 5v 4.975 5.05 5.125 v vout2 output voltage in fixed mode v out2 v in = 6v to 25v, fb2 = v cc , v skip = 5v 3.285 3.33 3.375 v secfb voltage v secfb v in = 6v to 25v (RT8206L) 1.92 2 2.08 v output voltage adjust range smps1, smps2 2 -- 5.5 v fbx adjustable mode threshold voltage fixed or adj-mode comparator threshold 0.2 0.4 0.55 v either smps, skip = v cc 1.975 2 2.025 v either smps, skip = ref -- 2.012 -- v fbx in output adjustable mode v load either smps, skip = gnd -- 2.012 -- v line regulation v line either smps, v in = 6v to 25v -- 0.005 -- %/v on-time smps1 = 5.05v (200khz) 1895 2105 2315 ton = v cc smps2 = 3.33v (300khz) 832.5 925 1018 smps1 = 5.05v (300khz) 1227 1403 1579 ton = ref smps2 = 3.33v (400khz) 606 694 782 smps1 = 5.05v (400khz) 895 1052 1209 on-time pulse width t on ton = gnd smps2 = 3.33v (500khz) 475 555 635 ns minimum off-time t off (min) 200 300 400 ns ultrasonic mode frequency skip = ref 25 33 -- khz soft-start soft-start time t ssx zero to 200mv current limit threshold from enx enable -- 2 -- ms current sense current limit threshold (default) v ilimx = v cc , gnd ? phasex 85 100 115 mv current limit current source i limx 4.75 5 5.25 a http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 11 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. parameter symbol test conditions min typ max unit i lim current temperature coefficient on the basis of 25 c -- 4700 -- ppm/ c i lim adjustment range v ilimx = i limx r ilimx 0.5 -- 2 v v ilimx = 0.5v 40 50 60 v ilimx = 1v 85 100 115 current-limit threshold gnd ? phasex v ilimx = 2v 180 200 220 mv zero-current threshold skip = gnd or ref, gnd ? phasex -- 3 -- mv internal regulator and reference ldo output voltage v ldo byp = gnd, 6v < v in < 25v, 0 < i ldo < 70ma 4.9 5 5.1 v ldo output current i ldo byp = gnd, v in = 6v to 25v 70 -- -- ma ldo short-circuit current ldo = gnd, byp = gnd -- 200 300 ma ldo 5v switchover threshold to byp v byp falling edge, rising edge with fb1 regulation point 4.53 4.66 4.79 v ldo switchover equivalent resistance r sw ldo to byp, 10ma -- 1.5 3 ref output voltage v ref no external load 1.98 2 2.02 v ref load regulation i ref = 0 to 50 a -- 10 -- mv ref sink current ref in regulation 10 -- -- a uvlo rising edge -- 4.35 4.5 pvcc uvlo threshold v uvlo falling edge 3.9 4.05 4.2 v power good pgoodx threshold pgood detect, fbx falling edge 86 90 94 % pgoodx hysteresis rising edge with soft-start delay time -- 3 -- % pgoodx propagation delay falling edge -- 10 -- s pgoodx leakage current high state, forced to 5.5v -- -- 1 a pgoodx output low voltage i sink = 4ma -- -- 0.3 v fault detection ovp trip threshold v fb_ovp ovp detect, fbx rising edge 108 112 116 % ovp propagation delay fbx with 50mv overdrive -- 10 -- s uvp trip threshold uvp detect, fbx falling edge 50 55 60 % uvp shutdown blanking time t shdn_uvp from enx enable -- 5 -- ms thermal shutdown thermal shutdown t shdn -- 150 -- c thermal shutdown hysteresis t shdn -- 10 -- c http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 12 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. note 1. stresses beyond those listed ? absolute maximum ratings ? may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions may affect device reliability. note 2. ja is measured at t a = 25 c on a high effective thermal conductivity four-layer test board per jedec 51-7. jc is measured at the exposed pad of the package. note 3. devices are esd sensitive. handling precaution is recommended. note 4. the device is not guaranteed to function outside its operating conditions. note 5. p vin + p pvcc parameter symbol test conditions min typ max unit logic input low-level internal fixed v outx -- -- 0.2 fb1/fb2 input voltage high-level internal fixed v outx v cc ? 1 -- -- v low level (dem mode) -- -- 0.8 ref level (ultrasonic mode) 1.8 -- 2.3 skip input voltage high level (pwm mode) 2.5 -- -- v v out1 / v out2 (400khz / 500khz) -- -- 0.8 v out1 / v out2 (300khz / 400khz) 1.8 -- 2.3 ton setting voltage v out1 / v out2 (200khz / 300khz) 2.5 -- -- v clear fault level / smps off level -- -- 0.8 delay start 1.8 -- 2.3 enx input voltage smps on level 2.5 -- -- v rising edge 1.2 1.6 2.0 enldo input voltage v enldo falling edge 0.94 1 1.06 v v enldo = 0v or 25v ? 1 -- 3 v enx = 0v or 5v ? 1 -- 1 v ton , v skip = 0v or 5v ? 1 -- 1 v fbx = 0v or 5v ? 1 -- 1 input leakage current v secfb = 0v or 5v (RT8206L) ? 1 -- 1 a internal boot switch internal boost charging switch on-resistance pvcc to bootx -- 40 80 power mosfet drivers bootx to phasex forced to 5v, high state -- 2.5 4 ugatex on-resistance bootx to phasex forced to 5v, low state -- 1.5 3 lgatex, high state -- 2.2 5 lgatex on-resistance lgatex, low state -- 0.6 1.5 lgate rising -- 30 -- dead time ugate rising -- 40 -- ns http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 13 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. typical operating characteristics vout1 efficiency vs. load current 0 10 20 30 40 50 60 70 80 90 100 0.001 0.01 0.1 1 10 load current (a) efficiency (%) ultrasonic mode v in = 25v, ton = v cc , en2 = gnd, en1 = v cc , enldo = v in , fb1 = gnd dem mode pwm mode vout2 efficiency vs. load current 0 10 20 30 40 50 60 70 80 90 100 0.001 0.01 0.1 1 10 load current (a) efficiency (%) ultrasonic mode v in = 7v, ton = v cc , en2 = v cc , en1 = gnd, enldo = v in , fb2 = gnd dem mode pwm mode vout2 efficiency vs. load current 0 10 20 30 40 50 60 70 80 90 100 0.001 0.01 0.1 1 10 load current (a) efficiency (%) ultrasonic mode v in = 12v, ton = v cc , en2 = v cc , en1 = gnd, enldo = v in , fb2 = gnd dem mode pwm mode vout2 efficiency vs. load current 0 10 20 30 40 50 60 70 80 90 100 0.001 0.01 0.1 1 10 load current (a) efficiency (%) ultrasonic mode v in = 25v, ton = v cc , en2 = v cc , en1 = gnd, enldo = v in , fb2 = gnd dem mode pwm mode vout1 efficiency vs. load current 0 10 20 30 40 50 60 70 80 90 100 0.001 0.01 0.1 1 10 load current (a) efficiency (%) dem mode ultrasonic mode pwm mode v in = 7v, ton = v cc , en2 = gnd, en1 = v cc , enldo = v in , fb1 = gnd vout1 efficiency vs. load current 0 10 20 30 40 50 60 70 80 90 100 0.001 0.01 0.1 1 10 load current (a) efficiency (%) ultrasonic mode v in = 12v, ton = v cc , en2 = gnd, en1 = v cc , enldo = v in , fb1 = gnd dem mode pwm mode http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 14 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. vout1 switching frequency vs. load current 0 25 50 75 100 125 150 175 200 225 250 0.001 0.01 0.1 1 10 load current (a) switching frequency (khz) 1 ultrasonic mode v in = 7v, ton = v cc , en2 = gnd, en1 = v cc , enldo = v in , fb1 = gnd dem mode pwm mode vout1 switching frequency vs. load current 0 25 50 75 100 125 150 175 200 225 250 0.001 0.01 0.1 1 10 load current (a) switching frequency (khz) 1 ultrasonic mode v in = 25v, ton = v cc , en2 = gnd, en1 = v cc , enldo = v in , fb1 = gnd dem mode pwm mode vout2 switching frequency vs. load current 0 25 50 75 100 125 150 175 200 225 250 275 300 325 350 0.001 0.01 0.1 1 10 load current (a) switching frequency (khz) 1 ultrasonic mode v in = 7v, ton = v cc , en2 = v cc , en1 = gnd, enldo = v in , fb2 = gnd dem mode pwm mode vout2 switching frequency vs. load current 0 25 50 75 100 125 150 175 200 225 250 275 300 325 350 0.001 0.01 0.1 1 10 load current (a) switching frequency (khz) 1 ultrasonic mode dem mode pwm mode v in = 25v, ton = v cc , en2 = v cc , en1 = gnd, enldo = v in , fb2 = gnd vout2 switching frequency vs. load current 0 25 50 75 100 125 150 175 200 225 250 275 300 325 350 0.001 0.01 0.1 1 10 load current (a) switching frequency (khz) 1 ultrasonic mode v in = 12v, ton = v cc , en2 = v cc , en1 = gnd, enldo = v in , fb2 = gnd dem mode pwm mode vout1 switching frequency vs. load current 0 25 50 75 100 125 150 175 200 225 250 0.001 0.01 0.1 1 10 load current (a) switching frequency (khz) 1 ultrasonic mode v in = 12v, ton = v cc , en2 = gnd, en1 = v cc , enldo = v in , fb1 = gnd dem mode pwm mode http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 15 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. ldo output voltage vs. output current 5.02 5.024 5.028 5.032 5.036 5.04 0 10203040506070 output current (ma) output voltage (v) v in = 12v, en1 = en2 = gnd, enldo = v in no load battery current vs. input voltage 0.1 1 10 100 7 9 11 13 15 17 19 21 23 25 input voltage (v) battery current (ma) ultrasonic mode ton = v cc , en1 = en2 = v cc , enldo = v in dem mode pwm mode v ref vs. output current 2.00300 2.00325 2.00350 2.00375 2.00400 2.00425 2.00450 2.00475 2.00500 -10 0 10 20 30 40 50 output current ( a) v ref (v) v in = 12v, en1 = en2 = gnd, enldo = v in standby current vs. input voltage 198 200 202 204 206 208 210 212 214 216 7 9 11 13 15 17 19 21 23 25 input voltage (v) standby current ( a) 1 standby current no load, en1 = en2 = gnd, enldo = v in shutdown current vs. input voltage 9 11 13 15 17 19 21 23 25 27 7 9 11 13 15 17 19 21 23 25 input voltage (v) shutdown current ( a) 1 shutdown current no load on vout1, vout2, ldo and ref, en1 = en2 = gnd, enldo = gnd v ref vs. temperature 1.95 1.96 1.97 1.98 1.99 2.00 2.01 2.02 2.03 2.04 2.05 -40 -25 -10 5 20 35 50 65 80 95 110 125 temperature (c) v ref (v) v in = 12.6v http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 16 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. power on from en1 time (1ms/div) i l1 (5a/div) v out1 (5v/div) en1 (5v/div) pgood1 (5v/div) no load, v in = 12v, dem mode ton = v cc, en1 = v cc , en2 = gnd, enldo = v in power on from vin time (400 s/div) ref (2v/div) ldo (5v/div) v in (10v/div) cp (10v/div) no load, v in = 12v, ton = v cc, en1 = v cc , en2 = gnd, enldo = v in power on from en1 time (1ms/div) i l1 (5a/div) v out1 (5v/div) en1 (5v/div) pgood1 (5v/div) ton = v cc, en1 = v cc , en2 = gnd, enldo = v in no load, v in = 12v, pwm mode power on from en1 time (1ms/div) i l1 (5a/div) v out1 (5v/div) en1 (5v/div) pgood1 (5v/div) ton = v cc, en1 = v cc , en2 = gnd, enldo = v in i load = 4a, v in = 12v, pwm mode power on from en2 time (1ms/div) i l2 (5a/div) v out2 (5v/div) en2 (5v/div) pgood2 (5v/div) ton = v cc, en1 = gnd, en2 = v cc , enldo = v in no load, v in = 12v, dem mode power on from en2 time (1ms/div) i l2 (5a/div) v out2 (5v/div) en2 (5v/div) pgood2 (5v/div) ton = v cc, en1 = gnd, en2 = v cc , enldo = v in no load, v in = 12v, pwm mode http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 17 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. vout1 load transient response time (20 s/div) i l1 (5a/div) v out1_ac- coupled (50mv/div) lgate1 (5v/div) pwm mode, v in = 12v ton = v cc , skip = v cc , enldo = v in , fb1 = v cc vout2 load transient response time (20 s/div) i l2 (2a/div) v out2_ac- coupled (50mv/div) lgate2 (5v/div) pwm mode, v in = 12v ton = v cc , skip = v cc , enldo = v in , fb2 = v cc power off from en1 time (10ms/div) v out1 (5v/div) en1 (10v/div) ugate1 (20v/div) lgate1 (5v/div) v in = 12v, ton = v cc , skip = v cc , enldo = v in power on from en2 (delay start) time (400 s/div) v out1 (2v/div) en1 (5v/div) v in = 12v, ton = v cc , enldo = v in en1 = ref en2 (5v/div) v out2 (2v/div) power on from en2 time (1ms/div) i l2 (5a/div) v out2 (5v/div) en2 (5v/div) pgood2 (5v/div) ton = v cc, en1 = gnd, en2 = v cc , enldo = v in i load = 4a, v in = 12v, pwm mode power on from en1 (delay start) time (400 s/div) v out1 (2v/div) en1 (5v/div) v in = 12v, ton = v cc , enldo = v in en2 = ref en2 (5v/div) v out2 (2v/div) http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 18 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. power on in short circuit time (400 s/div) ugate1 (20v/div) vout1 (500mv/div) lgate1 (5v/div) v out1 = short i l1 (10a/div) v in = 12v, ton = v cc , skip = v cc , enldo = v in uvp time (10 s/div) vout1 (5v/div) ugate1 (20v/div) i l1 (10a/div) lgate1 (5v/div) v in = 12v, ton = v cc , skip = v cc , enldo = v in ovp time (500 s/div) pgood1 (5v/div) vout1 (5v/div) pgood2 (5v/div) vout2 (5v/div) v in = 12v, ton = v cc , skip = gnd, enldo = v in http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 19 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. application information the RT8206L/m is a dual, high efficiency, mach response tm drv tm dual ramp valley mode synchronous buck controller. the controller is designed for low voltage power supplies for notebook computers. richtek mach response tm technology is specifically designed for providing 100ns ? instant-on ? response to load steps while maintaining a relatively constant operating frequency and inductor operating point over a wide range of input voltages. the drv tm mode pwm modulator is specifically designed to have better noise immunity for such a dual output application. the RT8206L/m achieves high efficiency at a reduced cost by eliminating the current-sense resistor found in traditional current-mode pwms. efficiency is further enhanced by its ability to drive very large synchronous rectifier mosfets. the RT8206L/m includes 5v (ldo) linear regulator which can step down the battery voltage to supply both internal circuitry and gate drivers. when v out1 voltage is above 4.66v, an automatic circuit turns off the linear regulator and powers the device from v out1 through the byp pin connected to v out1 . pwm operation the mach response tm drv tm mode controller relies on the output filter capacitor's effective series resistance (esr) to act as a current-sense resistor, so the output ripple voltage provides the pwm ramp signal. refer to the function block diagram, the ugate driver will be turned on at the beginning of each cycle. after the internal one- shot timer expires, the ugate driver will be turned off. the pulse width of this one shot is determined by the converter's input voltage and the output voltage to keep the frequency fairly constant over the input voltage range. another one-shot sets a minimum off-time (300ns typ.). the on-time one-shot is triggered if the error comparator is high, the low-side switch current is below the current- limit threshold, and the minimum off-time one-shot has timed out. pwm frequency and on-time control the mach response tm control architecture runs with pseudo-constant frequency by feed-forwarding the input and output voltage into the on-time one-shot timer. the high-side switch on-time is inversely proportional to the input voltage as measured by the v in , and proportional to the output voltage. the on-time is given by : on-time= k (v out / v in ) where ? k ? is set by the ton pin-strap connector (table 1). one-shot timing error increases for the shorter on- time setting due to fixed propagation delays that is approximately 15% at high frequency and the 10% at low frequency. the on-time guaranteed in the electrical characteristics tables is influenced by switching delays in the external high side power mosfet. two external factors that influence switching-frequency accuracy are resistive drops in the two conduction loops (including inductor and pc board resistance) and the dead-time effect. these effects are the largest contributors to the change of frequency with changing load current. the dead-time effect increases the effective on-time, reducing the switching frequency as one or both dead times. it occurs only in pwm mode (skip = high) when the inductor current reverses at light or negative load currents. with reversed inductor current, the inductor's emf causes phase x to go high earlier than normal, extending the on- time by a period equal to the low-to-high dead time. for loads above the critical conduction point, the actual switching frequency is : f s = (v out +v drop1 ) / t on x (v in + v drop1 ? v drop2 ) v drop1 is the sum of the parasitic voltage drops in the inductor discharge path, including synchronous rectifier, inductor, and pc board resistances; v drop2 is the sum of the resistances in the charging path; and t on is the on- time calculated by the RT8206L/m. table 1. ton setting and pwm frequency table ton ton = vcc ton = ref ton = gnd v out1 k-factor 5 s 3.33 s 2.5 s v out1 frequency 200khz 300khz 400khz v out2 k-factor 4 s 2.67 s 2 s v out2 frequency 300khz 400khz 500khz approximate k-factor error 10% 12.5% 15% http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 20 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. operation mode selection the RT8206L/m supports three operation modes: diode- emulation mode, ultrasonic mode, and forced-ccm mode. users can set operation mode by skip pin. all of the three operation modes will be introduced as follows. diode-emulation mode (skip = gnd) in diode-emulation mode, the RT8206L/m automatically reduces switching frequency at light-load conditions to maintain high efficiency. this reduction of frequency is achieved smoothly and without the increase of v outx ripple or load regulation. as the output current decreases from heavy-load condition, the inductor current is also reduced, and eventually comes to the point that its valley touches zero current, which is the boundary between continuous conduction and discontinuous conduction modes. by emulating the behavior of diodes, the low side mosfet allows only partial negative current when the inductor free- wheeling current becomes negative. as the load current further decreases, it takes longer and longer to discharge the output capacitor to the level that requires for the next ? on ? cycle. the on-time is kept the same as that in the heavy-load condition. in reverse, when the output current increases from light load to heavy load, the switching frequency increases to the preset value as the inductor current reaches the continuous conduction. the transition load point to the light-load operation can be calculated as the following equation. in out load on (v v ) i t 2l ? ? i l t 0 t on slope = (v in -v out ) / l i l, peak i load = i l, peak / 2 figure 3. boundary condition of ccm/dem where t on is the given on-time. the switching waveforms may appear noisy and asynchronous when light loading causes diode-emulation operation, but this is a normal operating condition that results in high light-load efficiency. trade-offs in pfm noise vs. light-load efficiency is made by varying the inductor value. generally, low inductor values produce a broader efficiency vs. load curve, while higher values result in higher full-load efficiency (assuming that the coil resistance remains fixed) and less output voltage ripple. penalties for using higher inductor values include larger physical size and degraded load-transient response (especially at low input-voltage levels). ultrasonic mode (skip = ref) connecting skip to ref activates a unique diode- emulation mode with a minimum switching frequency above 25khz. this ultrasonic mode eliminates audio- frequency modulation that would otherwise be present when a lightly loaded controller automatically skips pulses. in ultrasonic mode, the low side switch gate-driver signal is ored with an internal oscillator (>25khz). once the internal oscillator is triggered, the ultrasonic controller forces the lgatex high, turning on the low side mosfet to induce a negative inductor current. at the point that the output voltage is higher than that of ref, the controller turns off the low side mosfet (lgatex pulled low) and triggers a constant on-time (ugatex driven high). when the on-time has expired, the controller re-enables the low- side mosfet until the controller detects that the inductor current has dropped below the zero-crossing threshold. forced-ccm mode (skip = v cc ) the low noise, forced-ccm mode (skip = v cc ) disables the zero-crossing comparator, which controls the low side switch on-time. this causes the low side gate-driver waveform to become the complement of the high side gate-driver waveform. this in turn causes the inductor current to reverse at light loads as the pwm loop strives to maintain a duty ratio of v out /v in . the benefit of the forced-ccm mode is to keep the switching frequency fairly constant, but it comes at a cost : the no-load battery current can be from 10ma to 40ma, depending on the external mosfets. http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 21 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. reference and linear regulator (ref, ldo and 14v charge pump) the 2v reference (ref) is accurate within 1% over the entire temperature range, making ref useful as a precision system reference. bypass ref to gnd with as 0.22 f (min) capacitor. ref can supply up to 50 a for external loads. loading ref degrades fbx and output accuracy according to the ref load-regulation error. an internal regulator produces a fixed output voltage 5v. the ldo regulator can supply up to 70ma for external loads. bypass ldo with a minimum 4.7 f ceramic capacitor. when the output voltage of the v out1 is higher than the switchover threshold, an internal 1.5 n-channel mosfet switch connects v out1 to ldo through byp while simultaneously shutting down the internal linear regulator. in typical application circuit, the external 14v charge pump is driven by lgate1. when lgate1 is low, d1 charges c5 sourced from v out1 . c5 voltage is equal to v out1 minus a diode drop. when lgate1 transitions to high, the charge from c5 will transfer to c6 through d2 and charge it to v lgate1 plus v c5 . as lgate1 transients low on the next cycle, c6 will charge c7 to its voltage minus a diode drop through d3. finally, c7 charges c8 through d4 when lgate1 transitions to high. cp output voltage is : v cp = v out1 +2 x v lgate1 ? 4 x v d where : ` v lgate1 is the peak voltage of the lgate1 driver ` v d is the forward diode dropped across the schottkys secfb (RT8206L) is used to monitor the charge pump via the resistive divider. in an event when secfb drops below 2v the controller forces ultrasonic mode operation which keeps the switching frequency above 25khz to maintain charge pump voltage. reducing the cp decoupling capacitor and placing a small ceramic capacitor c19 (10pf to 47pf) in parallel will the upper leg of the secfb resistor feedback network, r11, will also increase the robustness of the charge pump. current limit setting (i limx ) the RT8206L/m has a cycle-by-cycle current limiting control. the current limit circuit employs a unique ? valley ? current sensing algorithm. if the magnitude of the current sense signal at phasex is above the current limit threshold, the pwm is not allowed to initiate a new cycle (figure 4). the actual peak current is greater than the current limit threshold by an amount equal to the inductor ripple current. therefore, the exact current limit characteristic and maximum load capability are a function of the sense resistance, inductor value, battery voltage, and output voltage. i l t 0 i l, peak i lim i load figure 4. valley current limit the RT8206L/m uses the on-resistance of the synchronous rectifier as the current-sense element. use the worse- case maximum value for r ds(on) from the mosfet datasheet, and add a margin of 0.5%/ c for the rise in r ds(on) with temperature. the current limit threshold is adjusted with an external resistor for the RT8206L/m at ilimx. the current limit threshold adjustment range is from 50mv to 200mv. in the adjustment mode, the current limit threshold voltage is precise to 1/10 the voltage seen at ilimx. the threshold defaults to 100mv when ilimx is connected to vcc. the logic threshold for switchover to the 100mv default value is higher than vcc ? 1v. carefully observe the pc board layout guidelines to ensure that noise and dc errors do not corrupt the current sense signal at phasex and gnd. mount or place the ic close to the low side mosfet. mosfet gate driver (ugatex, lgatex) the high side driver is designed to drive high current, low r ds(on) n-mosfet(s). when configured as a floating driver the instantaneous drive current is supplied by the flying http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 22 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. capacitor between bootx and phasex pins. a dead time to prevent shoot through is internally generated between high side mosfet off to low side mosfet on, and low side mosfet off to high side mosfet on. the low side driver is designed to drive high current low r ds(on) n-mosfet(s). the internal pulldown transistor that drives lgatex low is robust, with a 0.6 typical on- resistance. a 5v bias voltage is typically delivered from pvcc through ldo supply. the instantaneous drive current is supplied by an input capacitor connected between pvcc and gnd. for high current applications, some combinations of high and low side mosfets might be encountered that will cause excessive gate-drain coupling, which can lead to efficiency-killing, emi-producing shoot-through currents. this is often remedied by adding a resistor in series with bootx, which increases the turn-on time of the high side mosfet without degrading the turn-off time (figure 5). figure 5. reducing the ugatex rise time soft-start the RT8206L/m provides an internal soft-start function to prevent large inrush current and output voltage overshoot when the converter starts up. the soft-start (ss) automatically begins once the chip is enabled. during soft-start period, the internal current limit circuit gradually ramps up the inductor current from zero. the maximum current limit value is set externally as described in previous section. the soft-star time is determined by the current limit and output capacitor value. the current limit threshold ramp up time is typically 2ms from zero to 200mv after enx is enabled. a unique pwm duty limit control that prevents output over voltage during soft-start period is designed specifically for fbx floating. por and uvlo power on reset (por) occurs when vin rises above approximately 5v (typ.), resetting the fault latches. pvcc under voltage lockout (uvlo) circuitry inhibits switching by keeping ugatex and lgatex low when pvcc is below 4.05v. the pwm outputs begin to ramp up once pvcc exceeds its uvlo threshold and enx is enabled. power good output (pgoodx) the pgoodx is an open-drain type output. pgoodx is actively held low in soft-start, standby, and shutdown. it is released when the voutx voltage is above 90% of the nominal regulation point. the pgoodx goes low if it is 10% below its nominal regulator point. output over voltage protection (ovp) the output voltage can be continuously monitored for over voltage protection. when the output voltage of the voutx is 12% above the set voltage, over voltage protection will be enabled. if the output exceeds the over voltage threshold, over voltage fault protection will be triggered and the lgatex low side gate drivers are forced high. this activates the low side mosfet switch, which rapidly discharges the output capacitor and reduces the output voltage. once an over voltage fault condition is set, it can only be reset by toggling enldo, enx, or cycling vin (por.) output under voltage protection (uvp) the output voltage can be continuously monitored for under voltage protection. if the output is less than 55% of the error-amplifier trip voltage, under voltage protection will be triggered, and then both ugatex and lgatex gate drivers will be forced low. the uvp will be ignored for at least 5ms (typ.) after start-up or after a rising edge on enx. toggle enx or cycle vin (por) to clear the under voltage fault latch and restart the controller. the uvp only applies to the pwm outputs. thermal protection the RT8206L/m has a thermal shutdown protection function to prevent it from overheating. thermal shutdown occurs when the die temperature exceeds +150 c. all bootx ugatex phasex v in http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 23 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. internal circuitry will be shut down during thermal shutdown. the RT8206L/m may trigger thermal shutdown if the ldo is not supplied from voutx, while input voltage on vin and drawing current from the ldo are too high. even if the ldo is supplied from voutx, overloading the ldo causes large power dissipation on automatic switches, which may result in thermal shutdown. discharge mode when standby or shutdown mode occurs, or the output under voltage fault latch is set, the output discharge mode is triggered. during discharge mode, the output capacitor will be discharged to gnd through an internal 20 switch. shutdown mode the RT8206L/m smps1, smps2 and ldo have independent enabling control. drive enldo, en1 and en2 below the precise input falling edge trip level to place the RT8206L/m in its low power shutdown state. the RT8206L/m consumes only 20 a of quiescent current while in shutdown. when shutdown mode is activated, the reference turns off. the accurate 1v falling-edge threshold on the enldo can be used to detect a specific analog voltage level and shutdown the device. once in shutdown, the 1.6v rising edge threshold activates, providing sufficient hysteresis for most application. power up sequencing and on/off controls (enx) en1 and en2 control smps power-up sequencing. when the RT8206L/m applies in the single channel mode, en1 or en2 enables the respective outputs when enx voltage rises above 2.5v, and disables the respective outputs when enx voltage falls below 1.8v. connecting one enx to vcc and the other to ref will force the latter one's output to start only after the former one regulates. if both enx are connected to ref, each output will wait for the regulation of the other one. however, in this situation, neither of the two enx will be in regulation. outx fbx r1 v = v 1 r2 ?? ?? + ?? ?? ?? ?? where v fbx is 2v (typ.). output inductor selection the switching frequency (on-time) and operating point (% ripple or l ir ) determine the inductor value as follows : on in out ir load(max) t(v - v) l = li where lir is the ratio of the peak-to-peak ripple current to the average inductor current. find a low-loss inductor having the lowest possible dc resistance that fits in the allotted dimensions. ferrite cores are often the best choice, because the powdered iron is inexpensive and can work well at 200khz. the core must be large enough to prevent it from saturating at the peak inductor current (i peak ) : i peak = i load(max) + [(l ir / 2) x i load(max) ] this inductor ripple current also impacts transient-response performance, especially at low v in ? v outx differences. low inductor values allow the inductor current to slew faster, replenishing charge removed from the output filter phasex lgatex r1 r2 v outx v in ugatex voutx fbx gnd figure 6. setting voutx with a resistor-divider output voltage setting (fbx) connect fb1 directly to gnd or vcc for a fixed 5v output (vout1). connect fb2 directly to gnd or vcc for a fixed 3.3v output (vout2). the output voltage can also be adjusted from 2v to 5.5v with a resistor-divider network (figure 6). the following equation is for adjusting the output voltage. choose r2 to be approximately 10k , and solve for r1 using the following equation : http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 24 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. sw esr out f 1 f = 2 esr c 4 do not put high value ceramic capacitors directly across the outputs without taking precautions to ensure stability. large ceramic capacitors can have a high esr zero frequency and cause erratic, unstable operation. however, it is easy to add enough series resistance by placing the capacitors a couple of inches downstream from the inductor and connecting voutx or the fbx divider close to the inductor. there are two related but distinct factors, double-pulsing and feedback loop instability, for unstable operation. double-pulsing occurs due to noise on the output or because the esr is so low that there is not enough voltage ramp in the output voltage signal. this ? fools ? the error comparator into triggering a new cycle immediately after the 300ns minimum off-time period has expired. double- pulsing is more annoying than harmful, resulting in nothing worse than increased output ripple. however, it may indicate the possible presence of loop instability, which is caused by insufficient esr. loop instability can result in oscillations at the output after line or load perturbations that can trip the over-voltage protection latch or cause the output voltage to fall below the tolerance limit. the easiest method for checking stability is to apply a very fast zero-to-max load transient and carefully observe the output-voltage-ripple envelope for overshoot and ringing. it helps to simultaneously monitor the inductor current with an ac current probe. do not allow more than one cycle of ringing after the initial step-response under- or overshoot. thermal considerations for continuous operation, do not exceed absolute maximum operation junction temperature. the maximum power dissipation depends on the thermal resistance of ic package, pcb layout, the rate of surroundings airflow and temperature difference between junction to ambient. the maximum power dissipation can be calculated by following formula : p d(max) = ( t j(max) - t a ) / ja where t j(max) is the maximum operation junction temperature, t a is the ambient temperature and ja is the junction to ambient thermal resistance. for recommended operating conditions specification, the maximum junction temperature is 125 c. the junction to ambient thermal resistance, ja, is layout dependent. for wqfn-32l 5x5 package, the thermal resistance, ja, is 36 c/w on a standard jedec 51-7 four-layer thermal test board. the maximum power dissipation at t a = 25 c can be calculated by the following formula : output capacitor selection the output filter capacitor must have low enough equivalent series resistance (esr) to meet output ripple and load- transient requirements, yet have high enough esr to satisfy stability requirements. the output capacitance must also be high enough to absorb the inductor energy while transiting from full-load to no-load conditions without tripping the overvoltage fault latch. although mach response tm drv tm dual ramp valley mode provides many advantages such as ease-of-use, minimum external component configuration, and extremely short response time, due to not employing an error amplifier in the loop, a sufficient feedback signal needs to be provided by an external circuit to reduce the jitter level. the required signal level is approximately 15mv at the comparing point. this generates v ripple = (v out / 2) x 15mv at the output node. the output capacitor esr should meet this requirement. output capacitor stability stability is determined by the value of the esr zero relative to the switching frequency. the point of instability is given by the following equation : 2 outx load off(min) in sag in outx out outx off(min) in v (i ) l k t v v = vv 2c v k t v ?? ? + ?? ?? ?? ? ?? ? ?? ?? ?? ?? where minimum off-time (t off(min) ) = 300ns (typ.) and k is from table 1. capacitors by a sudden load step. the peak amplitude of the output transient (v sag ) is also a function of the maximum duty factor, which can be calculated from the on-time and minimum off-time : http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 25 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. layout considerations layout is very important in high frequency switching converter design. if the layout is designed improperly, the pcb could radiate excessive noise and contribute to the converter instability. the following guidelines must be strictly followed for a proper layout of RT8206L/m. ` connect an rc low-pass filter from pvcc to vcc. the rc low-pass filter is composed of an external capacitor and an internal 10 resistor. it is recommended to bypass vcc to gnd with a 1 f capacitor. place the capacitor close to the ic, within 12mm (0.5 inch) if possible. ` keep current limit setting network as close as possible to the ic. routing of the network should avoid coupling to high-voltage switching node. ` connections from the drivers to the respective gate of the high side or the low-side mosfet should be as short as possible to reduce stray inductance. use 0.65mm (25 mils) or wider trace. ` all sensitive analog traces and components such as voutx, fbx, gnd, enx, pgoodx, ilimx, vcc, and ton should be placed away from high voltage switching nodes such as phasex, lgatex, ugatex or bootx nodes to avoid coupling. use internal layer(s) as ground plane(s) and shield the feedback trace from power traces and components. ` gather ground terminal of vin ca pacitor(s), voutx capacitor(s), and source of low side mosfets as close as possible. pcb trace of the phasex node, which connects to source of high side mosfet, drain of low side mosfet and high voltage side of the inductor, should be as short and wide as possible. figure 7. derating curve of maximum power dissipation 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 0 25 50 75 100 125 ambient temperature (c) maximum power dissipation (w) four-layer pcb p d(max) = (125 c ? 25 c) / (36 c/w) = 2.778w for wqfn-32l 5x5 package the maximum power dissipation depends on operating ambient temperature for fixed t j(max) and thermal resistance ja . the derating curve in the figure 7 allows the designer to see the effect of rising ambient temperature on the maximum power dissipation. http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 26 ds8206l/m-07 june 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. table 2. operation mode truth table mode condition comment power up pvcc < uvlo threshold transitions to discharge mode after vin por and ref become valid. ldo and ref remain active. run enldo = high, en1 or en2 enabled normal operation. over voltage protection either output > 112% of nominal level. lgatex is forced high. ldo and ref active. exited by vin por or by toggling enldo, enx. under voltage protection either output < 55% of nominal level after 3ms time-out expires and output is enabled. both ugatex and lgatex are forced low until discharge mode terminates. ldo and ref are active. exited by vin por or by toggling enldo, en1, or en2. discharge either smps output is still high in either standby mode or shutdown mode. during discharge mode, the output capacitor discharges to gnd through an internal n-mosfet switch. standby enx < startup threshold, enldo = high. lgatex stays low. ldo and ref active. shutdown en1, en2, enldo=low all circuitry off. thermal shutdown t j > +150c all circuitry off. exit by vin por or by toggling enldo, enx. table 3. power up sequencing enldo (v) v en1 (v) v en2 (v) ldo 5v smps1 3v smps2 low x x off off off ?>2v? high low low on (after ref powers up) off off ?>2v? high low ref on (after ref powers up) off off ?>2v? high low high on (after ref powers up) off on ?>2v? high ref low on (after ref powers up) off off ?>2v? high ref ref on (after ref powers up) off off ?>2v? high ref high on (after ref powers up) on (after smps2 on) on ?>2v? high high low on (after ref powers up) on off ?>2v? high high ref on (after ref powers up) on on (after smps 1 on) ?>2v? high high high on (after ref powers up) on on http://www..net/ datasheet pdf - http://www..net/
RT8206L/m 27 ds8206l/m-07 june 2012 www.richtek.com richtek technology corporation 5f, no. 20, taiyuen street, chupei city hsinchu, taiwan, r.o.c. tel: (8863)5526789 richtek products are sold by description only. richtek reserves the right to change the circuitry and/or specifications without notice at any time. customers should obtain the latest relevant information and data sheets before placing orders and should verify that such information is current and complete. richtek cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a richtek product. information furnish ed by richtek is believed to be accurate and reliable. however, no responsibility is assumed by richtek or its subsidiaries for its use; nor for any infringeme nts of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of r ichtek or its subsidiaries. outline dimension e d 1 d2 e2 l b e a a1 a3 see detail a note : the configuration of the pin #1 identifier is optional, but must be located within the zone indicated. det ail a pin #1 id and tie bar mark options 1 1 2 2 dimensions in millimeters dimensions in inches symbol min max min max a 0.700 0.800 0.028 0.031 a1 0.000 0.050 0.000 0.002 a3 0.175 0.250 0.007 0.010 b 0.180 0.300 0.007 0.012 d 4.950 5.050 0.195 0.199 d2 3.400 3.750 0.134 0.148 e 4.950 5.050 0.195 0.199 e2 3.400 3.750 0.134 0.148 e 0.500 0.020 l 0.350 0.450 0.014 0.018 w-type 32l qfn 5x5 package http://www..net/ datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of RT8206L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X