Part Number Hot Search : 
22112 DAC10FX SD161 HFD1N70 74LS193 PS104RS F4NNTTD 1N1343B
Product Description
Full Text Search
 

To Download RS201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.0 typ. 12.7 min 15.2 min 3.7 0.25 3.7 0.25 + - 3.2 45 ac 14.5 0.5 11.2 0.5 4.8 0.2 1.5 typ. 1.8 typ. 1.8 typ. |? 0.8 0.1 rating to 1000v prv surge overload rating to 50 amperes peak ideal for printed circuit board reliable low cost construction utilizing molded maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. rs203 rs204 rs205 rs206 rs207 units maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v max imum rms v oltage v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average forw ard output current @t a =25 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load maximum instantaneous forw ard voltage at 2.0 a v f v maximum reverse current @t a =25 a at rated dc blocking voltage @t a =100 ma operating junction temperature range t j storage temperature range t stg 100 70 voltage range: 50 --- 1000 v current: 2.0 a 35 50 kbp - 55 ---- + 150 - 55 ---- + 125 i r a 10.0 plastic technique results in inexpensive product i f(av) 2.0 lead solderable per mil-std-202 method 208 a RS201 rs202 50 100 1.1 1.0 50.0 i fsm dimensions in millimeters glass passivated chip junctions RS201-rs207 silicon bridge rectifiers features http://www.luguang.cn mail:lge@luguang.cn
0.4 0.6 0.8 1.0 1.4 1.2 .01 0.1 1.0 10 t j =25 pulse width =300 u s 1.6 0 0.2 .01 1.0 10 0 40 60 0.1 20 t j =100 100 120 140 80 t j =25 0 0.5 1.0 1.5 100 pc board mounted with 0.47" x 0.47" copperpads (12mm x 12mm) 2.0 resislive or inductive load 0 25 50 75 125 150 1 10 100 8.3ms single half sine wave t j =125 30 0 10 20 40 50 peak forward surge current, amperse average forward output current, amperse micro amperse fi g. 3 -- typical forward characteri sti c fi g. 4 -- typi cal reverse characteristi c instantaneous forward voltage, volts percent of rated peak reverse voltage number of cycles at 60h z ambient temperature, fi g. 2 -- forward derati ng curve instantaneous forward current, amperse fi g. 1 -- peak forward surge current instantaneous reverse current, RS201-rs207 silicon bridge rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of RS201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X