Part Number Hot Search : 
203EEY B1043 BC51PA 220M06 AD585SQ KIA7733 CHIPS P16NE
Product Description
Full Text Search
 

To Download RN1101CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RN1101CT ~ rn1106ct 2009-04-13 1 toshiba transistor silicon npn epitaxial type (p ct process) (bias resi stor built-in transistor) RN1101CT,rn1102ct,rn1103ct rn1104ct,rn1105ct,rn1106ct switching applications inverter circuit applications interface circuit applications driver circuit applications ? incorporating a bias resistor into a transistor reduces parts count. reducing the parts count enable t he manufacture of ever more compact equipment and save assembly cost. ? complementary to rn2101ct to rn2106ct equivalent circuit and bias resistor values absolute maximum ratings (ta = 25c) characteristics symbol rating unit collector-base voltage v cbo 20 v collector-emitter voltage RN1101CT to 1106ct v ceo 20 v RN1101CT to 1104ct 10 emitter-base voltage rn1105ct, 1106ct v ebo 5 v collector current i c 50 ma collector power dissipation p c 50 mw junction temperature t j 150 c storage temperature range RN1101CT ro 1106ct t stg ? 55 to 150 c note: using continuously under heavy loads (e.g. the ap plication of high temperatur e/current/voltage and the significant change in temperature, etc.) may cause this pr oduct to decrease in the reliability significantly even if the operating conditions (i.e.operati ngtemperature/current/voltage, etc. ) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). unit: mm jedec D jeita D toshiba 2-1j1a weight: 0.75 mg (typ.) r1 r2 b c e type no. r1 (k ) r2 (k ) RN1101CT 4.7 4.7 rn1102ct 10 10 rn1103ct 22 22 rn1104ct 47 47 rn1105ct 2.2 47 rn1106ct 4.7 47 0.250.03 1.00.05 0.650.02 0.350.02 0.150.03 0.250.03 0.50.03 0.60.05 0.38 +0.02 -0.03 0.050.03 0.050.03 cst3 1.base 2. emitter 3, collector
RN1101CT ~ rn1106ct 2009-04-13 2 electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit i cbo v cb = 20 v, i e = 0 ? ? 100 collector cut-off current RN1101CT to 1106ct i ceo v ce = 20 v, i b = 0 ? ? 500 na RN1101CT 0.89 ? 1.33 rn1102ct 0.41 ? 0.63 rn1103ct 0.18 ? 0.29 rn1104ct v eb = 10 v, i c = 0 0.088 ? 0.133 rn1105ct 0.085 ? 0.127 emitter cut-off current rn1106ct i ebo v eb = 5 v, i c = 0 0.08 ? 0.121 ma RN1101CT 30 ? ? rn1102ct 60 ? ? rn1103ct 100 ? ? rn1104ct 120 ? ? rn1105ct 120 ? ? dc current gain rn1106ct h fe v ce = 5 v, i c = 10 ma 120 ? ? collector-emitter saturation voltage RN1101CT to 1106ct v ce (sat) i c = 5 ma, i b = 0.25 ma ? ? 0.15 v RN1101CT 1.0 ? 2.0 rn1102ct 1.0 ? 2.2 rn1103ct 1.1 ? 2.7 rn1104ct 1.2 ? 3.6 rn1105ct 0.6 ? 1.1 input voltage (on) rn1106ct v i (on) v ce = 0.2 v, i c = 5 ma 0.6 ? 1.2 v RN1101CT to 1104ct 0.8 ? 1.5 input voltage (off) rn1105ct, 1106ct v i (off) v ce = 5 v, i c = 0.1 ma 0.4 ? 0.8 v collector output capacitance RN1101CT to 1106ct c ob v cb = 10 v, i e = 0, f = 1 mhz ? 1.2 ? pf RN1101CT 3.76 4.7 5.64 rn1102ct 8 10 12 rn1103ct 17.6 22 26.4 rn1104ct 37.6 47 56.4 rn1105ct 1.76 2.2 2.64 input resistor rn1106ct r1 ? 3.76 4.7 5.64 k RN1101CT to 1104ct 0.8 1.0 1.2 rn1105ct 0.0376 0.0468 0.0562 resistor ratio rn1106ct r1/r2 ? 0.08 0.1 0.12
RN1101CT ~ rn1106ct 2009-04-13 3 0.1 1 10 100 0.1 1 10 100 ta=100c 25 -25 RN1101CT 0.1 1 10 100 0.1 1 10 100 25 rn1103ct -25 0.1 1 10 100 0.1 1 10 100 25 -25 rn1104ct 0.1 1 10 100 0.1 1 10 100 25 -25 0.1 1 10 100 0.1 1 10 100 25 -25 rn1106ct ta=100c ta=100c ta=100c ta=100c 0.1 1 10 100 0.1 1 10 100 25 -25 ta=100c common emitter vce=0.2v input voltage vi(on) (v) collector current ic (ma) common emitter vce=0.2v input voltage vi(on) (v) collector current ic (ma) common emitter vce=0.2v input voltage vi(on) (v) collector current ic (ma) common emitter vce=0.2v input voltage vi(on) (v) collector current ic (ma) common emitter vce=0.2v input voltage vi(on) (v) collector current ic (ma) common emitter vce=0.2v input voltage vi(on) (v) collector current ic (ma) ic - vi(on) ic - vi(on) ic - vi(on) ic - vi(on) ic - vi(on) ic - vi(on) rn1102ct rn1105ct
RN1101CT ~ rn1106ct 2009-04-13 4 ic - vi(off) 10 100 1000 10000 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 25 -25 RN1101CT ic - vi(off) 10 100 1000 10000 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 25 -25 rn1103ct ic - vi(off) 10 100 1000 10000 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 25 -25 rn1104ct ic - vi(off) 10 100 1000 10000 0 0.2 0.4 0.6 0.8 1 1.2 1.4 25 -25 ic - vi(off) 10 100 1000 10000 0 0.2 0.4 0.6 0.8 1 1.2 1.4 25 -25 ta=100c ta=100c ta=100c ta=100c ta=100c ic - vi(off) 10 100 1000 10000 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 25 -25 rn1102ct ta=100c common emitter vce=5v input voltage vi(off) (v) collector current ic ( a) common emitter vce=5v input voltage vi(off) (v) collector current ic ( a) common emitter vce=5v input voltage vi(off) (v) collector current ic ( a) common emitter vce=5v input voltage vi(off) (v) collector current ic ( a) common emitter vce=5v input voltage vi(off) (v) collector current ic ( a) common emitter vce=5v input voltage vi(off) (v) collector current ic ( a) rn1105ct rn1106ct
RN1101CT ~ rn1106ct 2009-04-13 5 hfe - ic 1 10 100 1000 1 10 100 25 -25 RN1101CT hfe - ic 10 100 1000 1 10 100 25 -25 rn1102ct hfe - ic 10 100 1000 1 10 100 25 -25 rn1103ct hfe - ic 10 100 1000 1 10 100 25 -25 rn1104ct hfe - ic 10 100 1000 1 10 100 25 -25 rn1105ct hfe - ic 10 100 1000 1 10 100 25 -25 rn1106ct ta=100c ta=100c ta=100c ta=100c ta=100c ta=100c common emitter vce = 5v collector current ic (ma) dc current gain hfe common emitter vce = 5v collector current ic (ma) dc current gain hfe common emitter vce = 5v collector current ic (ma) dc current gain hfe common emitter vce = 5v collector current ic (ma) dc current gain hfe common emitter vce = 5v collector current ic (ma) dc current gain hfe common emitter vce = 5v collector current ic (ma) dc current gain hfe
RN1101CT ~ rn1106ct 2009-04-13 6 vce(sat) - ic 10 100 1000 1 10 100 25 -25 RN1101CT vce(sat) - ic 10 100 1000 1 10 100 25 -25 rn1102ct vce(sat) - ic 10 100 1000 1 10 100 25 -25 rn1103ct vce(sat) - ic 10 100 1000 1 10 100 25 -25 rn1104ct vce(sat) - ic 10 100 1000 1 10 100 25 -25 rn1105ct vce(sat) - ic 10 100 1000 1 10 100 25 -25 rn1106ct ta=100c ta=100c ta=100c ta=100c ta=100c ta=100c common emitter ic / ib = 20 collector current ic (ma) collector-emitter saturation voltage vce(sat) (mv) common emitter ic / ib = 20 collector current ic (ma) collector-emitter saturation voltage vce(sat) (mv) common emitter ic / ib = 20 collector current ic (ma) collector-emitter saturation voltage vce(sat) (mv) common emitter ic / ib = 20 collector current ic (ma) collector-emitter saturation voltage vce(sat) (mv) common emitter ic / ib = 20 collector current ic (ma) collector-emitter saturation voltage vce(sat) (mv) common emitter ic / ib = 20 collector current ic ( ma ) collector-emitter saturation voltage vce(sat) (mv)
RN1101CT ~ rn1106ct 2009-04-13 7 type name marking RN1101CT rn1102ct rn1103ct rn1104ct rn1105ct rn1106ct handling precaution when handling individual devices (which are not yet mount ed on a circuit board), be sure that the environment is protected against electrostatic electricit y. operators should wear anti-static cl othing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. type name l0 1 3 2 type name l1 1 3 2 type name l2 1 3 2 type name l3 1 3 2 type name l4 1 3 2 type name l5 1 3 2
RN1101CT ~ rn1106ct 2009-04-13 8 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba?s written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before creating and producing des igns and using, customers mus t also refer to and comply with (a) the latest versions of all re levant toshiba information, including without limitation, this d ocument, the specifications, the data sheets and applic ation notes for product and the precautions and conditions set forth in the ?tosh iba semiconductor reliability handbook? and (b) t he instructions for the application that product will be used with or for. custome rs are solely responsible for all aspects of t heir own product design or applications, incl uding but not limited to (a) determining th e appropriateness of the use of this product in such design or applications; (b) evaluating and det ermining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expre ssly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalato rs, devices related to el ectric power, and equipment used in finance-related fields. do not use product for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? a bsent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. expor t administration regulations. ex port and re-export of product or related software or technology are strictly prohibited exc ept in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of RN1101CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X