Part Number Hot Search : 
D1065 S2568 TC358762 5KP24A CT2040 MBDQ01 B1608 AU103
Product Description
Full Text Search
 

To Download PJA63P02R100001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 november 04,2011-rev.00 pja63p02 features ? r ds(on) , v gs @-1.8v,i d @-2.3a<108 m ? r ds(on) , v gs @-4.5v,i d @-3.3a<63 m ? advanced trench process technology ? high density cell design for ultra low on-resistance ? specially designed for dc/dc converters ? low gate charge ? lead free in comply with eu rohs 2002/95/ec directives. ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: sot-23 package ? terminals : solderable per mil-std-750,method 2026 ? apporx. weight : 0.0003 ounces, 0.0084grams ? marking : 63 20v p-channel enhancement mode mosfet maximum ratings and thermal characteristics (t a =25 o c unless otherwise noted ) notes: 1. mounted on 7.5cm 2 fr-4 pcb . parameter symbol limit units drain-source voltage v ds -20 v gate-source voltage v gs + 12 v continuous drain current steady-state t a =25 o ci d -2.9 a pulsed drain current i dm -12 a power dissipation (notes 1) steady-state t a =25 o cp d 0.8 w typical thermal resistance (notes 1) r ja 155 o c/w operating junction and storage temperature range t j ,t stg -55 to + 150 o c voltage 20 volts 2.9 amperes current
page . 2 november 04,2011-rev.00 pja63p02 electrical characteristics (t a =25 o c unless otherwise noted ) parameter symbol test condition min. typ. max. units static drain-source breakdown voltage bv dss v gs =0v, i d =-250 a-20--v gate threshold voltage v gs(th) v ds =v gs , i d =-250 a -0.45 -0.61 -1.0 v drain-source on-state resistance r ds(on) v gs = -4.5v, i d = -3.3a - 50 63 m v gs = -2.5v, i d = -2.8a - 62 80 v gs = -1.8v, i d = -2.3a - 79 108 zero gate voltage drain current i dss v ds = -16v, v gs =0v - - -1 a gate -source leakage current i gss v gs = + 8v, v ds =0v - - + 100 na diode forward voltage v sd i s = -1a, v gs =0v - -0.78 -1 v dynamic total gate charge q g v ds = -10v, i d = -2.7a v gs = -4.5v - 12.7 - nc gate-source charge q gs -1. 5- gate-drain charge q gd -2.98- tur n-on d e la y ti me td on v ds = -10v , v gs = -4.5v, r g = 6 , r l = 3 -16.2- ns turn-off delay time td off - 66.4 - tur n-on ri s e ti m e t r - 20.2 - tur n-off f a ll ti m e t f -17.2- input capacitance c iss v ds = -10v, v gs =0v f=1.0mh z - 1141 - pf output capacitance c oss -9 9- reverse transfer capacitance c rss -9 2-
page . 3 november 04,2011-rev.00 pja63p02 rating and characteristic curves s tsnce vs. drain current fig.5 on-resistsnce vs. drain current 40 50 60 70 80 90 100 1 1.5 2 2.5 3 3.5 4 4.5 5 -v gs , gate-to-source voltage(v) i ds =-2.0a i ds =-3.3a r ds (on), on-resistance(m ? ) 0 20 40 60 80 0246810 -i ds , drain-to-source current(a) v gs =-4.5v v gs =-2.5v r ds (on), on-resistance(m ? ) fig.4 on-resistsnce vs drain-source current 0 5 10 15 20 25 30 0 0.5 1 1.5 2 2.5 3 3.5 -v gs , gate-to-source voltage(v) -i ds , drain-to-source current(a) t a =25 t a =125 v ds =-5v 0 5 10 15 20 25 30 012345 -v ds, drain-to-source voltage(v) v gs =-4.5v v gs =-2v v gs =-2.5v v gs =-1.5v v gs =-1v -i ds , drain-to-s ource current(a) -v ds , drain to source voltage(v) c, capacitance(pf) fig.2 drain-source current vs drain-source voltage v gs =-4.5v i d =-3.3a 40 50 60 70 80 25 50 75 100 125 150 t j , junction temperature ( ) r ds (on), on-resistance(m ? ) fig.6 on-resistsnce vs junction temperature fig.5 on-resistsnce vs gate-source voltage fig.3 drain-source current vs gate-source voltage fig.1 capacitance variation 0 200 400 600 800 1000 1200 1400 1600 1800 2000 03691 2 ciss coss crss v gs =0v f=1mhz
page . 4 november 04,2011-rev.00 pja63p02 rating and characteristic curves 0.0 0.4 0.8 1.2 1.6 0.2 0.4 0.6 0.8 1 -v sd , source-to-drain voltage(v) t j =75 t j =125 t a =25 t j =150 -i sd , source to drain current(a) fig.8 source-drain current vs source-drain voltage 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 25 50 75 100 125 150 t j , junction temperature ( ) i ds =-250ua -v gs ( th ), gate threshold voltage (v) fig.7 gate threshold voltage vs junction temperature
page . 5 mounting pad layout ? packing information t/r - 12k per 13" plastic reel t/r - 3k per 7 plastic reel order information legal statement copyright panjit international, inc 2012 the information presented in this document is believed to be accurate and reliable. the specifications and information herein are subject to change without notice. pan jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. pan jit products are not authorized for use in life support devices or systems. pan jit does not convey any license under its patent rights or rights of others. sot-23 0.031 min. (0.80) min. 0.037 (0.95) 0.043 (1.10) 0.078 (2.00) 0.035 min. (0.90) min. 0.043 (1.10) 0.106 (2.70) unit inch(mm) pja63p02 november 04,2011-rev.00
page . 6 part no_packing code_version for example : rb500v-40 _ r2 _ serial number part no. version code means hf packing size code means 13" packing type means t/r packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code t/b a n/a 0 hf 0 serial number t/r r 7" 1 rohs 1 serial number b/p b 13" 2 t/p t 26mm x trr s 52mm y trl l pbcu u forming f pbcd d packing code xx version code xxxxx 0000 pja63p02 november 04,2011-rev.00 3-$3b5b 3-$3b5b


▲Up To Search▲   

 
Price & Availability of PJA63P02R100001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X