Part Number Hot Search : 
CY7C10 MRF6P K2608 1MD10024 PM450 0AB007M2 03EQ1 G6122
Product Description
Full Text Search
 

To Download OL-STRIPE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 copyright ? 2010, everlight all rights reserved. re lease date : 05.05.2011. issue no: dbm-0000066 _v3. www.everlight.com office lighting stripe luminaire series features ? no uv light radiation ? full range of white colors available ? ra>75 for white color ? high luminosity output ? long lifetime>35000 hours(l 70 ) typical applications ? indoor lighting ? architectural lighting ? agricultural lighting
datasheet office lighting stripe 2 copyright ? 2010, everlight all rights reserved. re lease date : 5.5.2011. issue no: dbm-0000066 _v3. www.everlight.com coding of part number: ol ? stripe / ml2 / p11 1 2 3 4 1. product series 4. estimated power consumption ol: office lighting p11: 11w (for ml2 only) 2. luminaire type p17: 17w (for ml3 only) stripe: cobra simple fixture series p23: 23w (for ml4 only) 3. suitable li ghting source ml2: 10w t5 cobra x1 ml3: 15w t5 cobra x1 ml4: 20w t5 cobra x1 parameter description suggested light source everlight cobra module operation temperature -20 ~+40 storage temperature -20 ~+60 power input 1 00~240 vac input estimated power consumption 11 watt for ml2 17 watt for ml3, 23 watt for ml4 power supplier ac to dc power source power factor 100v ac/60hz, pf>0.9 230v ac/50hz, pf>0.9
datasheet office lighting stripe 3 copyright ? 2010, everlight all rights reserved. re lease date : 5.5.2011. issue no: dbm-0000066 _v3. www.everlight.com packaging dimension and weight ml2 ml3 ml4 lamp size (l, mm) a 580 a 879 a 1180 b 35 b 35 b 35 c 52 c 52 c 52 d 31 d 31 d 31 lamp weight(kg) 0.8 1 1.2 package size (mm) e 635 e 935 e 1235 f 321 f 321 f 321 g 190 g 190 g 190 products per carton 10 10 10 total weight (kg) 10 13 15
datasheet office lighting stripe 4 copyright ? 2010, everlight all rights reserved. re lease date : 5.5.2011. issue no: dbm-0000066 _v3. www.everlight.com c0 /180 c90 270 label explanation characteristic intensity distribution curve iliumination lux output* OL-STRIPE-ml2** hf lf 3000k 4000k 5000k 6000k 3000k 4000k 5000k 6000k lux @ 1m 190 230 250 250 220 260 280 280 lux @ 2m 70 80 90 90 80 90 100 100 * the values are measured by the tes 1336a lux meter. the above values are rounded and are for reference only. the margin of error in lux meter 5%. * *the value of lux measured with OL-STRIPE/ml2 lumin aire and place in one sl-cobra/t5 led tube. ?Q company a month rohs ? rohs the place of production ?? customer p/n |? everlight p/n |? product name of everlight b quantity a? lot number ?`Rea reference the intensity distribution curves measured by goniophotometer with suggested everlight led t5 light tubes for light sources.
datasheet office lighting stripe 5 copyright ? 2010, everlight all rights reserved. re lease date : 5.5.2011. issue no: dbm-0000066 _v3. www.everlight.com application notes to ensure optimal performance of the OL-STRIPE seri es office lighting, operation within parameters of this datasheet and understanding of t he internal components is crucial. led t5 tube the light source of the OL-STRIPE series is suggest ed the everlight led t5 cobra light tube. this led light tube is dc driven only and the power input should be 48vdc . driving the everlight led t5 cobra light tube with ac power inp ut may be hazardous and result in failure. the everlight led t5 cobra in the OL-STRIPE can onl y be replaced by an equivalent everlight led t5 cobra. this will greatly reduce the possibil ity of incompatible light sources that may be hazardous and result in failure. when installing the everlight led t5 cobra, please ensure that pins are properly placed within the socket and turned a full 90. this will ensure optimal light output and performance. the lens of the everlight led t5 cobra is composed of standard polycarbonate material. unnecessary pressure or bending of the lens may res ult in puncturing or cracking the surface. please handle with care. although the everlight led t5 cobra is fitted with an aluminum heat sink, proper airflow will ensure optimal performance and lifetime. power supply the power supply is an ac to dc power transfer devi ce rated at 12.5 w and 25.4 w that has the capability to deliver an output of 48 vdc with a standard rated current of 0.24a and 0.48a. the input is rated at 100-240vac 50/60hz with a ran ge capability of up to 90-264vac 47-63hz. the current max achievable is 0.26 a and 0.53 a. tw o pins each are reserved for both input and output power of the power supply. please see the di agram below for pin configuration of the psu. pin layout section pin description conn1 l input n input conn2 v- gnd v+ output


▲Up To Search▲   

 
Price & Availability of OL-STRIPE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X