Part Number Hot Search : 
HR002B P6KE82 OM5258SC 682KS D6SBN20 SG1568 GR18650C STPCC
Product Description
Full Text Search
 

To Download MT-100-AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  54 all products specifications are subject to change without notice. features mt-100 10"4 fanless and lightweight medical tablet 10.4" lcd display with touchscreen portability and convenience with light weight compact and fanless design certifed ip54 dust and water-splash proof enclosure ul60601-1/en60601-1, ce & fcc class b certifed build-in 802.11 a/b/g wireless lan optional bluetooth, cradle, trim knob ideal for mobile healthcare ? ? ? ? ? ? ? ? specifcations computing system chipset amd geode lx 800 & cs5536 cpu amd geode lx 800 front side bus 500 mhz memory ddr 333 unbuffered non eccx 1, max 1 gb graphics controller amd geode lx 800 expansion slot mini pci 1 x mini pci slot, supports type iiia mini pci storage hdd 1 x 1.8" ide compactflash 1 x type i/ii (optional with installation of 1.8" hdd) wlan interface 1 x ieee 802.11 a/b/g i/o ports 2 x usb ports; 1 x dc in; 1 x docking connector audio 1 x speaker; 1 x microphone display MT-100-AE mt-100-te display type 10.4" tft lcd. 10.4" tft lcd. max. resolution 800w x 600h 1024w x 768h max. colors 262k (r, g, b x 3) x 600h 256k (r, g, b 6bit/color) dot size (mm) 0.264 x 0.264 0.2055w x 0.2055h viewing angle 120/100 90/50 luminance 230 cd/m 2 170 cd/m 2 contrast ratio 500 : 1 250 : 1 lcd mtbf 50,000 hours 50,000 hours backlight lifetime 50,000 hours at 6.5 ma 50,000 hours at 6.5ma power supply ac/dc adapter universal ac/dc adapter (sinpro model no. mpu100-106) input voltage 100 - 240 v ac , 47 - 63 hz, 1.25 - 0.5 a output voltage +15 v dc , 6.66a max. (100 watts) safety ul60601-1/en60601-1, ce, fcc certifed touchscreen type analog resistive light transmission 75% controller usb interface durability 30 million touches environment temperature 0 ~ 40 c (operating) humidity 10 ~ 95% @ 40 c (non-condensing) shock resistance 30 g peak acceleration (11ms duration) water/dust resistance ip54 for whole system drop resistance 3 foot height (91 cm) physical characteristics dimensions (w x h x d) 261 x 211 x 36 mm (10.27" x 8.3" x 1.42") weight 1.96 kg (4.32 lb) optional items cradle 4 x usb ports; 1 x vga port; 1 x 10/100 mbps ethernet lan port; 1 x rs-232 com port, 1 x dc in; 1 x docking connector, 1 x smart card reader battery pack mt-bate 4800 mah discharge time 3 hours battery life charging time 3.5 hours trim knob trim knob (usb interface) bluetooth bluetooth module
www.advantech.com/products online download 55 dimensions nit mm mt-cradle rear i/o drawing ordering information part number lcd panel hdd ram MT-100-AE 00 x 00 0 gb ide 12 mb mt-100-te 1024 x 7 0 gb ide 12 mb package list description quantity battery pac 1 ac adapter 1 cd-rom disc for users manual driers and utilities 1 stylus pen it 1 function keys a power button b sb 20 ports c 1 battery led 2 power led d 1 p key 2 down key 3 keyoard on screen 4 screen rotation 5 toucscreen on/off mt-100 ip54 enclosed system usb 2.0 ports dc-in connector vga port serial com port 10/100 mbps ethernet lan port d a 211 36 261 b c accessories part number description mt-cradle cradle (usb x 4 vga com 10/100mb lan) 177001 ac adapter mpu100-10 1vdc 170200200 power cable (usa) 13m 17020020 power cable (europe) 1m bluetooth module trim nob battery pac of mt-100 these accessories goes with the t part number please contact adantech sales for more details smart card reader vesa mount 75 x 75 mm usb port usb port lock


▲Up To Search▲   

 
Price & Availability of MT-100-AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X