Part Number Hot Search : 
74HC1 MAX168 SM25GZ51 EVH12390 ST21NFC SP481EC IRG4PC Z5250
Product Description
Full Text Search
 

To Download MSK3017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4707 dey road liverpool, n.y. 13088 (315) 701-6751 features: all n-channel mosfets isolated package for direct heat sinking, excellent thermal conductivity avalanche rated devices interfaces with most brushless motor drive ic's 200 volt, 30 amp full three phase bridge at 25c iso-9001 certified by dscc m.s.kennedy corp. three phase bridge mosfet power module the msk 3017 is an all n-channel three phase power mosfet bridge circuit. packaged in a space efficient isolated ceramic tab power sip that allows for direct heat sinking, the msk 3017 can be interfaced with a wide array of brushless motor drive ic's. the msk 3017 uses m.s kennedy's proven power hybrid technology to produce a cost effective high performance circuit for use in today's sophisticated servo motor and disk drive systems. description: equivalent schematic three phase brushless dc motor servo control disk drive spindle control fin actuator control az-el antenna control typical applications pin-out information 1 2 3 4 5 6 7 8 9 10 11 drain q2, q4, q6 drain q2, q4, q6 drain q2, q4, q6 gate q2 gate q1 drain q1, source q2 drain q1, source q2 drain q1, source q2 gate q4 gate q3 drain q3, source q4 drain q3,source q4 drain q3, source q4 source q1, q3, q5 source q1, q3, q5 source q1, q3, q5 gate q6 drain q5, source q6 drain q5, source q6 drain q5, source q6 gate q5 12 13 14 15 16 17 18 19 20 21 3017 1 rev. - 8/01
drain-source leakage current gate-source threshold voltage drain-source on resistance drain-source on resistance forward transconductance forward on voltage reverse recovery time reverse recovery charge drain-source breakdown voltage gate-source leakage current total gate charge gate-source charge gate-drain charge turn-on delay time rise time turn-off delay time fall time input capacitance output capacitance reverse transfer capacitance body diode 1 2 3 4 1000 mj +150c max -55c to +150c -55c to +125c 300c max single pulse avalanche energy junction temperature storage temperature case operating temperature range lead temperature range (10 seconds) drain to source voltage drain to gate voltage (r gs =1m w ) gate to source voltage (continuous) continuous current pulsed current thermal resistance (junction to case)@25c thermal resistance (junction to case)@125c absolute maximum ratings v dss v dgdr v gs i d i dm r th-jc r th-jc t j t st t c t ld 200v max 200v max 20v max 30a max 46a max 1.0c/w 1.6c/w v gs =0 i d =0.25ma v ds =200v v gs =0v v gs =20v v ds =0 v ds =v gs i d =250a v gs =10v id = 30a v gs =10v i d =30a v ds =50v i d =30a i d = 30a v ds =160v v gs = 10v v dd =100v i d = 30a r g = 4.3 w r d = 2.1 w v gs =0v v ds =25v f=1mhz i s =30 a v gs =0v i s =30 a di/dt=100a/s parameter units MSK3017 test conditions v a na v w w s nc nc nc ns ns ns ns pf pf pf v ns c min. 200 - - 2.0 - - 24 - - - - - - - - - - - - - typ. - - - - - - - - - - 23 120 100 94 5200 1200 310 1.8 390 4.8 max. - 250 100 4.0 0.09 0.06 - 230 42 110 - - - - - - - - 590 7.2 electrical specifications 2 notes: this parameter is guaranteed by design but need not be tested. typical parameters are representative of actual device performa nce but are for reference only. resistance as seen at package pins. resistance for die only; use for thermal calculations. t a =25c unless otherwise specified. 4 2 rev. - 8/01 1 1 1 1 1 1 3 1 1 1 1 1 1 1 1
this deadtime should allow for the turn on and turn off time of the transistors, especially when slowing them down with gate resistors. this situation will be present when switching motor direction, or when sophisticated timing schemes are used for se rvo systems such as locked antiphase pwm'ing for high bandwidth operation. application notes bridge drive considerations it is important that the logic used to turn on and off the various transistors allow sufficient "dead time" between a high s ide transistor and its low side transistor to make sure that at no time are they both on. when they are, this is called "shoot-thr ough", and it places a momentary short across the power supply. this overly stresses the transistors and causes excessive noise as we ll. see figure 1. 3 figure 1 rev. - 8/01
typical performance curves 4 rev. - 8/01
mechanical specifications the information contained herein is believed to be accurate at the time of printing. msk reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products. please visit our website for the most recent revision of this datasheet. m.s. kennedy corp. 4707 dey road, liverpool, new york 13088 phone (315) 701-6751 fax (315) 701-6752 www.mskennedy.com ordering information all dimensions are 0.010 inches unless otherwise labeled. 5 rev. - 8/01 part number screening level msk 3017 industrial


▲Up To Search▲   

 
Price & Availability of MSK3017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X