Part Number Hot Search : 
SOD4004 NDL2412S COREAPB N4004G MAX4632 SX1503 ZX8510 TSP140B
Product Description
Full Text Search
 

To Download MMBT4403LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m mbt4403 lt1 p n p ep i t a x ial pla n ar t r a n si s t or descrip t i on t h e m m b t 4 4 03 lt1 i s des i g ned f or g e n e r al pu r pose ap p li c at i ons requiring high breakdown voltages. absolute maximum ratings ? maximum temperatures storage temperature............................................................................................... -55~+150 c junction temperature......................................................................................................+150 c ? maximum power dissipation total power dissipation (ta=25 c) ............................................................................... 250 mw ? maximum voltages and currents (ta=25 c) vcbo collector to base voltage ......................................................................................... 40 v vceo collector to emitter voltage ...................................................................................... 40 v vebo emitter to base voltage ........................................................................................... 5.0 v ic collector current ....................................................................................................... 600 ma characteristics (ta=25 c) symbol min. typ. max. unit test conditions bvcbo 40 - - v ic=100ua bvceo 40 - - v ic=1ma bvebo 5.0 - - v ie=100ua icex - - 100 na vce=35v, vbe=0.4v vce(sat)1 - - 400 mv ic=150ma, ib=15ma vce(sat)2 - - 750 mv ic=500ma, ib=50ma vbe(sat)1 - - 950 mv ic=150ma, ib=15ma vbe(sat)2 - - 1.3 v ic=500ma, ib=50ma hfe1 30 - - vce=1v, ic=0.1ma hfe2 60 - - vce=1v, ic=1ma hfe3 100 - - vce=1v, ic=10ma hfe4 100 - 300 vce=2v, ic=150ma hfe5 20 - - vce=2v, ic=500ma ft 200 - - mhz vce=10v, ic=20ma, f=100mhz cob - - 8.5 pf vcb=10v, f=1mhz tiger electronic co.,ltd tiger electronic co.,ltd
characteristics curve current gain & collector current 10 100 1000 0.1 1 10 100 1000 collector current (ma) hfe v ce =1v v ce =2v saturation voltage & collector current 10 100 1000 10000 0.1 1 10 100 1000 collector current (ma) saturation voltage (mv) v ce( s at) @ i c =10i b v be(sat) @ i c =10i b capacitance & reverse-biased voltage 1 10 100 0.1 1 10 100 reverse biased voltage (v) capacitance (pf) cob cutoff frequency & collector current 10 100 1000 1 10 100 1000 collector current (ma) cutoff frequency (mhz) v ce =10v safe operating area 0.01 0.1 1 10 1 10 100 forward biased voltage-v ce (v) collector current-i c (ma) pt=1ms pt=100ms pt=1s tiger electronic co.,ltd tiger electronic co.,ltd
sot-23 dimension *:typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1102 0.118 2.80 3.00 j 0.0035 0.0043 0.09 0.11 b 0.0550 0.0630 1.40 1.60 k 0.0128 0.0266 0.32 0.67 c 0.0354 0.0512 0.90 1.30 l 0.0335 0.0453 0.85 1.15 d 0.0118 0.0197 0.30 0.50 s 0.0886 0.1083 2.25 2.75 g 0.0669 0.0910 1.70 2.30 v 0.0098 0.0256 0.25 0.65 h - 0.0040 - 0.10 h j k d a l g v c b 3 21 s style : pin 1.base 2.emitter 3.collector 3-lead sot-23 plastic surface mounted package marking : 2t tiger electronic co.,ltd tiger electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of MMBT4403LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X