Part Number Hot Search : 
AK2572 QS5U12TR 411KFE0 RE0208DA 32S64A MSK4222 12B24D 4073B
Product Description
Full Text Search
 

To Download MAXQ2000-KIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the maxq2000 evaluation kit (ev kit) is a proven plat- form to conveniently evaluate the capabilities of the maxq2000 low-power lcd microcontroller. the kit con- tains the maxq2000 with pins brought out to headers, a jtag programming interface, fixed and adjustable power supplies, a db-9 serial connector, an lcd dis- play, and switches and leds to control and display board operation. with the included software, serial-to- jtag interface board, and an rs-232 cable connected to a personal computer, the kit provides a completely functional system ideal for evaluating the capabilities of the maxq2000. evaluation kit contents ? maxq2000 evaluation kit board with processor and 13.5mhz crystal installed ? serial-to-jtag interface board and jtag cable ? maxq2000 lcd display daughterboard ? maxq2000 evaluation kit cd-rom features ? easily loads code using bootstrap loader and serial-to-jtag interface board ? jtag interface provides in-application debugging features step-by-step execution tracing breakpointing by code address, data memory address, or register access data memory view and edit ? removable, static, 4-1/2 digit lcd display ? db-9 rs-232 serial connector and level translator ? on-board 3.6v, 2.5v and adjustable 1.8v to 3.6v power-supply regulators ? evaluation kit board can be powered directly over jtag interface ? processor clock can be run from crystal or programmable oscillator ? serial eeprom ? ds2433 1-wire ? eeprom demonstrates use of 1-wire interface ? max1407 adc/dac demonstrates use of spi? interface ? optional led display of port 0 logic levels ? pushbutton switches for reset and interrupt generation ? 32khz crystal for real-time clock oscillator use ? prototyping area including v ddio and v dd voltage rails ? test/expansion header includes all device gpio and lcd pins ? configuration dip switches connect/disconnect all demonstration circuitry from port pins ? board schematics provide a convenient reference design evaluates: maxq2000 maxq2000 evaluation kit ______________________________________________ maxim integrated products 1 rev 2; 7/05 for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. maxq is a registered trademark of maxim integrated products, inc. 1-wire is a registered trademark of dallas semiconductor corp. spi is a trademark of motorola, inc. ordering information part description MAXQ2000-KIT maxq2000 ev kit board
evaluates: maxq2000 maxq2000 evaluation kit 2 _____________________________________________________________________ designation qty description supplier part c1, c3, c4, c19 4 10?, 10v tantalum capacitors panasonic ecs-t1ax106r c2, c5, c6 3 10?, 16v capacitors (1210) panasonic ecj3yf1c106z c7, c8, c11?16, c20?24 13 100nf 10%, 10v capacitors (0805) generic c9, c10 2 10pf 5%, 50v capacitors (0805) panasonic ecj2vc1h100d c17 1 18nf 10%, 10v capacitor (0805) generic c18 1 4.7? 10%, 10v capacitor (0805) generic ju1, ju2, ju3 3 1 x 3, 0.1?spaced jumpers 3m 929834-02-03 ju4?u11 8 1 x 2, 0.1?spaced jumpers 3m 929834-02-02 j1 1 male 2mm power connector cui inc. pj-002a j2 1 2 x 36, 0.1?spaced header 3m 929836-02-36 j3 1 2 x 26, 0.1?spaced header 3m 929836-02-26 j4 1 2 x 5, 0.1?spaced header 3m 929836-02-05 j5 1 female rs-232 db9 connector amp/tyco 745781-4 j6 1 ds9094f surface-mount i button?clip dallas semiconductor ds9094fs j7 1 1 x 8, 0.1?spaced header 3m 929834-02-08 rn1 1 1k sip-9 resistor pack cts 770-10-1-102 r1, r4, r5 3 25.5k 1%, 1/8w resistors (0805) generic r2 1 50k potentiometer resistor panasonic evn-d2aa03b54 r3, r6 2 13.0k 1%, 1/8 w resistors (0805) generic r7 1 23.7k 1%, 1/8 w resistor (0805) generic r8 1 10k potentiometer resistor panasonic evn-d2aa03b14 r9?13 5 1k , 1/8w resistors (0805) generic r14?20 7 10k , 1/8 w resistors (0805) generic r21 1 empty resistor footprint (0805) sw1, sw3, sw6 3 dip switches x 8 c & k sda08h1kd sw2, sw4, sw5 3 spst n/o pushbutton omron b3fs-1000 tp1?p4 4 1 x 2, 0.100?spaced test points 3m 929834-02-02 u1, u2, u3 3 max1658 350ma linear regulator maxim max1658esa u4 1 maxq2000 low-power lcd micro maxim maxq2000-rax u5 1 ds1077l 3v econoscillator dallas semiconductor ds1077lz-40 u6 1 max3387e 3v rs-232 transceiver maxim max3387exug u7 1 ds2433 4kb 1-wire eeprom dallas semiconductor ds2433s u8 1 max1407 16-bit multi-adc/dac maxim max1407cai u9 1 at24c32a 1.8v i 2 c eeprom atmel at24c32an-10si-1.8 u10 1 74vhc541 octal buffer fairchild 74vhc541mtc u11 1 10-segment bar graph red led fairchild mv57164 y1 1 13.5mhz, 18pf crystal citizen hc49us13.500mabj y2, y3 2 32khz, 6pf crystals epson c-002rx32.768k-e component list?valuation kit board i button is a registered trademark of dallas semiconductor corp. econoscillator is a trademark of dallas semiconductor corp.
evaluates: maxq2000 maxq2000 evaluation kit _____________________________________________________________________ 3 detailed description this evaluation kit must be used with the following doc- uments: maxq2000 data sheet ( www.maxim-ic.com/maxq2000 ) maxq family user? guide ( www.maxim-ic.com/maxqug ) maxq family user? guide: maxq2000 supplement ( www.maxim-ic.com/maxq2k_sup ) the maxq2000 ev kit board and lcd display daughter- board are fully defined in the schematics provided in this document. however, a short description of the major components and connectors of the boards follows. power supplies there are three different ways to set up power supplies when using the maxq2000 ev kit. the two boards that require power supplies are the maxq2000 ev kit board and the serial-to-jtag interface board. the lcd daughterboard simply plugs into the maxq2000 ev kit board and does not require its own power supply. two different types of power supplies (which are not included with the maxq2000 ev kit) are required to set up the configurations listed below. 5v, ?% 300ma dc regulated supply (25mm, center-post, positive female connector) to power the serial-to-jtag interface board. 6v to 9v, 300ma dc supply (2.5mm, center-post, positive female connector) to power the maxq2000 ev kit board. running both boards from separate power supplies to run each of the boards from its own power supply, connect supplies as follows. connect a 5v, ?% regulated dc wall supply to the j2 power plug of the serial-to-jtag interface board. connect a 6v to 9v dc wall supply (center post posi- tive, at least 300ma capacity) to the j1 power plug of the maxq2000 ev kit board. note: when using two power supplies in this man- ner, the ju11 jumper on the maxq2000 ev kit board must be disconnected. running both boards from a single power supply if the serial-to-jtag interface board is being used, a single power supply can be used to power both boards as follows. connect a 5v, ?% regulated dc wall supply to the j2 power plug of the serial-to-jtag interface board. connect the jh3 jumper on the serial-to-jtag inter- face board. connect the ju11 jumper on the maxq2000 ev kit board. note: do not connect a power supply to the j1 plug on the maxq2000 ev kit when powering the boards in this manner. running the maxq2000 ev kit board from a single power supply if the maxq2000 has already been programmed using the jtag interface, it is possible to disconnect the seri- al-to-jtag board and power up the maxq2000 evaluation kit board on its own. this simply executes the previously loaded firmware, with no possibility of in- application load or debugging. connect a 6v to 9v dc wall supply (center post posi- tive, at least 300ma capacity) to the j1 power plug of the maxq2000 ev kit board. designation qty description supplier part c1?4 4 empty capacitor footprint (0805) j1 1 2 x 26, 0.1?spaced socket 3m 929975-01-26 r1?3 3 empty resistor footprint (0805) u1 1 static, 3v, 4-1/2 digit display lcd varitronix vi-502-dp-rc-s component list?cd display daughterboard
evaluates: maxq2000 internal power rails the maxq2000 ev kit board generates three internal power rails from the dc input power supply (from j1 or the serial-to-jtag board). each of these supplies may be used to support up to 100ma of additional circuitry in the prototyping area. (note: test point tp1 is board ground.) the adjustable power supply, which can be mea- sured at test point tp2, provides an adjustable volt- age between +1.8v and +3.6v. the level of this supply can be adjusted manually by turning poten- tiometer r2 with a screwdriver. the 3.6v fixed power supply can be measured at test point tp3. this voltage level can be used for v ddio or v lcd , but not v dd . the 2.5v fixed power supply can be measured at test point tp4. this voltage level can be used for v ddio , v lcd , or v dd . table 1 shows how the jumpers connect the maxq2000 power rails to the on-board power supplies. using the lcd display to use the lcd daughterboard, it should be installed on the j3 connector of the maxq2000 ev kit board. pin 1 on j3 should line up with pin 1 of the lcd daughter- board j1 connector. note that when the lcd daughter- board is installed correctly, it hangs off the top edge of the maxq2000 ev kit board. when the lcd display is in use, v lcd should be connected to +3.6v. the lcd display on the lcd daughterboard is a static, 4-1/2 digit display. figure 4 shows how the segments are mapped. if the lcd display is not needed, it can be removed to free up port pins p0.0?0.7, p1.0?1.7, p2.0?2.7, and p3.0?3.7 for other uses. additional hardware features most of the additional hardware on the maxq2000 ev kit board, such as the serial port, the max1407, and the 1-wire interface, can be enabled or disabled by setting jumpers or dip switches. disabling unused hardware frees up the associated port pins for other uses. maxq2000 evaluation kit 4 _____________________________________________________________________ jumper setting effect ju1 (no jumper) v dd is floating (drive from bench supply)* ju1 pins 1 and 2 connected v dd is driven by +2.5v fixed supply ju1 pins 2 and 3 connected v dd is driven by adjustable supply* ju2 (no jumper) v ddio is floating (drive from bench supply) ju2 pins 1 and 2 connected v ddio is driven by +3.6v fixed supply ju2 pins 2 and 3 connected v ddio is driven by adjustable supply ju3 (no jumper) v lcd is floating (drive from bench supply) ju3 pins 1 and 2 connected v lcd is driven by +3.6v fixed supply ju3 pins 2 and 3 connected v lcd is driven by adjustable supply * refer to the maxq2000 data sheet for the allowable range of the v dd supply. table 1. power-supply jumper settings
evaluates: maxq2000 maxq2000 evaluation kit _____________________________________________________________________ 5 jumper/ switch when open/off when closed/on ju4 hfxin is driven by the socketed crystal hfxin is connected to hfxadj ju5 no effect p6.0 is connected to ds1077 scl ju6 no effect p6.1 is connected to ds1077 sda sw1 #1 no effect rs-232 dtr/cts connected (loopback test) sw1 #2 no effect rs-232 rts/dsr connected (loopback test) sw1 #3 no effect rts flow control input connected to p5.2 sw1 #4 no effect serial receive connected to p7.1 (rxd0) sw1 #5 no effect dtr flow control input connected to p5.3 sw1 #6 no effect dsr flow control output connected to p6.4 sw1 #7 no effect serial transmit connected to p7.0 (txd0) sw1 #8 no effect cts flow control output connected to p6.5 ju7 no effect ds2433 data line connected to 1-wire bus ju8 no effect p6.2 (owout) connected to 1-wire bus ju9 no effect p6.3 (owin) connected to 1-wire bus ju10 no effect hfxadj is driven by ds1077l output ju11 kit board is powered from j1 supply kit board will be powered over jtag sw3 #1 no effect max1407 reset connected to p6.4 sw3 #2 no effect hfxadj is driven by max1407 fout sw3 #3 no effect max1407 cs connected to p5.4 (ssel) sw3 #4 no effect max1407 sclk connected to p5.6 (sclk) sw3 #5 no effect max1407 din connected to p5.5 (mosi) sw3 #6 no effect max1407 dout connected to p5.7 (miso) sw3 #7 no effect max1407 int connected to p6.0 sw3 #8 no effect max1407 drdy connected to p6.1 sw6 #1 no effect max1407 wu1 connected to p6.5 sw6 #2 no effect sw4 pulls p5.2 to ground when pressed (note 1) sw6 #3 no effect sw4 pulls p5.3 to ground when pressed (note 1) sw6 #4 no effect sw5 pulls p7.0 to ground when pressed (note 2) sw6 #5 no effect sw5 pulls p7.1 to ground when pressed (note 2) sw6 #6 no effect eeprom scl connected to p6.0 sw6 #7 no effect eeprom sda connected to p6.1 sw6 #8 no effect led bar graph displays port 0 logic levels table 2. other jumper and dip switch settings note 1: if both sw6 #2 and #3 are closed, p5.2 and p5.3 will be shorted together. note 2: if both sw6 #4 and #5 are closed, p7.0 and p7.1 will be shorted together.
evaluates: maxq2000 maxq2000 evaluation kit 6 _____________________________________________________________________ figure 1. maxq2000 evaluation kit setup figure 2. maxq2000 serial-to-jtag interface rs-232 interface serial-to-jtag interface adapter windows pc serial (com) port test mode select jtag/tap interface test clock test data in test data out maxq2000
evaluates: maxq2000 maxq2000 evaluation kit _____________________________________________________________________ 7 figure 3. maxq2000 evaluation kit functional layout figure 4. lcd daughterboard display memory mapping
evaluates: maxq2000 maxq2000 evaluation kit 8 _____________________________________________________________________ figure 5. maxq2000 evaluation kit power schematics?ower (1 of 6) 1 2 1 2 tp1 gnd vpin vp36 pj-002a center post postive 5-9 vdc j1 vpin gnd shdn in7 in6 in3 set out5 out4 c5 10 f 16v r4 25.5k 1% r6 13.0k 1% c3 10 f 10v tp3 +3.6v u2 in g1 g2 1 2 8 34 5 6 1 2 1 1 2 2 1 2 7 1 2 3 vdd ju1 vp25 vtest 1 2 vp25 vpin gnd shdn in7 in6 in3 set out5 out4 c6 10 f 16v r5 25.5k 1% r7 23.7k 1% c4 10 f 10v tp4 +2.5v 1 2 8 34 5 6 1 2 1 1 2 2 1 2 7 1 2 vtest vpin gnd shdn in7 in6 in3 set out5 out4 c2 10 f 16v r1 25.5k 1% r2 0....50k 1% r3 13.0k 1% c1 10 f 10v tp2 +2.5v 1 1 2 8 34 5 6 1 2 1 1 12 2 3 3 1 2 7 2 2 vddio ju2 vp36 vtest vlcd 1 3 2 ju3 vp36 vtest 1 3 2 max1658 u1 max1658 u3 max1658
evaluates: maxq2000 maxq2000 evaluation kit _____________________________________________________________________ 9 figure 5. maxq2000 evaluation kit power schematics?rocessor (2 of 6) p13 vdd c8 100nf 10v c24 100nf 10v vddio vdd vddio vddio ju4 hfxadj p7[1:0] vlcd vlcd1 vlcd2 vadj p6[5:0] p5[7:2] scl_60 r21 empty 1 1 2 2 2 sda_61 vdd maxq2000 p14 p15 p16 p17 p20 p21 p22 p23 p24 p25 p26 p27 p14_seg12 p15_seg13 p16_seg14 p17_seg15 p20_seg16 p21_seg17 p22_seg18 p23_seg19 p24_seg20 p25_seg21 p26_seg22 p27_seg23 p30_seg24 p31_seg25 p32_seg26 p33_seg27 1 49 u4 2 1 2 1 2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 gnda gndb 28 p2[7:0] p1[7:0] p0[7:0] p3[7:0] seg32 seg33 seg34 seg35 com0 p4[3:0] reset 42 c7 100nf 10v 8 3 4 7 6 5 vcc x1 x2 vbck gnd sqw scl sda p13_seg11 p65_to p64_t0b p63_t2_owin p62_t2b_owout p61_t1 p60_t1b p57_miso p56_sclk p55_mosi p54_ss p53_txd1 p52_rxd1 32kin 32kout hfxout vddio hfxin 48 47 46 45 44 43 41 40 39 38 37 36 34 35 p65 p64 p63 p62 p61 p60 p57 p56 p55 p54 p53 p52 y2 32.768khz y4 32.768khz y1 16mhz socketed 50 27 2 1 c9 10pf 2 1 c10 10pf 2 1 2 1 2 1 1 51 p11_seg9 p10_seg8 p07_seg7 p06_seg6 p05_seg5 p04_seg4 p03_seg3 p02_seg2 p01_seg1 p00_seg0 vadj vlcd2 vlcd1 vlcd p71_rxd0 p70_txd0 p12_seg10 p35_seg29 p36_seg30 p37_seg31 seg32 com3_seg33 com2_seg34 com1_seg35 com10 p40_tck p41_tdi p42_tms p43_tdo reset p34_seg28 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 18 19 20 21 22 23 24 25 26 29 30 31 32 33 p34 p35 p36 p37 p30 p31 p32 p33 p40 p41 p42 p43 p12 p11 p10 p07 p06 p05 p04 p03 p02 p01 p00 p71 p70 ds1339u-33 u12
evaluates: maxq2000 maxq2000 evaluation kit 10 ____________________________________________________________________ figure 5. maxq2000 evaluation kit power schematics?ce interface/header (3 of 6) p2[7:0] p3[7:0] p1[7:0] vddio p0[7:0] p7[1:0] p6[5:0] reset p5[7:2] vlcd vlcd2 vlcd1 vadj vddio j2 p4[3:0] seg32 seg33 seg34 seg35 p13 1 9 7 5 3 1 p14 p15 p16 p17 p20 p21 p22 p23 p24 p25 p26 p27 p30 p32 p33 p34 p35 p36 p37 p40 61 63 65 67 69 71 p41 p42 p43 header 2 x 36 p31 11 13 15 17 19 21 23 25 27 29 31 33 35 39 41 43 45 47 49 51 53 55 57 59 37 com0 10 8 6 4 p12 p11 2 62 64 66 68 70 72 p52 12 14 16 18 20 22 24 26 28 30 32 p10 p07 p06 p05 p04 p03 p02 p01 p00 34 36 40 42 44 46 48 50 52 54 56 58 60 p54 p53 p71 p70 p65 p64 p63 p62 p61 p60 p57 p56 p55 38
evaluates: maxq2000 maxq2000 evaluation kit ____________________________________________________________________ 11 figure 5. maxq2000 evaluation kit power schematics?cd/clock/jtag (4 of 6) seg32 seg33 seg34 seg35 header 2 x 26 ds1077lz-40 u5 vpin header 2 x 5 (jtag) qtdi p40 p43 p42 p41 qtck qtdo qtms 9 7 1 1 2 3 5 10 8 2 4 6 tms key tdi tdo tck vcc out1 out0 gnd scl sda ctrl1 ctrl0 rst vcc5 gnd vref gnd ju11 ju10 reset hfxadj vddio vddio vddio r15 10k 1 1 1 1 2 c11 100nf 10v 2 3 1 2 4 8 7 6 5 2 1 1 2 2 2 r14 10k scl_60 scl_61 ju5 ju6 p60 p61 vddio j4 com0 p13 p14 p15 p16 p17 p20 p21 p22 p23 p24 p25 p12 p11 p10 p07 p06 p05 p04 p03 p02 p01 p00 p26 p27 p30 p31 p32 p33 p34 p35 p36 p37 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 47 49 51 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 p0[7:0] vadj vlcd2 vlcd1 vlcd 48 50 52 p3[7:0] p2[7:0] p1[7:0] j3
evaluates: maxq2000 maxq2000 evaluation kit 12 ____________________________________________________________________ figure 5. maxq2000 evaluation kit power schematics?erial/1-wire (5 of 6) 5 9 4 8 3 7 2 6 p52 p71 p53 p64 p70 p65 1 2 c16 100nf 10v 1 1 1 2 ju7 j6 ds9094 data gnd 1 1 2 ju8 ju9 2 p62 p63 nc1 nc2 data gnd nc8 nc7 nc6 nc5 u7 ds2433s 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 c14 100nf 10v 1 2 1 vddio vp36 c13 100nf 10v c15 100nf 10v rts0 dtr0_232 j5 db9 female connector cts0_232 rxd0_232 rts0_232 txd0_232 dsr0_232 vddio vddio r13 1k r8 0..10k 2 1 2 1 sw1 dip sw x 8 rxd0 dtr0 dsr0 txd0 cts0 u6 15 vl forceoff c1+ c1- t1in t2in t3in r1out r2out r3out v+ invalid forceon vcc c2+ c2- t1out t2out t3out r1in r2in r3in v- gnd 24 24 1 2 1 2 5 4 21 20 19 18 17 16 6 22 1 3 7 8 10 14 13 12 2 9 11 2 c12 100nf 10v max3387exug
evaluates: maxq2000 maxq2000 evaluation kit ____________________________________________________________________ 13 figure 5. maxq2000 evaluation kit power schematics?ax1407 (6 of 6) p64 sw3 dip sw x 8 p54 p56 p55 p57 p60 p61 hfxadj 1 3 4 5 6 7 8 2 16 1 2 1 2 r16 10k r17 10k vddio vddio u8 r18 10k 1 2 1 y3 32.768khz 2 26 12 dvdd reset fout cs sclk din dout int drdy clkn clkout shdn 8 9 1 j7 4 1 2 3 4 1 2 3 2 r9 1k sw2 reset pb1 sw4 b3fs-1000 b3fs-1000 4 1 2 3 pb2 sw5 b3fs-1000 vddio vddio vddio vddio c19 10 f 10v c23 100nf 10v c22 100nf 10v c21 100nf 10v c20 100nf 10v r10 1k 2 1 1 header 1 x 8 2 1 2 c17 18nf 10v c18 4.7 f 10v 5 13 14 27 4 3 28 1 1 2 3 4 5 6 7 8 6 7 25 d0 wu1 wu2 r19 10k pb1 sw6 dip sw x 8 u10 vddio 74lvx541mtc 16 15 14 13 12 11 10 9 1 p65 p52 p53 p70 p71 p60 p61 p00 r12 1k p01 p02 p03 p04 p05 p06 p07 2 3 4 5 6 7 8 pb2 r20 10k avdd cpll in0 in1 in2 in3 fb1 out2 fb2 ref out1 agnd dgnd 17 24 23 22 21 20 16 19 18 15 2 10 11 14 13 12 11 10 9 15 r11 1k 2 1 2 1 2 1 2 1 2 1 2 1 1 1 2 2 1 2 1 3 4 5 6 7 8 9 10 20 vddio u11 mv57164 19 18 17 16 15 14 13 12 11 20 oe1 in0 in1 in2 in3 in4 in5 in6 in7 oe2 vcc out0 out1 out2 out3 out4 out5 out6 out7 gnd 18 17 16 15 14 13 12 11 10 1 1 2 2 3 4 5 6 7 8 9 19 1 2 3 4 5 6 7 8 9 10 rn1 1k x 9 2 3 4 vcc wp scl sda a0 a1 a2 gnd 8 u9 at24c32a 1.8v 1 2 c eeprom 7 6 5 max1407cai
evaluates: maxq2000 maxq2000 evaluation kit 14 ____________________________________________________________________ seg11_p13 seg12_p14 seg13_p15 seg14_p16 seg15_p17 seg16_p20 seg17_p21 seg18_p22 seg19_p23 seg20_p24 seg21_p25 seg22_p26 seg23_p27 seg24_p30 seg25_p31 seg10_p12 j1 u1 vi-502-dp header 2 x 26 seg9_p11 seg8_p10 seg7_p07 seg6_p06 seg5_p05 seg4_p04 seg3_p03 seg2_p02 seg1_p01 seg0_p00 vadj vlcd2 vlcd1 vlcd seg26_p32 seg27_p33 seg28_p34 seg29_p35 seg30_p36 seg31_p37 seg32 seg33 seg34 seg35 com0 com0 seg35 seg34 seg31_p37 seg28_p34 seg27_p33 seg26_p32 seg23_p27 seg20_p24 seg19_p23 seg18_p22 seg15_p17 seg12_p14 seg11_p13 seg10_p12 seg7_p07 seg4_p04 seg3_p03 seg2_p02 seg1_p01 seg0_p00 seg5_p05 seg6_p06 seg9_p11 seg8_p10 seg13_p15 seg14_p16 seg32 seg17_p21 seg16_p20 seg21_p25 seg22_p26 seg33 seg25_p31 seg24_p30 seg29_p35 seg30_p36 com1 seg2 seg3 seg4 seg5 seg6 seg7 seg8 seg9 seg10 seg11 seg12 seg13 seg14 seg15 seg16 seg17 seg18 seg19 seg20 seg21 seg22 seg23 seg24 seg25 seg26 seg27 seg28 seg29 seg30 seg31 seg32 seg33 seg34 seg35 seg36 seg37 seg38 seg39 com40 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 1 vlcd vlcd1 vlcd2 vadj com0 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 47 49 51 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 c1 empty 1 2 c2 empty r1 empty 1 1 2 2 c3 empty 1 2 c4 empty 1 2 r2 empty 1 2 r3 empty 1 2 figure 6. maxq2000 evaluation kit lcd daughterboard schematic
evaluates: maxq2000 maxq2000 evaluation kit maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ____________________ 15 2005 maxim integrated products is a registered trademark of maxim integrated products, inc. is a registered trademark of dallas semiconductor corporation. tck tms tdi sda scl sda scl tdo reset vtref nrst v50 v50 v50 v50 vcc v50 v50 v50 v50 vcc v50 v50 vcc v50 v50 vcc v50 place either: a) c7+c8+y1 or b) u7+r6 not both! tms tdi tdo tck jtag interface async se rial interface 5vdc +- 5% short to use dtr open = reset short = loader avail able '430 i/o tms tdi tdo tck /enable spread emi option crystal option c19 100nf c9 22pf c5 100nf jh3 2 pin 1 2 c13 100nf c21 47pf u4 max203ecwp vcc 7 t1out 5 t2out 18 r1in 4 r2in 19 c2+ 12 c2b+ 15 c2- 16 c2b- 11 t1in 2 t2in 1 r1out 3 r2out 20 c1+ 13 c1- 14 v- 10 vb- 17 v+ 8 gnda 6 gndb 9 c14 3.3uf c16 10nf u7 ds1086 out 1 sprd 2 vcc 3 gnd 4 oe 5 npd 6 sda 7 scl 8 c18 100nf r9 47k fb8 bead c9 10nf fb2 bead j1 db9female 5 9 4 8 3 7 2 6 1 u6d 74vhc125 10 9 8 14 7 u3 ds89c430-enl rst 4 gnd 16 gnd 17 psen 26 ale 27 ea 29 gnd 39 p0.0/ad0 37 p0.1/ad1 36 p0.2/ad2 35 p0.3/ad3 34 p0.4/ad4 33 p0.5/ad5 32 p0.6/ad6 31 p0.7/ad7 30 p1.0/t2 40 p1.1/t2ex 41 p1.2 42 p1.3 43 p1.4 44 p1.5 1 p1.6 2 p1.7 3 p2.0/a8 18 p2.1/a9 19 p2.2/a10 20 p2.3/a11 21 p2.4/a12 22 p2.5/a13 23 p2.6/a14 24 p2.7/a15 25 p3.0/rxd 5 p3.1/txd 7 p3.2/int0 8 p3.3/int1 9 p3.4/t0 10 p3.5/t1 11 p3.6/wr 12 p3.7/rd 13 xtal1 15 xtal2 14 vcc 38 gnd 28 vcc 6 r1 47 j2 coaxial power jack 1 1 2 2 3 3 r6 0 c11 100nf r13 1.0k u6b 74vhc125 4 5 6 c12 10nf f1 500 ma r8 47k r12 47 u1 max9140euk-t out 1 gnd 2 in+ 3 in- 4 vdd 5 c15 100nf c1 100nf jh1 2-pin 1 2 p2 5x2 1 2 3 4 5 6 7 8 9 10 r7 2.2k c3 100nf fb10 bead fb3 bead jh2 2-pin 1 2 fb6 bead d2 1n5819 r14 3.3k fb9 bead q1 2n7002 r2 47 u6c 74vhc125 13 12 11 fb1 bead r4 47 d1 1n5908 c2 10nf r11 10k u5 max4619cue y1 1 y0 2 z1 3 z 4 z0 5 en 6 nc 7 gnd 8 c 9 b 10 a 11 x0 12 x1 13 x 14 y 15 vcc 16 fb7 bead u2 max3204eet io1 1 io2 2 gnd 3 io3 4 io4 5 vcc 6 c6 100nf c20 3.3uf fb4 bead r15 10 c8 22pf c4 100nf r5 68k c17 100nf u6a 74vhc125 1 2 3 ds1 led r10 820 r3 47 p3 3-pin male 1 1 2 2 3 3 y1 7.3728mhz p1 24 pin dual row (12x2) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 c10 100nf fb5 bead figure 7. maxq2000 evaluation kit jtag board schematic


▲Up To Search▲   

 
Price & Availability of MAXQ2000-KIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X