Part Number Hot Search : 
T2D10 UR2KB80 AD9100JD AN1535 2SK41 YDC10 LA4138 DG211CUE
Product Description
Full Text Search
 

To Download MAX6683EVCMODU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max6683 evaluation system (ev system) consists of a max6683 evaluation kit (ev kit) and a companion maxim cmodusb board. the max6683 ev kit is an assembled and tested print- ed circuit board (pcb) that demonstrates the max6683 temperature sensor and system monitor. the max6683 monitors temperature, supply voltage, and the voltage of three external supplies. temperature is converted to 11-bit serial data and voltage to 8-bit data. the cmodusb allows a pc to use its usb port to emu- late an intel smbus. windows 98se/2000/xp-compati- ble software provides a user-friendly interface to exercise the features of the max6683. the program is menu driven and offers a graphic interface with control buttons and status display. order the ev system (MAX6683EVCMODU) for a com- plete pc-based evaluation of the max6683. order just the ev kit (max6683evkit) if you already have an smbus interface. to evaluate the max6652, order a free sample of the max6652aub. features ? measure and display the max6683 temperature ? monitor four voltage channels three external (1.8v, 2.5v, and 5v nominal) v cc pin (3.3v nominal) ? programmable alarms and configuration ? smbus/i 2 c compatible ? easy-to-use menu-driven software ? fully assembled and tested ? include windows 98se/2000/xp-compatible software and demo pcb ? ev system includes usb connectivity evaluate: max6652/max6683 max6683 evaluation system/evaluation kit ________________________________________________________________ maxim integrated products 1 designation qty description c1, c2 2 0.1?, 16v x 7r cer am i c cap aci tor s tai yo y ud en e m k107bj104ka m ur ata grm 188r71c 104ka01 td k c 1608x 7r1c 104k c3 1 2.2f, 16v x 7r cer am i c cap aci tor tai yo y ud en e m k316bj225m l m ur ata grm 42- 6x 7r225k016 td k c 3216x 7r1c 225m j1 1 2 ? 10 right-angle female ju1 1 2 ? 4 straight header ju2 0 not installed r1, r2, r3 3 10k ? ?% resistors r4 1 470k ? ?% resistor sw1 1 slide switch u1 1 max6683aub u2 1 max1615euk 1 shunt for ju1 1 pcb: max6683 evaluation kit component lists max6683 ev system max6683 ev kit ordering information 19-2343; rev 1; 3/07 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. note: the max6683 ev kit software is provided with the max6683evkit. however, the cmodusb board is required to interface the ev kit to the computer when using the software. part temp range interface type max6683evkit 0? to +70? not included MAX6683EVCMODU 0? to +70? cmodusb smbus is a trademark of intel corp. windows is a registered trademark of microsoft corp. + denotes lead-free and rohs compliance. part qty description max6683evkit 1 max6683 evaluation kit cmodusb+ 1 serial interface board
evaluate: max6652/max6683 quick start recommended equipment max6683 ev system max6683 ev kit maxim cmodusb interface board usb cable (included with the cmodusb) a user-supplied windows 98se/2000/xp pc with spare usb port 3.3v power supply for vcc 1.8v power supply* 2.5v power supply* 5v power supply* note: in the following sections, software-related items are identified by bolding. text in bold refers to items directly from the ev kit software. text in bold and under - lined refers to items from the windows 98se/2000/xp operating system. procedure the max6683 ev kit is fully assembled and tested. follow the steps below to verify board operation. caution: do not turn on the power supplies until all connections are completed. 1) visit the maxim website (www.maxim-ic.com/evkit- software) to download the latest version of the ev kit software, 6683rxx.zip. 2) install the max6683 ev kit software on your com- puter by running the install.exe program. the program files are copied and icons are created in the windows start menu. 3) carefully connect the boards by aligning the 20-pin connector of the max6683 ev kit with the 20-pin header of the cmodusb interface board. gently press them together. 4) ensure that a shunt is on pins 1-2 of jumper ju4. do not turn on the power until all connections are made. 5) connect the 3.3v power supply to the vcc and gnd pads. 6) connect the 1.8v nominal power supply to the 1.8 vin and gnd pads. 7) connect the 2.5v nominal power supply to the 2.5 vin and gnd pads. 8) connect the 5v nominal power supply to the 5 vin and gnd pads. 9) connect the usb cable from the pc to the cmodusb board. a building driver database window pops up in addition to a new hardware found message. if you do not see a window that is similar to the one described above after 30 seconds, remove the usb cable from the cmodusb and reconnect it. administrator privileges are required to install the usb device driver on windows 98se/2000/xp. refer to the troubleshooting_usb.pdf document in- cluded with the software if you have any problems during this step. 10) follow the directions of the add new hardware wizard to install the usb device driver. choose the search for the best driver for your device option. specify the location of the device driver to be c:\program files\max6683 (or the directory cho- sen during installation) using the browse button. 11) turn on the power supplies. 12) turn on the ev kit by moving sw1 to the on posi- tion. 13) start the max6683 ev kit software by clicking on its icon in the start menu. 14) wait until the program automatically detects the address of the max6683 and displays the user- interface panel (figure 1). 15) select the configuration tab on the panel (figure 2). uncheck the interrupt clear checkbox. 16) check the start checkbox. 17) verify that the internal temperature displayed on the user-interface panel is not 0.000 c. max6683 evaluation system/evaluation kit 2 _______________________________________________________________________________________ supplier phone fax website murata mfg. co., ltd. 770-436-1300 770-436-3030 www.murata.com taiyo yuden 800-348-2496 847-925-0899 www.t-yuden.com tdk corp. 847-803-6100 847-390-4405 www.component.tdk.com component suppliers note: indicate that you are using the max6683 when contacting these component suppliers. * these supplies are optional; however, if different nominal supplies are used, appropriate threshold values should be programmed .
evaluate: max6652/max6683 max6683 evaluation system/evaluation kit _______________________________________________________________________________________ 3 figure 1. max6683 ev kit user-interface panel
evaluate: max6652/max6683 max6683 evaluation system/evaluation kit 4 _______________________________________________________________________________________ figure 2. max6683 ev kit configuration display
evaluate: max6652/max6683 max6683 evaluation system/evaluation kit _______________________________________________________________________________________ 5 5 ____________________________________________________________________________________ detailed description user-interface panel the user interface is easy to operate using the mouse, or by using the tab key to navigate with the arrow keys. the checkboxes, edit fields, and radio buttons corre- spond to bits in the internal registers. by clicking on them, the correct smbus write operation is generated to update the registers. the program monitors for an alert interrupt and continu- ally polls the device for new temperature, voltage, and status data. to disable the continuous polling of data, uncheck the automatic read checkbox. to change the temperature or voltage threshold comparison regis- ters, select the appropriate data field and type in the new value. pressing enter, after typing in the new val- ues, updates the internal registers. the message alert appears whenever an interrupt condition occurs. to clear the interrupt, first eliminate the condition that caused it and then click on read status . simple smbus commands there are two methods for communicating with the max6683: through the normal user-interface panel or through the smbus commands available from pressing the maxsmbus.. button. a display appears that allows the smbus protocols, such as read byte and write byte, to be executed. to stop normal user-interface execution so that it does not override the manually set values, turn off the update timer that slaves the pro- gram to the conversion rate by unchecking the automatic read checkbox. the smbus dialog boxes accept numeric data in bina- ry, decimal, or hexadecimal. hexadecimal numbers should be prefixed by $ or 0x. binary numbers must be exactly eight digits. note: in places where the slave address asks for an 8- bit value, it must be the 7-bit slave address of the max6683 as determined by the address pin (add) with the last bit set to 1 for a read operation and 0 for a write. data logging check the data logging checkbox to activate data logging. data logging saves temperature, voltage, and status data to a text file that includes a time/date stamp next to each data point. if automatic read is enabled, data is sampled at 2hz; however, the data is logged to the file only if the temperature, voltage, or status change. this slows the growth of the data-logging file. when automatic read is disabled, the data is logged each time the read all button is clicked. to stop data logging, uncheck the data logging checkbox. jumper and switch settings jumper 1 (ju1) sets the max6683 slave address. the default address is 0010 101 (add = vcc); see table 1 for a complete list of addresses. the slide switch, sw1, provides a means to force a reset. this switch disables power to the device. evaluating the max6652 the max6683 ev kit can also evaluate the max6652. remove the max6683 from the board and install the max6652. the max6652 and max6683 monitor different voltages. see table 2. when evaluating the max6652 with the max6683 soft- ware, the voltages displayed for the supply voltage (v cc ), the 1.8v nominal voltage, and the 5v nominal voltage are incorrect. however, the adc output code, shown in parentheses next to the voltage, is correct. use the equa- tions shown below to calculate the actual voltages: . v v adc output code voltage on pin v adc output code voltage on pin v adc output code cc = = = 5 192 1 12 192 3 33 192 table 2. voltage monitor differences between max6652 and max6683 shunt location add connection max6683 address 0x28 to gnd 0010 100y 0x2a to vcc 0010 101y 0x2c to sda 0010 110y 0x2e to scl 0010 111y table 1. ju1 shunt settings for smbus address note: the first 7 bits shown are the address. y (bit 0) is the smbus read/write bit. this bit is a 1 for a read operation and zero for a write. pin max6652 (v) max6683 (v) 10 (v cc ) 5 3.3 1 12 1.8 3 3.3 5
evaluate: max6652/max6683 max6683 evaluation system/evaluation kit 6 _______________________________________________________________________________________ j1-2 j1-4 j1-6 j1-8 j1-10 j1-12 j1-14 j1-3 j1-1 sda j1-7 scl header?0 pin n.c. j1-9 n.c. j1-13 n.c. j1-15 n.c. j1-17 j1-20 n.c. gnd n.c. add sw1 vcc sda sda scl vcc ju1 sda alert ju2 cut here vcc gnd r3 10k ? 5v 1 3 5 6 7 4 3 5 vin 2 u1 max6683 2 2.5 vin 1 1.8 vin 1.8 vin 2.5 vin 5 vin 7 5 3 1 8 6 4 2 alert r2 10k ? 5v 8 sda scl scl r1 10k ? r4 470k ? c1 0.1 f 5v 8 10 vcc scl gnd gnd out in 5 1 2 4 u2 max1615 3 shdn 5/3 (fb) j1-16 j1-18 j1-5 j1-19 j1-11 alert 5v 5v c3 2.2 f c2 0.1 f vcc figure 3. max6683 ev kit schematic
evaluate: max6652/max6683 max6683 evaluation system/evaluation kit _______________________________________________________________________________________ 7 figure 4. max6683 ev kit component placement guide component side figure 5. max6683 ev kit pcb layout?omponent side
evaluate: max6652/max6683 max6683 evaluation system/evaluation kit maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 8 _____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2007 maxim integrated products is a registered trademark of maxim integrated products, inc. figure 6. max6683 ev kit pcb layout?older side revision history pages changed at rev 1: 1?, 7, 8


▲Up To Search▲   

 
Price & Availability of MAX6683EVCMODU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X