Part Number Hot Search : 
000X1 MAX8724 A816ERW H1086 RGC10DH A1193 STK2240 OZ811
Product Description
Full Text Search
 

To Download KU2303K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2009. 7. 30 1/4 semiconductor technical data KU2303K n-ch trench mosfet revision no : 0 general description this trench mosfet has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. it is mainly suitable for dc/dc converter. features v dss =30v, i d =66a. low drain to source on-state resistance. : r ds(on) =7.4m ? (max.) @ v gs =10v : r ds(on) =13.8m ? (max.) @ v gs =4.5v maximum rating (ta=25 unless otherwise noted) psop-8 dim millimeters a b d d1 c e e1 e2 1,2,3 : source 4 : gate 5,6,7,8 : drain h d e b e l1 e1 he2 k l d1 e 0.41+0.10/-0.08 1.27 bsc 1.10 min 3.81+0.15/-0.20 k l l1 1.00 0.10 + _ 0.25 0.05 + _ 4.90 0.10 + _ 6.00 0.10 + _ 5.75 0.05 + _ 3.58 0.20 + _ 0.51 0.10 + _ 0.61 0.10 + _ 0.13 0.07 + _ a c 0 ~ 12 5 8 4 1 8 5 1 4 note 1) r thjc means that the infinite heat sink is mounted. note 2) surface mounted on 1 ? 1 ? pad of 2 oz copper. note 3) l=29.8 h, i as =66a, v dd =15v, v gs =10v, starting t j =25 characteristic symbol rating unit drain to source voltage v dss 30 v gate to source voltage v gss 20 v drain current dc@t c =25 (note1) i d 66 a pulsed (note2) i dp 264 single pulsed avalanche energy (note3) e as 130 mj drain power dissipation @t c =25 (note1) p d 54 w @ta=25 (note2) 2.5 maximum junction temperature t j 150 storage temperature range t stg -55 150 thermal resistance, junction to case (note1) r thjc 2.3 /w thermal resistance, junction to ambient (note2) r thja 50 /w pin connection (top view) d dddd sssg d d d s s s g marking ku2303 k type name lot no
2009. 7. 30 2/4 KU2303K revision no : 0 electrical characteristics (ta=25 ) characteristic symbol test condition min. typ. max. unit static drain to source breakdown voltage bv dss v gs =0v, i d =250 a 30 - - v drain cut-off current i dss v gs =0v, v ds =30v - - 1 a gate to source leakage current i gss v gs = 20v, v ds =0v - - 100 na gate to source threshold voltage v th v ds =v gs, i d =250 a 1.0 - 3.0 v drain to source on resistance r ds(on) v gs =10v, i d =20a (note4) - 6.2 7.4 m ? v gs =4.5v, i d =20a (note4) - 11.5 13.8 forward transconductance g fs v ds =5v, i d =20a (note4) - 48 - s dynamic input capacitance c iss v ds =15v, f=1mhz, v gs =0v - 937 - pf ouput capacitance c oss - 311 - reverse transfer capacitance c rss - 154 - gate resistance r g f=1mhz - 1.3 - ? total gate charge v gs =10v q g v ds =15v, v gs =10v, i d =20a (note4) - 18.4 - nc v gs =4.5v q g - 9.6 - gate to source charge q gs - 3.1 - gate to drain charge q gd - 5.0 - turn-on delay time t d(on) v dd =15v, v gs =10v i d =20a, r g =1.6 (note4) - 6.2 - ns turn-on rise time t r - 7.1 - turn-off delay time t d(off) - 20.1 - turn-off fall time t f - 5.9 - source to drain diode ratings source to drain forward voltage v sd v gs =0v, i s =20a (note4) - 0.8 1.2 v reverse recovery time t rr i s =20a, di/dt=100a/ s (note4) - 18.0 - ns reverse recovered charge q rr i s =20a, di/dt=100a/ s (note4) - 7.5 - nc note 4) pulse test : pulse width <300 , duty cycle < 2%
2009. 7. 30 3/4 KU2303K revision no : 0 0 12 16 4 8 20 100 0110 drain current i d (a) drain to source on resistance r ds(on) (m ? ) fig2. r ds(on) - i d gate to source voltage v gs (v) 20 60 0 40 100 80 34 012 6 5 fig3. i d - v gs drain current i d (a) fig4. r ds(on) - t j -75 -50 -25 25 50 75 175 150 125 100 0 normalized gate to source threshold voltage fig5. v th - t j -75 -50 -25 0.4 0.6 0.2 1.6 0.8 1.0 1.4 1.2 0.6 0.8 0.2 0.4 1.0 1.2 1.8 1.4 1.6 050100 25 175 150 125 75 normalized on resistance r ds(on) junction temperature tj ( ) c junction temperature tj ( ) c v ds = v gs, i d = 250 a v ds = 5v t j =25 c t j =-55 c t j =150 c v gs =10v, i d =20a v gs =4.5v, i d =20a v gs =4.5v v gs =10v fig6. i s - v sd reverse drain current i s (a) 10 -1 10 0 10 1 10 2 10 3 0.6 1.2 1.0 0.4 0.8 0.2 source to drain voltage v sd (v) t j =25 c t j =-55 c t j =150 c fig1. i d - v ds drain to source voltage v ds (v) 0 0.5 1.0 1.5 0 40 80 20 60 100 2.5 2.0 3.0 drain current i d (a) 4.0v 3.5v 3.0v 4.5v 5.0v v gs =10v
2009. 7. 30 4/4 KU2303K revision no : 0 drain to source voltage v ds (v) capacitance c (pf) fig8. c - v ds 25 10 15 05 20 30 10 1 10 2 10 4 10 3 gate to charge q g (nc) 0 10 6 2 4 8 20 51015 025 fig9. q g - v gs gate to source voltage v gs (v) v ds = 15v, i d = 20a gate to source voltage v gs (v) fig7. r ds(on) - v gs 6 024 8 12 10 0 5 25 15 20 10 drain to source on resistance r ds(on) (m ? ) t j =150 c i d =20a f=1mhz t j =25 c drain current i d (a) drain to source voltage v ds (v) fig10. safe operation area r d s (o n ) limit square wave pulse duration t w (sec) 10 1 10 0 10 1 10 -3 10 -2 10 -1 1 10 -4 fig11. transient thermal response curve 10 -1 10 -2 normalized effective transient thermal resistance t 1 t 2 p dm r thjc =2.3 c/w 0.02 0.1 0.01 0.2 0.5 0.05 v gs = 10v single pulse t c = 25 c 10 -2 10 -1 10 -1 10 0 10 0 10 1 10 1 10 2 10 2 10 3 single pulse c oss c rss c iss dc 10ms 1ms 100us


▲Up To Search▲   

 
Price & Availability of KU2303K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X