Part Number Hot Search : 
2SD781 SD04H0B C104F B39162B 2SD781 HER203G WP710 66A35
Product Description
Full Text Search
 

To Download K1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification date 06/04/2012 no.60p00075 cosmo electronics corporation photocoupler K1010 sheet 1 of 6 rev. 6 high reliability photocoupler z features 1. current transfer ratio ( ctr min. 50% at if=5ma v ce =5v ) 2. high isolation voltage between input and output ( viso 5000vrms ) 3. compact dual-in-line package. 4. pb free and rohs compliant. 5. agency approvals ? ul ul1577 / cul c22.2 no.1 & ntc no.5, file no. e169586 ? vde en60747, file no.101347 ? fimko en60065, file no.fi23149 ? fimko en60950, file no.fi24584 ? semko en60065, file no.1016484 ? semko en60950, file no.1016433 ? cqc gb4943 / gb8898, f ile no.cqc10001049555/cqc08001023986 z application 1. registers, copies, aut omatic vending machines. 2. system appliances, measuring instruments. 3. computer terminals, programmable controllers. 4. communications, telephone, etc. 5. electric home appliances, such as oil fan heaters, microwave oven, washer, refrigerator, air conditioner, etc. 6. medical instruments, physical and chemical equipment. 7. signal transmission between circuits of different potentials and impedances. 8. facsimile equipment, audio, video. 9. switching power supply, laser beam printer.
product specification date 06/04/2012 no.60p00075 cosmo electronics corporation photocoupler K1010 sheet 2 of 6 rev. 6 z outside dimension unit ( mm ) 0.40 3.00 2.70 13.00 0.25 13.00 1.20 0.50 2.54 7.62 6.50 3.50 4.60 cosmo 1010 817 xxx data code ctr rank tolerance 0.2mm z schematic top view 2 3 5 4 1. anode 2. cathode 3. emitter 4. collector
product specification date 06/04/2012 no.60p00075 cosmo electronics corporation photocoupler K1010 sheet 3 of 6 rev. 6 z absolute maximum ratings parameter symbol rating unit forward current i f 50 ma peak forward current i fm 1 a reverse voltage v r 6 v input power dissipation p d 70 mw collector-emitter voltage v ceo 80 v emitter-collector voltage v eco 6 v collector current i c 50 ma collector power dissipation p c 150 mw output junction temperature tj 125 total power dissipation p tot 200 mw isolation voltage 1 minute v iso 5000 vrms operating temperature t opr -55 to +115 storage temperature t stg -55 to +125 soldering temperature 10 second t sol 260 z electro-optical characteristics parameter symbol conditions min. typ. max. unit forward voltage v f i f =20ma - 1.2 1.4 v peak forward voltage v fm i fm =0.5a - - 3.0 v reverse current i r v r =4v - - 10 a input terminal capacitance c t v=0, f=1khz - 30 - pf output collector dark current i ceo v ce =20v - - 0.1 a current transfer ratio ctr i f =5ma, v ce =5v 50 - 600 % collector-emitter saturation v ce(sat) i f =20ma, i c =1ma - 0.1 0.2 v isolation resistance r iso dc500v 5x10 10 10 11 - floating capacitance c f v=0, f=1mhz - 0.6 1.0 pf cut-off frequency f c v cc =5v, i c =2ma, r l =100 - 80 - khz response time ( rise ) t r - 4 18 s transfer charac- teristics response time ( fall ) t f v ce =2v, i c =2ma, r l =100 - 3 18 s
product specification date 06/04/2012 no.60p00075 cosmo electronics corporation photocoupler K1010 sheet 4 of 6 rev. 6 fig.1 current transfer ratio vs. forward current current transfer ratio ctr ( % ) 1 2 5 2 0 5 0 0 5 0 1 0 0 1 5 0 2 0 0 2 5 0 3 0 0 3 5 0 4 0 0 4 5 0 5 0 0 t a = 2 5 0 1 0 v c e = 5 v classification table of current transfer ratio is shown below. model no. ctr ( % ) K10101a 80 ~ 160 K10101b 130 ~ 260 K10101c 200 ~ 400 K10101d 300 ~ 600 K10101e 50 ~ 600 forward current i f (ma) fig.2 collector power dissipation vs. ambient temperature fig.3 collector dark current vs. ambient temperature collector power dissipation p c ( mw ) 25 0 -55 50 0 100 125 75 50 200 150 250 115 collector dark current i ceo ( a ) -8 10 0 25 10 -11 10 -10 -9 10 vce=20v 10 -7 10 -6 10 -5 75 50 115 -55 ambient temperature ta ( ) ambient temperature ta ( ) fig.4 forward current vs. ambient temperature fig.5 forward current vs. forward voltage forward current i f ( ma ) 60 10 -55 0 20 025 30 40 50 50 75 115 125 forward current i f ( ma ) 1.8 -25 1.6 1.2 1.0 1.4 ta=75 50 c c 2.4 2.0 2.2 c c 25 c 0 500 20 1 2 5 10 100 50 200 ambient temperature ta ( ) forward voltage v f (v)
product specification date 06/04/2012 no.60p00075 cosmo electronics corporation photocoupler K1010 sheet 5 of 6 rev. 6 fig.6 collector current vs. collector-emitter voltage fig.7 relative current transfer ratio vs. ambient temperature collector current i c (ma) 0 01 5 10 234 6 57 5ma 9 8 20ma 20 15 25 30 ta=25 10ma c if=30ma relative current transfer ratio ( % ) -55 0 -25 50 25 50 115 75 if=5ma vce=5v 150 100 0 collector-emitter voltage v ce (v) ambient temperature ta ( ) fig.8 collector-emitter saturation voltage vs. ambient temperature fig.9 collector-emitter saturation voltage vs. forward current collector-emitter saturation voltage v ce ( v ) 0 050 25 75 115 ic=1ma 0.02 0.04 0.06 0.10 0.08 0.12 0.16 0.14 if=20ma -55 collector-emitter saturation voltage v ce ( v ) 5 0 10 c ta=25 ic=7m a ic=5m a ic=3ma ic=1m a ic=0.5ma 0 1 3 2 5 4 6 7 ambient temperature ta ( ) forward current i f (ma) fig.10 response time vs. load resistance fig.11 response time vs. load resistance response rise time ( us ) 10 1 0.1 tr 0.5 0.2 0.1 1 2 5 10 20 100 50 ic= 2m a vce=2v c ta=25 response fall time ( us ) 10 0.1 1 0.1 0.2 1 0.5 5 2 20 10 ic=2m a vce=2v 100 50 c tf ta=25 load resistance r l (k ) load resistance r l (k )
product specification date 06/04/2012 no.60p00075 cosmo electronics corporation photocoupler K1010 sheet 6 of 6 rev. 6 z notice the information contained in this document is intended to be a general product description and is subject to change without notice. please contact cosmo in order to obta in the latest device data sheets before using any cosmo device. cosmo does not assume any responsibility for use of any circui try described. no circuit patent licenses are implied. this publicatio n is the property of cosmo. no part of this publication may be rep roduced or copied in any form or by any means, or transferred to any th ird party without the prior written consent of cosmo electronics corporation. the devices listed in this document are designed for general applications only in electronic e quipment. no devices shall be deployed which require higher le vel of reliability such as ? medical and other life support equipments. ? space application. ? telecommunication equipment ( trunk lines ). ? nuclear power control equipment. unless it received prior writ ten approval from cosmo. cosmo takes no responsibility for damages arise form the improper usage of our device. pl ease contact cosmo for further information regarding the above notices.


▲Up To Search▲   

 
Price & Availability of K1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X